Part Number Hot Search : 
001456 630D101 2N2221AX 2000411 000WD SS110L SK74150 2N2221AX
Product Description
Full Text Search
 

To Download VSC7396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VSC7396
SparX-G5mTM - Enhanced 5+1-Port Integrated Gigabit Ethernet Switch with Transceivers
5+1 PORT WEB-MANAGED/ UNMANAGED SMB SWITCH:
EEPROM
Serial EEPROM Interface
BROADBAND ROUTER:
VSC7396
VSC7396 SparX-G5mTM SparX-G5mTM
WAN LAN VSC7396 SparX-G5mTM
R/GMII
CPU MIPS/ARM
PCI
WLAN NIC
MagJacks with Integrated Magnetics
Parallel CPU Interface
F E AT U R E S : 5+1 Gigabit Ethernet ports with nonblocking wire-speed performance 5 tri-speed (10/100/1000 Mbps) copper transceivers (IEEE 802.3ab compliant) and 1 tri-speed (RGMII/GMII) interface 136 kilobytes on-chip frame buffer SNMP and Web-based management with either V-Core CPU (on-chip 8051 CPU with royalty-free, Web-managed software stack) or off-chip 8-bit CPU DSCP remarking for both IPv4 and IPv6 frames Enhanced support for IPv4 and IPv6 multicast, including IGMP snooping and MLD snooping Jumbo frame support at all speeds (10/100/1000 Mbps) Programmable multilayer classifier with 4 QoS classes 8 k MAC addresses and 4 k VLANs (IEEE 802.1Q), as well as 8 k IP multicast group support Flexible link aggregation support based on Layer-2 through Layer-4 information (IEEE 802.3ad) Full-duplex flow control (IEEE 802.3X) and half-duplex backpressure, symmetric and asymmetric Multicast and broadcast storm control, as well as flooding control Multiple protocol support: IEEE 802.1D, IEEE 802.1w, IEEE 802.1s, and IEEE 802.1X Wire-speed automatic learning and aging Vitesse VeriPHYTM cable diagnostics and SimpliPHYTM magnetics technology
BENEFITS: Ensures maximum data throughput in highly loaded networks Reduces the need for any PHY components thereby significantly reducing overall systems cost Eliminates the need for external buffer memory while maintaining high peak load performance Enables advanced switch management, using run-time protocols, and low cost unmanaged/Web-managed operation Enables LAN edge products to generate standard priority that can be used in the core network Enables applications such as digital video distribution with efficient monitoring of IPv4 and IPv6 frames and multicast groups Connects effortlessly to networks, hosts, and controllers that use up to 9.6-kilobyte frames Optimizes network performance to support any digital stream, from internet browsing to VoIP and video Stores a large amount of stations at wire-speed in the on-chip MAC Table, ensuring optimal network performance and scalability Provides high bandwidth uplinking abilities Ensures lossless data transmission while supporting existing legacy Ethernet equipment Eliminates unwanted flooding of ports, and thereby increases overall network performance Supports complex network topologies with fast failure recovery and access control Reduces CPU overhead and enables the CPU to allocate additional cycles for protocol processing Enables real-time cable diagnostics and low cost magnetics
VPPD-01536 Revision 1.0
VSC7396
SparX-G5mTM - 5+1-Port Integrated Gigabit Ethernet Switch with Transceivers
GENERAL DESCRIPTION:
VSC7396 SparX-G5m is the highly integrated, single-chip Gigabit Ethernet switch with 5+1 Integrated GbE Copper PHY ports. As part of the Vitesse SparX Family of Switches, SparX-G5m delivers high performance with easy migration paths, and comprehensive system solutions that enable ultra-short time-to-market and market-leading system cost.
VSC7396
The switches provide for high performance designs with their nonblocking, wire-speed performance, which includes wire-speed MAC address learning. Designing both unmanaged and Web-managed solutions is straightforward. The chips offer an internal V-Core CPU (on-chip 8051) and serial and parallel CPU interfaces, and support a host of management protocols such as GxRP, SNMP, and three flavors of Spanning Tree: Standard STP, Multiple STP, and Rapid STP. Controlling networks operated by the Vitesse switches is simple; advanced classification with IPv4 and IPv6 support, along with port DSCP remarking and 802.1X authentication support, provides flexible QoS operation. This is backed up by Layer 2-4 link aggregation and VLAN support, enabling managed switches to be deployed. The VSC7396 provides Multicast Listener Discovery (MLD) snooping for more efficient management of IPv6 frames. With its unique low power dissipation, the VSC7396 enables fanless operation, thereby providing higher system reliability and lower noise, both to the benefit of the user. Designing with Vitesse SparX Family Of Switches means designing with the complete Vitesse solution: Vitesse provides a comprehensive, Web-managed switch software system for the V-Core CPU (internal 8051). This is in addition to the unmanaged and smart managed software systems for 8051, which are also included. For homegrown software development, the Vitesse full platform and OS independent switch API is supplied. Accompanying the software systems are the Vitesse Switch reference systems. These are production-ready hardware designs that also serve as evaluation platforms. The Vitesse solution is supplied with a comprehensive collateral package, including software source code, full documentation, and an in-depth qualification report for easy pre-evaluation.
A Vitesse Switch Family Member SparX-G5m is a part of the Vitesse SparXTM Family Of Unmanaged or Web-managed Switches, taking the family into a new generation of integration. With its five integrated tri-speed Gigabit Ethernet copper transceivers, one tri-speed RGMII/GMII, and several integrated management interfaces, it is specifically targeted at SMB and SOHO unmanaged applications; with its V-Core CPU (on-chip 8051) and parallel CPU interface, it enables Web-managed and managed switch applications. Being a member of the switch family provides a number of unique advantages when designing with the chip: there is nearly 100% software compatibility between the switch family members; software written for SparX-G5m can easily be used with other switch configurations in the family, and vice-versa; and with minimal effort and time, designs can be upgraded to higher port counts, or migrated to other configurations or future technology. Building a product family is easy when designing with Vitesse switches! The Vitesse SparXTM Family Of Switches SparX-G5m shares the unique traits of the Vitesse SparX Family Of Switches. The highly integrated switch supports 136 kilobytes of on-chip frame buffer, and the integration of the copper PHY as well as an internal oscillator circuit simplifies PCB layout to reduce time and cost. Further trimming down system cost is the industry's lowest power, fully integrated, Switch-plus-Copper PHY technology.
A P P L I C AT I O N S : 5-port unmanaged Gigabit Ethernet SMB/SOHO switch 5-port Web-managed Gigabit Ethernet SMB/SOHO switch 5-port LAN switch and 1-port WAN broadband (DSL/WLAN) router
S P E C I F I C AT I O N S : 25-MHz LVTTL clock 1.2 V core power supply 3.3 V interface power supply
Trademarks TM Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington, PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX, SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Copyright (c) 2006 Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent right of any manufacturer.
741 Calle Plano Camarillo, CA 93012, USA Tel: +1 805.388.3700 Fax: +1 805.987.5896 www.vitesse.com sales@vitesse.com


▲Up To Search▲   

 
Price & Availability of VSC7396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X