Part Number Hot Search : 
UF2MF H100M 1SS361 BC239 5690F1 244WP1 PZU10B2 5556PBTL
Product Description
Full Text Search
 

To Download VSC7390 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ETHERNET PRODUCTS
VSC7390
24-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
24-PORT WEB-MANAGED SMB SWITCH:
EEPROM
Serial EEPROM Interface
VSC7390 SparX-G24TM
MagJacks with Integrated Magnetics
SGMII
F E AT U R E S : 424 Gigabit Ethernet Ports with Non-blocking Wire-speed Performance 48 Integrated Tri-speed (10/100/1000 Mbps) Copper Transceivers (IEEE 802.3abTM compliant) and 16 Tri-speed SGMII Ports 4500 kb On-chip Frame Buffer 4Per-port Data Rate and Shaper Policer with a Granularity of 64 kbps for Both Ingress and Egress Direction 4Selection Between On-chip V-Core CPU or Off-chip 8-bit or 16-bit CPU for Fully Managed Applications 4DSCP Remarking for Both IPv4 and IPv6 Frames 4Jumbo Frame Support on all Ports 4Programmable Classifier for QoS, Including IEEE Std 802.1pTM and DSCP for IPv4 and IPv6, with 4 Classes of Service 48 k MAC Addresses and 4 k VLANs (IEEE Std 802.1QTM) 4Flexible Link Aggregation Compliant to IEEE Std 802.3adTM 4Full-duplex Flow Control (IEEE Std 802.3xTM) and Half-duplex Back Pressure, Symmetric and Asymmetric 4Multicast and Broadcast Storm Control as well as Flooding Control 4Vitesse VeriPHYTM Cable Diagnostics 4Multiple Protocol Support: IEEE Std 802.1DTM, IEEE Std 802.1wTM, IEEE Std 802.1sTM and IEEE Std 802.1XTM A P P L I C AT I O N S : 424-Port Unmanaged Gigabit Ethernet SMB/SME/SOHO Switch 424-Port Web-Managed Smart Gigabit Ethernet SMB/SME/SOHO Switch
BENEFITS: 4Ensures Maximum Data Throughput on Even Highly Loaded Networks 4Reduces 8 External PHYs Thereby Significantly Reducing the Overall Systems Cost - by Only Needing 2 External Octal PHYs 4Eliminates the Need for External Buffer Memory While Maintaining High Peak Load Performance 4Enables Pre-arranged Bandwidth Control and Billing 4Enables Advanced Switch Management Using Run-time Protocols, in Addition to Low Cost Unmanaged and Web-managed Operation 4Enables LAN Edge Products to Generate Standard Priority which can be Used in the Core Network 4Provides the Support of Frame Sizes up to 12.2 k Sized Jumbo Frames 4Optimizes Network Performance to Support any Digital Stream, from Internet Browsing to VoIP and Video 4Stores a Large Amount of Stations at Wire Speed in the On-chip MAC Table, Ensuring Optimal Network Performance 4Provides High Bandwidth Uplinking Abilities 4Ensures Loss-less Data Transmission while Supporting Existing Legacy Ethernet Equipment 4Eliminates Unwanted Flooding of Ports and Thereby Increases Overall Network Performance 4Enables Sophisticated Real Time Cable Diagnostics 4Supports Complex Network Topologies with Fast Failure Recovery and Access Control
PB-VSC7390-001
VSC7390
24-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
GENERAL DESCRIPTION:
VSC7390 SparX-G24TM is the highly integrated, singlechip Gigabit Ethernet switch with 8 Integrated GbE Copper PHY ports. As part of the Vitesse SparXTM Family of Switches, SparX-G24 delivers high performance with easy migration paths, and comprehensive system solutions that enable ultra-short time-to-market and market-leading system cost.
The switches provide non-blocking, wire-speed performance designs with wire-speed MAC address learning or CPU-based address learning. Designing both unmanaged and managed solutions is straightforward. The devices offer both an internal V-Core CPU and serial and parallel CPU interfaces, and support a host of management protocols such as GxRP, SNMP, and three flavors of Spanning Tree: Standard STP, Multiple STP, and Rapid STP. Controlling networks operated by the Vitesse switches is simple; advanced classification with IPv4 and IPv6 support, along with port DSCP remarking and 802.1x authentication support, provide flexible QoS operation. This is backed up by Layer 2-4 link aggregation and VLAN support, enabling managed switches to be deployed. With its unique low power dissipation, SparX-G24 reduces thermal management cost for system design and thereby provides for higher system reliability to the benefit of the user. Designing with Vitesse SparX Family of Switches means designing with the whole Vitesse Solution: The outstanding Vitesse web-managed switch software system that runs on the on-chip V-Core CPU is provided. This is in addition to the unmanaged and smart managed software systems for an external 8051, which are also included. For homegrown software development our full platform and OS independent switch API is supplied. Accompanying the software systems are the Vitesse Switch Reference Systems. These are production-ready hardware designs that also serve as evaluation platforms for our switches. The Vitesse Solution is supplied with a comprehensive collateral package, which includes software source code, full documentation, and an in-depth qualification report for easy pre-evaluation. BLOCK DIAGRAM:
Frame Bus
A Vitesse Switch Family Member SparX-G24 is a part of the Vitesse SparXTM Family of Unmanaged or Web-Managed Switches and takes the family into a new generation of integration. With its 8 tri-speed Gigabit Ethernet copper ports and 16 SGMII ports, it is specifically targeted at SMB, SME and SOHO unmanaged applications, and with its on-chip V-Core CPU and parallel CPU interface it enables web-managed and managed switch applications. Being a member of the SparXTM switch family provides a number of unique advantages when designing with the device, including software compatibility between members. Software written for SparX-G24 can therefore easily be ported from or used with other switch configurations in the family, and vice-versa. Additionally, building a product family is easy when designing with Vitesse switches. Upgrading designs to higher port counts, or migrating to other configurations or future technology is achievable with a minimum of effort and time. The Vitesse SparX Family Of Switches SparX-G24, as part of the Vitesse SparX Family of Switches, shares the unique traits of the family. The highly integrated switches require no external memory, and the integration of copper PHY as well as internal oscillator circuits simplifies the design effort. The requirement of needing only 2 power supply rails reduces the additional DC/DC converter cost. Further trimming down system cost is the persistently low power dissipation of the family. In addition, the value-added features in SparX-G24 enables the customer to provide advanced features without the need of enterprise class silicon.
Port Block
Port Block
Port Block
S P E C I F I C AT I O N S : 425-MHz, 125-MHz LVTTL Reference Clock 43.3 V Interface Power Supply 41.2 V Core Power Supply 4Thermally Enhanced PBGA Package
Shared Rx and Tx FIFO Scheduler
Shared Rx and Tx FIFO Scheduler
Shared Rx and Tx FIFO Scheduler
Port Block
Shared Rx and Tx FIFO Scheduler
Analyzer/Arbiter
RS232 Rewriter
...
Rewriter
Rewriter
Rewriter
Categorizer
Categorizer
Categorizer
Categorizer
Tri-Speed MAC
Tri-Speed MAC
Tri-Speed MAC
Tri-Speed MAC
V-Core CPU (iCPU) RS232 Interface Serial Interface Parallel Interface MII Management Interface Control/Status Registers MII 10/100 For CPU Packets
MIIM
GPIO
Tri-Speed Copper PHY
Tri-Speed Copper PHY
SGMII Macro
SGMII Macro
#8 - 15
8 Copper Interfaces
#0 - 7 + #16 - 23
16 SGMII MII 10/100 SI PI or iCPU RAM/Flash
Trademarks TM Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington, PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, VersaCAT, GigaStream, HawX, SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Copyright (c) 2005 Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent right of any manufacturer.
741 Calle Plano Camarillo, CA 93012, USA Tel: +1 805.388.3700 Fax: +1 805.987.5896 www.vitesse.com sales@vitesse.com


▲Up To Search▲   

 
Price & Availability of VSC7390

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X