Part Number Hot Search : 
294003 VRE405AD 2405DR 08U0M 1N5229 1A71B MAX39 ZD06V8
Product Description
Full Text Search
 

To Download VEC2607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN8359
VEC2607
VEC2607
Features
* *
N-Channel and P-Channel Silicon MOSFETs
General-Purpose Switching Device Applications
* *
The best suited for inverter applications. The VEC2607 incorporates an N-channel MOSFET and a P-channel MOSFET that feature low ON-resistance, thereby enabling high-density mounting. Low voltage drive. Mounting height 0.75mm.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Total Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD PT Tch Tstg PW10s, duty cycle1% Mounted on a ceramic board (900mm2!0.8mm)1unit Mounted on a ceramic board (900mm2!0.8mm) Conditions N-channel 20 10 4.5 18 0.9 1.0 150 --55 to +150 P-channel -12 8 --4 -16 Unit V V A A W W C C
Electrical Characteristics at Ta=25C
Parameter [N-channel] Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 RDS(on)3 Ciss Coss Crss ID=1mA, VGS=0V VDS=20V, VGS=0V VGS=8V, VDS=0V VDS=10V, ID=1mA VDS=10V, ID=2.5A ID=2A, VGS=4V ID=1A, VGS=2.5V ID=0.3A, VGS=1.8V VDS=10V, f=1MHz VDS=10V, f=1MHz VDS=10V, f=1MHz 20 1 10 0.5 4.5 7.5 32 40 55 570 110 80 42 57 80 1.3 V A A V S m m m pF pF pF Symbol Conditions Ratings min typ max Unit
Marking : CA
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
62005PE MS IM TB-00001478 No.8359-1/6
VEC2607
Continued from preceding page.
Parameter Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage [P-channel] Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 RDS(on)3 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD ID=--1mA, VGS=0V VDS=--12V, VGS=0V VGS=6.4V, VDS=0V VDS=--6V, ID=--1mA VDS=--6V, ID=--2A ID=--2A, VGS=--4.5V ID=--1A, VGS=--2.5V ID=--0.3A, VGS=-1.8V VDS=--6V, f=1MHz VDS=--6V, f=1MHz VDS=--6V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=--6V, VGS=--4.5V, ID=-4A VDS=--6V, VGS=--4.5V, ID=-4A VDS=--6V, VGS=--4.5V, ID=-4A IS=--4A, VGS=0V --0.3 4.5 7.6 37 54 76 940 230 180 14 120 97 110 11 1.6 2.8 --0.85 --1.5 49 75 107 --12 --10 10 --1.0 V A A V S m m m pF pF pF ns ns ns ns nC nC nC V Symbol td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=10V, VGS=4V, ID=4.5A VDS=10V, VGS=4V, ID=4.5A VDS=10V, VGS=4V, ID=4.5A IS=4.5A, VGS=0V Ratings min typ 15 105 50 52 7.6 1.2 2.1 0.85 1.2 max Unit ns ns ns ns nC nC nC V
Package Dimensions unit : mm 7012-002
0.25
Electrical Connection
8
0.15
7
6
5
0.3
8
7
65
0.25
1
2
2.9
3
0.65
4
1
0.75
1 : Source1 2 : Gate1 3 : Source2 4 : Gate2 5 : Drain2 6 : Drain2 7 : Drain1 8 : Drain1
2 3 4
2.8
2.3
Top view
1 : Source1 2 : Gate1 3 : Source2 4 : Gate2 5 : Drain2 6 : Drain2 7 : Drain1 8 : Drain1 SANYO : VEC8
0.07
No.8359-2/6
VEC2607
Switching Time Test Circuit
[N-channel]
VIN 4V 0V VIN ID=2.5A RL=4 VOUT VDD=10V 0V --4.5V VIN ID= --2A RL=3 VOUT
[P-channel]
VIN VDD= --6V
D
PW=10s D.C.1%
D
PW=10s D.C.1%
G
VEC2607 P.G 50
G
S
P.G
50
VEC2607
S
--4.5V --3.5V --3.0 V
3.0
ID -- VDS
V
[Nch]
1.5 V
--3.0
ID -- VDS
--1.8V
--2.5 V
[Pch]
6.0
V
2.5
V 2.5V 2.0 V
5.0
--2.5
3.0
Drain Current, ID -- A
V 8. 0V
4.0
1.0
10.0
1.5
--1.5
--1.5
V
2.0
Drain Current, ID -- A
V
--2.0
--1.0
VGS= --1.0V
0.5
--0.5
VGS=1.0V
0 0 0.1 0.2 0.3 0.4 IT08593 0 0 --0.1 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0
Drain-to-Source Voltage, VDS -- V
3.0
Drain-to-Source Voltage, VDS -- V
--6
IT08898
ID -- VGS
[Nch]
ID -- VGS
[Pch]
VDS=10V
2.5 --5
VDS= --6V
Drain Current, ID -- A
2.0
Drain Current, ID -- A
--4
1.5
--3
Ta=7 5C
1.0
--25 C
--2
C
Ta= 7
0.5
--1
0 0 0.5 1.0 1.5 2.0 IT08595
0 0 --0.2 --0.4 --0.6 --0.8 --1.0 --1.2 --1.4 --1.6 --1.8
Gate-to-Source Voltage, VGS -- V
120
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
160
--25 C
25
25C
5C
IT08899
[Nch] Ta=25C
RDS(on) -- VGS
[Pch] Ta=25C
Static Drain-to-Source On-State Resistance, RDS(on) -- m
100
ID=2A 1A 0.3A
Static Drain-to-Source On-State Resistance, RDS(on) -- m
140
ID= --2.0A
120
80
--1.0A
100 80 60 40 20 0 --0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5 --4.0 --4.5 --5.0 --5.5 --6.0 --6.5
--0.3A
60
40
20
0 0 1 2 3 4 5 6 7 8 IT09784
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
IT09785
No.8359-3/6
VEC2607
120
RDS(on) -- Ta
[Nch]
140
RDS(on) -- Ta
[Pch]
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Static Drain-to-Source On-State Resistance, RDS(on) -- m
100
120
100
80
60
40
20
=1.8V , VGS 0.3A I D= =2.5V , V GS =1.0A ID =4.0V A, V GS I D=2.0
80
60
40
--2.5V S= .0A, VG 1 I D= -V = --4.5 A, V GS = --2.0 ID
--0 I D=
= --1 VGS .3A,
.8V
20 0 --60
0 --60
--40
--20
0
20
40
60
80
100
120
140
160
--40
--20
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
10
IT09786
yfs -- ID
Ambient Temperature, Ta -- C
3
IT09787
[Nch]
Forward Transfer Admittance, yfs -- S
2 10 7 5 3 2 1.0 7 5 3 2 0.1 --0.01
yfs -- ID
[Pch]
Forward Transfer Admittance, yfs -- S
VDS=10V
7
VDS= --6V
5
Ta
3
-2 =-
C 5
C 75
= Ta
5 --2
C
C 25
C 25
C 75
2
1.0 0.1
2
3
5
7
1.0
2
3
5 IT09308
2
3
5 7 --0.1
2
3
5
7 --1.0
2
3
Drain Current, ID -- A
100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 7 5 3 2 0.001 0 0.2
IS -- VSD
Drain Current, ID -- A
--10 7 5 3 2 --1.0 7 5 3 2 --0.1 7 5 3 2
5 7 --10 IT03869
[Nch] VGS=0V VGS=0V
IS -- VSD
[Pch]
Source Current, IS -- A
Source Current, IS -- A
75 25 C --25 C C
Ta= 75 C 25 C
--0.4 --0.6
Ta=
0.4
0.6
0.8
1.0
1.2
1.4 IT08708
--0.01 --0.2
--25 C
--0.8
--1.0
--1.2 IT08902
Diode Forward Voltage, VSD -- V
5 3
SW Time -- ID
Diode Forward Voltage, VSD -- V
5 3
[Nch]
SW Time -- ID
[Pch] VDD= --6V VGS= --4.5V
VDD=10V VGS=4V
Switching Time, SW Time -- ns
Switching Time, SW Time -- ns
2
2
td (off)
100 7 5 3 2
100 7 5 3 2
td(off)
tf
tf
tr
tr
td(on)
td(on)
10 7 0.1 2 3 5 7 1.0 2 3 5 7
10 7 --0.1 2 3 5 7 --1.0 2 3 5 IT09310
Drain Current, ID -- A
IT09309
Drain Current, ID -- A
No.8359-4/6
VEC2607
2
Ciss, Coss, Crss -- VDS
[Nch] f=1MHz
2
Ciss, Coss, Crss -- VDS
[Pch] f=1MHz
1000
Ciss, Coss, Crss -- pF
5 3 2
Ciss, Coss, Crss -- pF
7
Ciss
1000 7 5
Ciss
Coss
100 7 5 3 0 5 10 15 20 IT08607
3
Crss
Coss
2
Crss
100 0 --2 --4 --6 --8 --10 --12 IT03872
Drain-to-Source Voltage, VDS -- V
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 1 2 3 4 5 6 7
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
--4.5 --4.0 --3.5 --3.0 --2.5 --2.0 --1.5 --1.0 --0.5 0
[Nch] VDS= --6V ID= --4A
VGS -- Qg
[Pch]
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
VDS=10V ID=4.5A
8 IT09311
0
2
4
6
8
10
12 IT09312
Total Gate Charge, Qg -- nC
3 2 10 7 5
Total Gate Charge, Qg -- nC
ASO
IDP=18A ID=4.5A
10
[Nch] 10s
1m s
3 2 --10 7 5
ASO
IDP= --16A
1m s
[Pch] <10s
10
ID= --4A
Drain Current, ID -- A
Drain Current, ID -- A
3 2 1.0 7 5 3 2 0.1 7 5 3 2
DC
10
m
s
0m
3 2 --1.0 7 5 3 2 --0.1 7 5 3 2
10
DC op era
ms
0m
s
op
s
er
ati
on
tio
n
Operation in this area is limited by RDS(on). Ta=25C Single pulse Mounted on a ceramic board (900mm2!0.8mm) 1unit
2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2 3
Operation in this area is limited by RDS(on).
0.01 0.01
--0.01 --0.01
Ta=25C Single pulse Mounted on a ceramic board (900mm2!0.8mm) 1unit
2 3 5 7 --0.1 2 3 5 7 --1.0 2 3 5 7 --10 2
1.2
Drain-to-Source Voltage, VDS -- V IT09285 PD -- Ta [Nch / Pch] Mounted on a ceramic board (900mm2!0.8mm)
Drain-to-Source Voltage, VDS -- V
IT09286
Allowable Power Dissipation, PD -- W
1.0 0.9 0.8
To t
0.6
al
Di
1u
0.4
ss
ip
ni
t
ati
on
0.2
0 0 20 40 60 80 100 120 140 160
Ambient Temperature, Ta -- C
IT09287
No.8359-5/6
VEC2607
Note on usage : Since the VEC2607 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of June, 2005. Specifications and information herein are subject to change without notice.
PS No.8359-6/6


▲Up To Search▲   

 
Price & Availability of VEC2607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X