Part Number Hot Search : 
20SY01 AXK6F 16LT1 1271A FF0750L TIP40 V6301 IW636
Product Description
Full Text Search
 

To Download UVK1E102MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
VK
Miniature Sized
series
VY
One rank smaller case sizes than VR series. Adapted to the RoHS directive (2002/95/EC).
High Temperature
VK
Smaller
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance
VR
Performance Characteristics
- 40 ~ +85C (6.3V ~ 400V), - 25C ~ +85C (450V) 6.3 ~ 450V 0.1 ~ 68000 F 20% at 120Hz, 20C
Rated voltage (V)
Leakage Current
6.3 ~ 100V After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
160 ~ 450V After 1 minute's application of rated voltage, < 1000 1 = 0.1CV+40A or less CV =
After 1 minute's application of rated voltage, CV>1000 :1 = 0.04CV+100 (A) or less
Measurement frequency : 120Hz, Temperature : 20C
tan
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Rated voltage (V) 6.3 10 16 25 35 tan (MAX.) 0.28 0.24 0.20 0.16 0.14 Rated voltage (V) Impedance ratio Z- 25C / Z+20C ZT / Z20 (MAX.) Z- 40C / Z+20C
50 0.12 35 2 4
63 0.10
100 0.08
160 ~ 250 350 ~ 450 0.20 0.25
Measurement frequency : 120Hz
Stability at Low Temperature
6.3 5 12
10 4 10
16 3 8
25 2 5
50 ~ 100 160 ~ 200 250 ~ 350 2 3 4 3 4 8
400 6 10
450 15
Endurance
After 2000 hours' application of rated voltage at 85C,capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Type numbering system (Example : 10V 330F)
Sleeve (P.E.T.)
+ MAX
d
U VK 1 A 3 3 1 MED
Configuration Capacitance tolerance (20%) Rated Capacitance (330F) Rated voltage (10V) Series name Type
P0.5
1 2 3 4 5 6 7 8 9 10 11
D
(6.3up)
D d
Pressure reliefvent P 5 2.0 0.5 0.5
L+ MAX
15MIN
4MIN 16 18 20 22 7.5 7.5 10.0 10.0 0.8 0.8 1.0 1.0 0.5 0.5 0.5 1.0
6.3 8 10 12.5 2.5 3.5 5.0 5.0 0.5 0.6 0.6 0.6 0.5 0.5 0.5 0.5
25 12.5 1.0 1.0
(mm)
(L 20) 1.5 (L 20) 2.0
* Please refer to page 21 about the end seal configulation.
Configuration Pb-free leadwire D Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 ~ 18 HD 20 ~ 25 RD
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
VK
Cap.(F)
series
Dimensions
Code
V
6.3 0J
10 1A
16 1C
25 1E
35 1V
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 680 101 221 331 471 102 222 332 472 682 103 153 223 333 473 683
8 x 11.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 20 x 40 22 x 50 25 x 50
540 890 1190 1550 1920 2350 2550 3200 3500 3900 4300
5 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 16 x 35.5 18 x 40 22 x 50 25 x 50
220 290 350 650 990 1450 1800 2250 2550 2880 3400 4500 5000
6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25 16 x 25 16 x 35.5 18 x 40 22 x 40 25 x 50
260 320 440 700 1000 1700 2100 2250 2710 3100 3800 4800
5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 25 16 x 25 16 x 25 16 x 35.5 18 x 40 22 x 50 25 x 50
180 280 390 550 860 1550 1980 2200 2600 2800 3800 4500
5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25 16 x 31.5 16 x 35.5 18 x 40 22 x 50 25 x 50
130 160 210 350 490 650 1150 1800 2100 2500 2800 3700 4300
50 1H 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 25 16 x 31.5 18 x 35.5 20 x 40 22 x 50 25 x 50
63 1J 1.3 2.9 4.3 6.2 17 28 35 40 60 5 x 11 100 95 6.3 x 11 140 125 6.3 x 11 170 155 8 x 11.5 220 210 8 x 11.5 280 260 10 x 16 490 430 10 x 20 710 590 900 760 12.5 x 20 16 x 25 1300 1350 18 x 35.5 2300 1980 20 x 40 2700 2500 22 x 50 3400 2900 25 x 50 3900 3500 4000
Case size Rated D x L (mm) ripple
Cap.(F)
Code
V
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 680 101 221 331 471 102 222 332
100 2A 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 18 x 35.5 22 x 50 25 x 50
160 2C 2.1 4.7 7 10 21 30 40 45 8 x 11.5 80 70 10 x 12.5 130 130 10 x 16 180 180 10 x 20 210 200 12.5 x 20 350 270 12.5 x 25 430 340 16 x 31.5 580 550 18 x 35.5 800 760 18 x 40 1200 1000 25 x 50 1900 1350 2400 2900
200 2D 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 40 22 x 40
250 2E 2.1 4.7 7 15 22 33 6.3 x 11 40 40 6.3 x 11 50 50 10 x 12.5 100 80 10 x 20 150 150 10 x 20 200 200 12.5 x 20 270 270 16 x 25 380 350 16 x 25 440 450 18 x 35.5 680 700 20 x 40 1000 950 22 x 50 1400 1300
350 2V
400 2G
450 2W
6.3 x 11 30 8 x 11.5 43 8 x 11.5 55 10 x 12.5 90 12.5 x 20 150 12.5 x 25 240 16 x 25 300 16 x 25 400 18 x 35.5 520 22 x 50 760 25 x 50 1000
6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 12.5 x 25 16 x 25 16 x 25 16 x 31.5 18 x 35.5 22 x 50
12 20 38 48 60 90 200 240 280 340 440 650
8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40 25 x 50
28 40 46 80 140 180 220 260 280 350
Case size Rated D x L (mm) ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
V 6.3 ~ 100
Cap.(F) Frequency
160 ~ 450
~ 68000 100 ~ 47000 1000 ~ 68000 0.1 ~ 22000 330 ~ 10000
50Hz 0.75 0.80 0.85 0.80 0.90
120Hz 1.00 1.00 1.00 1.00 1.00
300Hz 1.35 1.23 1.10 1.25 1.10
1 kHz 1.57 1.34 1.13 1.40 1.13
10kHz ~ 2.00 1.50 1.15 1.60 1.15
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UVK1E102MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X