Part Number Hot Search : 
12816 FC924 EP110 11DF2 P2K9A MAX542 00145 F900BJ
Product Description
Full Text Search
 

To Download UUT1C220MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UT
6mmL Chip Type , Wide Temperature Range
series
Chip type with load life 2000 hours at +105C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
UA Long Life
UT
UX Higher C/V
Long Life
WT
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 4 ~ 50V 0.1 ~ 100F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) , whichever is greater.
Measurement frequency :120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
4 0.37
6.3 0.28 4 6 12
10 0.24 6.3 3 8
16 0.20 10 3 5
25 0.16 16 2 4 25 2 3
35 0.13 35 2 3
50 0.12 50 2 3
Measurement frequency :120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 40C / Z+20C ZT / Z20 (MAX.)
Endurance
After 2000 hours' application of rated voltage at 105C , capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 25% of initial value (16V or less) Within 20% of initial value (25V or more) 200% or less of initial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
105C Marking Capacitance Lot No. Voltage Plastic platform 0.3MAX. 0.5MAX. Positive
Type numbering system (Example : 16V 10F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UUT 1C 1 0 0 MCL1GS
D 4
C0.2
X2P 10 16V
D0.5
B0.2
E
A B C E L
1.8 4.3 4.3 1.0 5.8
5 2.1 5.3 5.3 1.3 5.8
(mm) 6.3 2.4 6.6 6.6 2.2 5.8
Taping code Configuration Capacitance tolerance (20%) Rated Capacitance (10F) Rated voltage (16V) Series name Type
L0.3 Voltage mark for 6.3V is 6V .
0.5 ~ 0.8
Negative
Dimensions
V Cap.(F) Code
4 0G
6.3 0J
10 1A
A0.2
A0.2
16 1C
25 1E
35 1V 4 4 4 4 4 4 4 5 6.3
50 1H 1.0 2.6 3.2 3.8 6.2 11 14 19 30
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101
4 5 5 6.3
22 30 36 60
4 5 5 6.3
22 30 36 60
5 5 6.3 6.3
27 35 46 60
4 5 6.3 6.3
18 30 40 50
4 5 6.3 6.3
13 23 38 48
4 5 6.3
15 25 42
Case size D (mm)
Allowable Rated ripple ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UX(p.74), UJ(p.76) series if high C/V products are required. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUT1C220MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X