Part Number Hot Search : 
C2852 FST3125 A1371 MT3S0 D152K EL519207 35LH011 2SC46
Product Description
Full Text Search
 

To Download UUK1V330MCO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UK
6mmL Chip Type, For general Audio Equipment
series
Chip type acoustic series. Applicable to automatic insertion machine using carrier tape. Adapted to the RoHS directive (2002/95/EC)
UK
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance
Leakage Current
Chip
MW
Performance Characteristics
- 40 ~ +85C 4 ~ 50V 0.1 ~ 220F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
tan
4 0.35
6.3 0.26 4 7 15
10 0.20 6.3 4 8
16 0.16 10 3 8
25 0.14 16 2 4 25 2 4
35 0.12 35 2 3
50 0.12 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 2000 hours' application of rated voltage at 85C, capacitors meet the characteristics requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristics requirements Initial specified value or less Leakage current listed at right. Black print on the case top.
Chip Type
Capacitance Lot No. Voltage Plastic platform 0.3MAX. 0.5MAX. Positive
Type numbering system (Example : 16V 10F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
U U K 1 C 1 0 0 MCO 1 G S
(mm)
D
C0.2
Taping code Size code Configuration Rated Capacitance tolerance (20%) Capacitance (10F ) Rated voltage (16V ) Series name Type
L0.3 0.5 ~ 0.8 Voltage mark for 6.3V is 6V . Negative
A B C E L
4 1.8 4.3 4.3 1.0 5.8
5 6.3 2.1 2.4 5.3 6.6 5.3 6.6 1.3 2.2 5.8 5.8
Dimensions
V Cap.(F) Code
4 0G
6.3 0J
A0.2 A0.2
X2 10 16V
D0.5
B0.2
E
10 1A
16 1C
25 1E
35 1V 4 4 4 4 4 4 4 5 6.3
50 1H 1.0 2.0 2.8 4.0 8.4 13 17 20 33
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221
4 4 5 6.3
28 33 56 96
4 5 5 6.3
28 37 45 70
5 5 6.3
33 41 52
4 5 6.3 6.3
23 37 49 58
4 5 6.3 6.3
16 27 42 52
4 5 6.3
18 29 46
Case size D
Rated ripple
Rated Ripple(mArms)at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUK1V330MCO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X