Part Number Hot Search : 
1N750 HT162 SFP840 4HCT40 3X471K SP2003 SMC520 XM15B
Product Description
Full Text Search
 

To Download UUJ1E102MNL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UJ
Chip Type, Higher Capacitance Range
series
Chip Type, higher capacitance in larger case sizes (12.5, 16, 18, 20) Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape and tray. Adapted to the RoHS directive (2002/95/EC).
UH
High Temperature
UJ
Bi-Polarized
UN
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
- 55 ~ +105C (6.3 ~ 100V), - 40 ~ +105C (160 ~ 450V) 6.3~450V 3.3~6800F 20% at 120Hz, 20C
Rated voltage (V) -- Rated voltage (V) tan (MAX) Rated voltage (V) 6.3 0.26 6.3 5 10 10 0.22 10 4 8 16 0.18 16 3 6 6.3 ~ 100 160~450 50 0.12 50 2 3 63 0.10 63 2 3 100 0.08 100 2 3
Performance Characteristics
After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
25 0.16 25 2 4 35 0.14 35 2 3
I = 0.04CV+100 ( A) max.(1 minute's) 160 ~ 250 400 * 450 120Hz
0.15 0.20
20C
120Hz
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. 160 ~ 250
3 6
400 * 450
6 10
Stability at Low Temperature Impedance ratio
ZT / Z20 (MAX.)
Z-25C / Z+20C Z-40C / Z+20C
Endurance
After 5000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Black print on the case top.
Chip Type
Trade mark Voltage Lot No. Plastic platform A0.2 B0.2
Type numbering system (Example : 50V 330F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
U U J 1H 3 3 1 M NL 1 MS
330 F
nichicon
H0536
50V
Package code
B D0.5
B0.2 C0.2 E
UJ
Taping Tray Size code
MS ZD
Capacitance
L0.5
A0.2
Series
Pressure relief vent
Configuration Capacitance Tolerance (20%) Rated Capacitance (330F) D 12.5 ~ 18 20 Code NL RL
(mm)
H0.1
BD
A B C E
12.5 4.0 13.6 16.0 8.0 2.5
16. 4.5 17.1 19.5 10.5 3.75
18. 5.0 19.1 21.5 11.5 3.75
20. 5.0 21.1 23.5 13.5 3.75
The lead terminal structure : The same bent lead type (refer to p.60) that is currently used on 10mm diameter and smaller parts, is also available upon request. In this case of the bent lead type, Q Please ask for details. will be put at the 11th digit of type numbering system.
Rated voltage (50V) Series name Type
Dimensions
(F)
Cap. Code
H
V 221 331 471 102 222 332 472 682 V
6.3 0J
10 1A
16 1C
25 1E
12.5 x 13.5 12.5 x 16.0 18 x 16.5 18 x 21.5 320 400 700 1050
35 1V
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5 20 x 21.5 280 360 490 750 1150
50 1H
12.5 x 16.0 16 x 16.5 18 x 16.5 18 x 21.5 320 440 550 820
220 330 470 1000 2200 3300 4700 6800 (F)
Cap.
12.5 x 13.5 16 x 16.5 18 x 16.5 18 x 21.5 20 x 21.5
440 750 930 1100 1350
12.5 x 16.0 16 x 16.5 18 x 16.5 18 x 21.5 20 x 21.5
500 810 1000 1200 1450
12.5 x 13.5 16 x 16.5 18 x 16.5 18 x 21.5
360 630 930 1150
63 1J
100 2A
160 2C
200 2D
250 2E
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5 18 x 21.5 20 x 21.5 65 105 180 230 280 340
400 2G
12.5 x 16.0 16 x 16.5 18 x 21.5 20 x 21.5 50 85 130 160
450 2W
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 21.5 20 x 21.5 40 50 85 130 160
Code
3.3 4.7 10 22 33 47 68 100 220 330 470
3R3 4R7 100 220 330 470 680 101 221 331 471
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5 18 x 21.5
175 225 385 490 590
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5 20 x 21.5
160 205 285 440 500
12.5 x 13.5 16 x 16.5 18 x 16.5 16 x 21.5
95 260 320 380
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5 18 x 21.5 20 x 21.5
80 105 220 270 330 410
Case size D x L (mm) ".
Rated Ripple
Size 12.5 x 21 is available for capacitors marked," ". Size 16 x 21.5L is available for capacitors marked," ". Size 20 x 16.5L is available for capacitors marks," In this case, 6 will be put at 12th digit of type numbering system.
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
V 6.3 ~ 100 160 ~ 450
Cap. (F)
Frequency
00 ~ 68 0100 ~ 4700 1000 ~ 6800 3.3 ~ 100
50Hz 0.75 0.80 0.85 0.80
120Hz 1.00 1.00 1.00 1.00
300Hz 1.35 1.23 1.10 1.25
1kHz 1.57 1.34 1.13 1.40
10kHz~ 2.00 1.50 1.15 1.60
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUJ1E102MNL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X