Part Number Hot Search : 
2SD143 STS9015 AR0233AT E1307 ML9488 CR13003 68100 PHAWOZ
Product Description
Full Text Search
 

To Download UUG0J103MNL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UG
Chip Type, Higher Capacitance Range
series
Chip Type , higher capacitance in larger case sizes (12.5, 16, 18, 20) Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape and tray. Adapted to the RoHS directive (2002/95/EC).
UJ
High Temperature
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
- 40 ~ +85C 6.3 ~ 450V 4.7 ~ 10000F 20% at 120Hz, 20C
Rated voltage (V) -- Rated voltage (V) tan (MAX) Rated voltage (V) 6.3 0.28 6.3 5 12 10 0.24 10 4 10 16 0.20 16 3 8
UG
Performance Characteristics
6.3 ~ 100
160 ~ 450 50 0.12 50 2 3 63 0.10 63 2 3 100 0.08 100 2 3
After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
25 0.16 25 2 5 35 0.14 35 2 4
I = 0.04CV+100 ( A) max.(1 minute's) 160 ~ 250 400 * 450 120Hz
0.20 0.25
20C
120Hz
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. 160 ~ 250
3 6
400 * 450
6 10
Stability at Low Temperature Impedance ratio
ZT / Z20 (MAX.)
Z-25C / Z+20C Z-40C / Z+20C
Endurance
After 2000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above.
Black print on the case top.
Chip Type
Trade mark Voltage Lot No. B0.2 Plastic platform A0.2
Type numbering system (Example : 50V 330F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UUG 1 H 3 3 1 M NL 1 MS
nichicon
330 F
H0536
50V
B D0.5
B0.2
C0.2
Package code Taping Tray Size code MS ZD
UG
Capacitance
L0.5
A0.2
Series
E
Pressure relief vent
Configuration Capacitance Tolerance (20%) Rated Capacitance (330F) D 12.5 ~ 18 20 Code NL RL
(mm)
H0.1
BD
A B C E H
12.5 4.0 13.6 16.0 8.0 2.5
16. 4.5 17.1 19.5 10.5 3.75
18. 5.0 19.1 21.5 11.5 3.75
20. 5.0 21.1 23.5 13.5 3.75
The lead terminal structure : The same bent lead type (refer to p.60) that is currently used on 10mm diameter and smaller parts, is also available upon request. In this case of the bent lead type, Q Please ask for details. will be
Rated voltage (50V) Series name Type
put at the 11th digit of type numbering system.
Dimensions
(F)
Cap. Code
V 221 331 471 102 222 332 472 682 103 V
Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H
12.5 x 13.5 12.5 x 13.5 16 x 16.5 18 x 21.5 450 520 740 1150
220 330 470 1000 2200 3300 4700 6800 10000
(F)
Cap.
12.5 x 16.0 16 x 16.5 16 x 16.5 18 x 16.5 18 x 21.5
890 1200 1400 1650 2000
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5 18 x 21.5 20 x 21.5
620 960 1300 1500 1850 2200
12.5 x 13.5 16 x 16.5 18 x 16.5 18 x 21.5
710 1150 1450 1750
12.5 x 13.5 12.5 x 16.0 18 x 16.5 18 x 21.5
550 820 1350 1700
12.5 x 13.5 16 x 16.5 18 x 21.5
580 1000 1550
63 1J
100 2A
160 2C
200 2D
250 2E
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5 18 x 21.5 150 240 340 415 490
400 2G
12.5 x 13.5 16 x 16.5 18 x 16.5 18 x 21.5 20 x 21.5 115 140 280 350 430
450 2W
12.5 x 13.5 16 x 16.5 16 x 21.5 18 x 21.5 115 140 275 345
4.7 10 22 33 47 68 100 220 330 470
4R7 100 220 330 470 680 101 221 331 471
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5
370 580 680 850
12.5 x 13.5 12.5 x 16.0 18 x 16.5 18 x 21.5
350 440 665 825
12.5 x 16.0 16 x 16.5 18 x 16.5
370 500 590
12.5 x 13.5 12.5 x 16.0 16 x 16.5 18 x 16.5 18 x 21.5
235 310 415 505 590
Case size D x L (mm)
Rated Ripple
Size 12.5x21 is available for capacitors marked," ". Size 16x21.5L is available for capacitors marked," ". Size 20x16.5L is available for capacitors marks," In this case, 6 will be put at 12th digit of type numbering system.
".
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
V 6.3 ~ 100 160 ~ 450
Cap.(F)
Frequency
0 ~ 68 100 ~ 4700 1000 ~ 10000 4.7 ~ 100
50Hz 0.75 0.80 0.85 0.80
120Hz 1.00 1.00 1.00 1.00
300Hz 1.35 1.23 1.10 1.25
1kHz 1.57 1.34 1.13 1.40
10kHz~ 2.00 1.50 1.15 1.60
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUG0J103MNL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X