Part Number Hot Search : 
SMV3460A BA6305 KA3S1265 40048 0128A MAX30010 CYT2506 H1012
Product Description
Full Text Search
 

To Download UTM1H220MED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
TM
Timer Circuit Use
series
Ideally suited for timer circuits. Excellent leakage current stability, even subjected to load or no load at high temperature for a long time. Adapted to the RoHS directive (2002/95/EC).
KL
High Stability
TM
Performance Characteristics
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
- 40 ~ +85C 10 ~ 50V 1 ~ 470F 20% (M) (10% (K) semi-standard) at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is 0.001CV+1 (A) or less.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
10 0.17
16 0.13 10 2 4 16 2 3
25 0.10 25 1.5 2
50 0.08 50 1.5 2
Within 10% of initial value 150% or less of initial specified value Initial specified value or less
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 2000 hours' application of rated voltage at 85C, capacitors meet the characteristics requirements listed at right.
Capacitance change tan Leakage current
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Bd
Type numbering system (Example : 10V 33F)
+0.5MAX.
UTM 1 A 3 3 0 MPD
P 0.5 Pressure relief vent L+1MAX. 15MIN 4MIN
1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (M : 20%, K : 10%) Rated Capacitance (33F) Rated voltage (10V) Series name Type Configuration Pb-free leadwire BD Pb-free PET sleeve 6.3 ED 8 a 10 PD 12.5 a 16 HD
BD
BD
6.3 8 10 12.5 16 P 2.5 3.5 5.0 5.0 7.5 Bd 0.5 0.6 0.6 0.6 0.8
(mm)
* Please refer to page 21 about the end seal configulation.
Dimensions
Cap. (F) V Code
10 1A
16 1C
25 1E
1 2.2 3.3 4.7 10 22 33 47 100 220 330 470
010 2R2 3R3 4R7 100 220 330 470 101 221 331 471
6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 10 x 20 12.5 x 25 12.5 x 25
6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25 16 x 25
6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 16 12.5 x 20 16 x 25 16 x 25 16 x 31.5
D x L (mm) 50 1H 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 31.5
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UTM1H220MED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X