Part Number Hot Search : 
TMP47C 10CIH07B PIC30F MP1508G AD792 TGL6425 AVR600 21002
Product Description
Full Text Search
 

To Download URZ1E220MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
RZ
Compact & Low-Profile Sized, Wide Temperature Range
series
Very small case sizes same as RS series, but operating over wide temperature range of - 55 (- 40) ~ +105C. Adapted to the RoHS directive (2002/95/EC).
(Through 100V only)
RZ
High Temperature
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance
RS
Performance Characteristics
- 55 ~ +105C (6.3 ~ 100V) , - 40 ~ +105C (160 ~ 400V) 6.3 ~ 400V 0.1 ~ 10000F 20% at 120Hz, 20C
Rated voltage (V) 6.3 ~ 100 After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater. After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater. 160 ~ 400 After 1 minute's application of rated voltage, I = 0.04CV+100 (A) or less
Leakage Current
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Measurement frequency : 120Hz, Temperature : 20C
tan
Rated voltage (V)
tan (MAX.)
6.3 0.28
10 0.24
16 0.20 6.3 5 10
25 0.16 10 4 8
35 0.14 16 3 6 25 2 4
50 0.12 35 2 3
63 0.10 50 2 3
100 0.08 63 2 3
160 0.20 100 2 3
200 0.20 160 3 4 200 3 4
250 0.20 250 3 6
400 0.25 400 6 10
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Type numbering system (Example : 10V 330F)
d
1 2 3 4 5 6 7 8 9 10 11 12 Size code
URZ 1 A 3 3 1 MPD
Configuration
P 0.5
D+0.5 MAX
Capacitance tolerance (20%) Rated Capacitance (330F) Rated voltage (10V)
Pressure relief vent
(8up)
Series name
L+
MAX
15MIN
4MIN
Type Configuration
(mm)
(D < 20) 1.5 (D 20) 2.0
D P d
5 2.0 0.5
6.3 2.5 0.5
8 3.5 0.6
10 5.0 0.6
12.5 5.0 0.6
16 7.5 0.8
18 7.5 0.8
20 10.0 1.0
D 5 * 6.3 8 * 10 12.5 ~ 18 20
Pb-free leadwire Pb-free PET sleeve
DD PD HD RD
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
RZ
Cap.(F)
series
Dimensions
V
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H 5x 9 5x 9 5x 9 5x 9 5x 9 5x 9 25 40 60 75 95 155 235 340 420 720 1110 1430 5x 9 5x 9 6.3 x 9 10 x 9 5x 9 5x 9 1.1 2.3 3.5 5 12 18 25 30 46 65 85 100 170 290 370 540 830 1250
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000
Code 0R1
R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 5x 9 5x 9 5x 9 6.3 x 9 8x 9 5x 9 25 40 55 90 145 180 235 370 635 860 1010 1200 1450 5x 9 5x 9 6.3 x 9 8x 9 8x 9 5x 9 5x 9 40 55 65 95 155 210 275 450 690 940 1120 1330 1700 5x 9 5x 9 6.3 x 9... 10 x 9.. 8 x 9.. 5x 9 5x 9 30 50 60 70 115 205 240 290 520 830 1050 1260 1560 5x 9 5x 9 5x 9 6.3 x 9... 10 x 9.. 10 x 9.. 5x 9 5x 9 20 35 55 70 80 130 220 270 370 590 970 1220 1470 5x 9 5x 9 6.3 x 9 10 x 9 5x 9 5x 9
8x 9
6.3 x 9 10 x 12.5 16 x 15
6.3 x 9 10 x 9
12.5 x 15
16 x 15 18 x 15 18 x 20
16 x 15
12.5 x 15
10 x 12.5 16 x 15
.12.5 x 12.5. 16 x 15 18 x 15 18 x 20 18 x 25
10 x 9..
12.5 x 15... 18 x 20 18 x 25 18 x 15
...10 x 12.5
12.5 x 12.5 18 x 20 20 x 25 16 x 15
10 x 12.5
12.5 x 12.5 18 x 20 20 x 25
18 x 15 18 x 20 18 x 25
Case size D x L (mm)
Rated ripple
V Cap.(F) Code
63 1J
100 2A 5x 9 5x 9 5x 9 5x 9 5x 9 5x 9 6.3 x 9 42 71 100 120 215 335 510 640 6.3 x 9 10 x 9 8x 9 5x 9 1.2 3 4.5 6.5 12 17 25 32 50 93 130 165 265 440 540
160 2C
200 2D
250 2E
400 2G
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 470
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 680 101 151 221 331 471 12.5 x 12.5 12.5 x 15.5 16 x 15.5 10 x 9.51 6.3 x 9.51 8 x 9.51 8 x 9.51 5 x 9.51
10 x 12.5
12.5 x 15 16 x 15
18 x 20
* 18 x 15
.20 x 25 18 x 25
16 x 15
300 350 420 510 550
18 x 20
* 18 x 15
18 x 25
.16 x 15
250 300 350 420 510
. 18 x 20
* 18 x 15
.16 x 15
200 250 300 350 420
* 18 x 15
18 x 25
16 x 15 18 x 20 20 x 25
100 200 250 300 350
.18 x 20 .18 x 25
.18 x 25
18 x 15
D x L (mm)
Case size
Rated ripple
Rated Ripple (mArms) at 105C 120Hz Size 16 x 20 is available for capacitors marked " " Size 20 x 15 is available for capacitors marked " " Size 20 x 20 is available for capacitors marked " "
*
Frequency coefficient of rated ripple current
V 6.3 ~ 100 160 ~ 400
Cap.(F) Frequency
100 ~ 470 100 ~ 470 1000 ~00000 010 ~ 220
50Hz 0.75 0.80 0.85 0.80
120Hz 1.00 1.00 1.00 1.00
300Hz 1.35 1.23 1.10 1.25
1 kHz 1.57 1.34 1.13 1.40
10kHz ~ 2.00 1.50 1.15 1.60
In this case, 6 will be put at 12th digit of type numbering system.
Wider range of rating.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of URZ1E220MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X