Part Number Hot Search : 
I1810S 1N5349B LR38630 4WC01Y H34063 30N60 ZTX238 SRA22
Product Description
Full Text Search
 

To Download UHD0J102MHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
HD
High Ripple Low Impedance
series
Approved by Reliability Center for Electronic Component, Japan-Certification No. RCJ-03-23C
Lower impedance at high frequency range. Smaller case size and high ripple current. Adapted to the RoHS directive (2002/95/EC).
Low Impedance
HC
HD
Smaller
Specifications
ltem Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
HV
Performance Characteristics
- 40 ~ +105C 6.3 ~ 50V 22 ~ 6800F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Rated voltage (V) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10
120Hz 20C
tan
tan (MAX.)
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Rated voltage (V)
Stability at Low Temperature
6.3 2 3
10 2 3
16 2 3
25 2 3
35 2 3
50 2 3
120Hz
Impedance ratio ZT / Z20 (MAX.)
Z-25C / Z+20C Z-40C / Z+20C
< After an application of D.C. bias voltage plus the rated ripple current for 5000 hours ( D = 6.3 : 2000 hours, D=8 : 3000 hours, D=10 : 4000 hours) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed below.
Endurance
Capacitance change tan Leakage current
Marking
Within 25% of initial value 200% or less of initial specified value lnitial specified value or less
Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.) +0.5 MAX.
fd
Type numbering system (Example : 10V 3300F)
UHD 1 A 3 3 2 M HD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12 Size code Configuration Capacitance tolerance ( 20%) Rated Capacitance (3300mF) Rated voltage (10V) Series name Type
(f6.3up)
Pressure relief vent
fD
L+ MAX.
15MIN
4MIN
(L < 20) 1.5 (L 20) 2.0
fD
P
fd
In case L > 25 for the f12.5 dia. unit, lead dia. f d = 0.8mm.
* Please refer to page 21 about the end seal configulation.
(mm) 5 6.3 8 10 12.5 16 2.0 2.5 3.5 5.0 5.0 7.5 0.5 0.5 0.6 0.6 0.6 0.8
Configuration Pb-free leadwire fD Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 a16 HD
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HD
series
Standard ratings
V (Code)
6.3 (0J)
Case size D x L (mm)
10 (1A)
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Item
Cap.(F) 100 150 220 330 470 560 680 820 1000 1200 1500 2200 3300 3900 4700 5600 6800
Code
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
101 151 221 331 471 561 681 821 102 122 152 222 332 392 472 562 682 8 x 15 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 16 x 20 16 x 25 8 x 11.5 6.3 x 11 5 x 11
5 x 11
0.30 0.13 0.072 0.056 0.053 0.041 0.038 0.023 0.022 0.021 0.018 0.016 0.018 0.015 0.016
1.0 0.41 0.22 0.17 0.16 0.13 0.12 0.069 0.066 0.053 0.045 0.041 0.045 0.039 0.043
250 405 760 995 1030 1250 1430 1820 2150 2360 2770 3290 3140 3400 3460
0.30 0.13 0.072
1.0 0.41 0.22
250 6.3 x 11 405 8 x 11.5 760 8 x 15 10 x 12.5
0.056 0.053 0.041 0.038 0.023 0.022 0.021 0.018 0.016 0.015 0.018 0.016
0.17 0.16 0.13 0.12 0.069 0.066 0.053 0.045 0.041 0.039 0.045 0.043
995 1030 1250 1430 1820 2150 2360 2770 3290 3400 3140 3460 8 x 20 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25
V (Code)
16 (1C)
Case size D x L (mm)
25 (1E)
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Item
Cap. (F) 47 56 100 120 220 330 470 680 820 1000 1200 1500 1800 2200 2700 3300 3900
Code
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
470 560 101 121 221 331 471 681 821 102 122 152 182 222 272 332 392 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25 0.018 0.016 0.018 0.015 0.016 0.045 0.041 0.045 0.039 0.043 2770 3290 3140 3400 3460 10 x 20 10 x 25 12.5 x 20 0.023 0.022 0.021 0.069 0.066 0.053 1820 2150 2360 8 x 11.5 8 x 15 10 x 12.5 8 x 20 10 x 16 0.072 0.056 0.053 0.041 0.038 0.22 0.17 0.16 0.13 0.12 760 995 1030 1250 1430 6.3 x 11 0.13 0.41 405 5 x 11 0.30 1.0 250
5 x 11 6.3 x 11 8 x 11.5 8 x 15 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25
0.30 0.13 0.072 0.056 0.053 0.041 0.038 0.023 0.022 0.021 0.018 0.016 0.018 0.015 0.016
1.0 0.41 0.22 0.17 0.16 0.13 0.12 0.069 0.066 0.053 0.045 0.041 0.045 0.039 0.043
250 405 760 995 1030 1250 1430 1820 2150 2360 2770 3290 3140 3400 3460
: In this case, 6 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HD
series
Standard ratings
V (Code)
35 (1V)
Case size D x L (mm)
50 (1H)
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Item
Cap.(F) 22 33 56 100 120 150 180 220 270 330 470 560 680 820 1000 1200 1500 1800
Code
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
220 330 560 101 121 151 181 221 271 331 471 561 681 821 102 122 152 182 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25 8 x 15 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 25 12.5 x 20 8 x 11.5 5 x 11 6.3 x 11
5 x 11
0.34 0.14 0.074 0.061 0.061 0.046 0.042 0.030 0.028 0.027 0.023 0.021 0.019 0.023 0.021
1.18 0.50 0.22 0.18 0.18 0.14 0.12 0.090 0.085 0.068 0.059 0.052 0.051 0.059 0.056
238 385 724 950 979 1190 1370 1580 1870 2050 2410 2860 2960 2730 3010
0.30 0.13
1.0 0.41
250 405 6.3 x 11 8 x 11.5 8 x 15
0.072 0.056 0.053 0.041 0.038 0.023 0.022 0.021
0.22 0.17 0.16 0.13 0.12 0.069 0.066 0.053
760 995 1030 1250 1430 1820 2150 2360
10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 16 x 20
0.018 0.016 0.018 0.015 0.016
0.045 0.041 0.045 0.039 0.043
2770 3290 3140 3400 3460
16 x 25
: In this case, 6 will be put at 12th digit of type numbering system.
Frequency coefficient of rated ripple current
Cap. (F) Frequency
50Hz
0.45 0.60 0.65 0.75
120Hz 0.55 0.70 0.75 0.80
1kHz 0.75 0.85 0.90 0.95
10kHz 0.90 0.95 0.98 1.00
100kHz 1.00 1.00 1.00 1.00
22 ~ 33 39 ~ 330 390 ~ 1000 1200 ~ 6800
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UHD0J102MHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X