Part Number Hot Search : 
AT107 TQP3M9 UMZ27K BSS138A GBLLC03C DG20206 2SC32 P062A
Product Description
Full Text Search
 

To Download UF4007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF4001 ... UF4007
UF4001 ... UF4007
Ultrafast Switching Si-Rectifiers - Ultraschnelle Si-Gleichrichter Version 2006-04-26 Nominal current Nennstrom
O 2.6
-0.1
1A 50...1000 V DO-41 DO-204AL 0.4 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
0.5
Type
62.5
5.1
-0.1
O 0.80.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings Type Typ UF4001 UF4002 UF4003 UF4004 UF4005 UF4006 UF4007 Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 TA = 50C f > 15 Hz TA = 25C TA = 25C IFAV IFRM IFSM i2t Tj TS
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 1 A 1) 10 A 1) 30/33 A 4.5 A2s -50...+175C -50...+175C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
UF4001 ... UF4007 Characteristics Type Typ UF4001 ... UF4003 UF4004 UF4005 ... UF4007 Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Reverse recovery time Sperrverzugszeit trr [ns]1) < 50 < 50 < 75 Tj = 25C Tj = 100C Kennwerte Forward voltage Durchlass-Spannung VF [V] < 1.0 < 1.25 < 1.7 VR = VRRM VR = VRRM IR IR RthA RthL at / bei IF = [A] 1 1 1 < 10 A < 50 A < 45 K/W 2) < 15 K/W
120 [%] 100
10 [A]
UF4001...3
1 80
UF4004 UF4005...7
60
0.1
40 10-2 20 IFAV 0 0 TA 50 100 150 [C]
1
IF 10-3
Tj = 25C
VF
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
[V]
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
1 2
IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25 A Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of UF4007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X