Part Number Hot Search : 
GFC9220 LBT13802 5N05L 15GD1 74LS3 UDA15 10100 AN1438
Product Description
Full Text Search
 

To Download TSS70U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSS70U
Pb
RoHS
COMPLIANCE
0.2Amp Surface Mount Schottky Barrier Diode 0603
Features
Designed for mounting on small surface Extremely thin/leadless package Low capacitance Low forward voltage drop High temperature soldering: 260oC/10 seconds at terminals Chip version in 0603
Mechanical Data
Case: 0603 Standard package, molded plastic Terminals: Gold plated, solderable per MIL-STD-750, method 2026. Polarity: Indicated by cathode band Mounting position: Any Package code: RZ Weight: 0.003 gram (approximately)
ITEM L W T C D
0603 0.071(1.80) 0.063(1.60) 0.039(1.00) 0.031(0.80) 0.033(0.85) 0.027(0.70) 0.018(0.45) Typical 0.028(0.70) Typical
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical characteristics
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
o
Type Number
Repetitive Peak Reverse Voltage DC Reverse Voltage RMS Reverse Voltage Average Forward Current Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Power Dissipation Forward Voltage IF=1mA IF=15mA Reverse Leakage Current VR=25V Typical capacitance between terminals VR=0V, f =1.0MHz reverse voltage Reverse Recovery Time (IF=IR=10mA, Irr=0.1 x IR, RL=100) Junction Temperature Storage Temperature
Symbol
VRRM VR VR(RMS) IO IFSM Pd VF IR CJ Trr TJ TSTG
0603
70 70 49 70 100 150 0.41 1.0 0.1 2 5 -65 to + 125 -65 to + 125
Units
V V V mA mA mW V uA pF nS
o o
C C
Version: A07
RATINGS AND CHARACTERISTIC CURVES(TSS70U)
Version: A07


▲Up To Search▲   

 
Price & Availability of TSS70U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X