Part Number Hot Search : 
1N5264UR DS4212AN SI4642DY HN3C13F 2462B L3216Q AN970 FE30JPT
Product Description
Full Text Search
 

To Download TN0520N2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 -
Ordering Information
BVDSS / BVDGS 200V 240V
ETE - OBSOL
Order Number / Package TO-39 TN0520N2 -- TO-92 TN0520N3 TN0524N3
TN0520 TN0524 Low Threshold
N-Channel Enhancement-Mode Vertical DMOS FETs
RDS(ON) (max) 10 10 ID(ON) (min) 300mA 300mA VGS(th) (max) 1.5V 1.5V
Die TN0520ND TN0524ND
MIL visual screening available
7
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
High Reliability Devices
See pages 5-4 and 5-5 for MILITARY STANDARD Process Flows and Ordering Information.
Features
Low threshold --1.5V max. High input impedance Low input capacitance -- 45pF typical Fast switching speeds Low on resistance Free from secondary breakdown Low input and output leakage Complementary N- and P-channel devices
Applications
Logic level interfaces - ideal for TTL and CMOS Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds. 7-39 BVDSS BVDGS 20V -55C to +150C 300C
DGS
SGD
TO-39 Case: DRAIN
TO-92
Note: See Package Outline section for dimensions.
TN0520/TN0524
Thermal Characteristics
Package TO-39 TO-92 ID (continuous)* 0.7A 0.3A ID (pulsed) 1.5A 1.0A Power Dissipation @ TC = 25C 3.5W 1.0W
jc
ja
IDR* 0.7A 0.3A
IDRM 1.5A 1.0A
C/W
35 125
C/W
125 170
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) V GS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current TN0524 TN0520 Min 240 200 0.6 -3.0 1.5 -4.0 100 10 500 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr ON-State Drain Current Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time 0.15 100 300 360 850 9.0 7.0 0.9 0.35 45 15 3.0 3.0 3.0 5.0 3.0 1.1 400 60 35 8.0 5.0 5.0 10 9.0 2.5 V ns VGS = 0V, ISD = 100mA VGS = 0V, ISD = 100mA ns VDD = 25V ID = 0.3A RGEN = 25 pF VGS = 0V, VDS = 25V f = 1 MHz 15 10 1.5 %/C A mA V mV/C nA Typ Max Unit V Conditions VGS= 0V, ID =1mA VGS = VDS, ID = 1.0mA VGS = VDS, ID = 1.0mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VDS = 0V, VGS = 0.8 Max Rating TA = 125C VGS = 3V, VDS = 25V VGS = 5V, VDS = 25V VGS = 3V, ID = 50mA VGS = 5V, ID = 100mA VGS = 5V, ID = 100mA VDS = 25V, ID = 0.2A
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
10V
-
tF
ETE - OBSOL
VDD
RL
90% INPUT
0V
PULSE GENERATOR
Rgen
10%
t(ON)
t(OFF) tr td(OFF)
td(ON)
VDD
10%
10%
INPUT
OUTPUT
0V
90%
90%
7-40
OUTPUT
D.U.T.
TN0520/TN0524
Typical Performance Curves
Output Characteristics
2.0
LETE - OBSO -
1.0 0.8 VGS = 10V 6V
Saturation Characteristics
VGS = 10V 1.6 6V
ID (amperes)
4V
0.8
ID (amperes)
1.2
0.6
0.4
4V 0.4 2V 0 0 20 40 60 80 100 0 0 2 4 6 8 10 0.2 2V
VDS (volts) Transconductance vs. Drain Current
0.5 5
VDS (volts) Power Dissipation vs. Case Temperature
7
0.4
TA = -55C
4 TO-39
GFS (siemens)
0.2
PD (watts)
0.3
TA = 25C
3
TA = 150C
2
TO-92 0.1 VDS = 25V 0 0 0.2 0.4 0.6 0.8 1.0 0 0 25 50 75 100 125 150 1
ID (amperes) Maximum Rated Safe Operating Area
1.0 TO-92 (pulsed) 1.0
TC ( C) Thermal Response Characteristics
Thermal Resistance (normalized)
0.8 TO-39 PD = 3.5W Tvv = 25C
TO-39 (DC)
ID (amperes)
0.1 TO-92 (DC)
0.6
0.4
0.01 TC = 25C
0.2
TO-92 P D = 1W T C = 25C 0.01 0.1 1.0 10
0.001 1 10 100 1000
0 0.001
VDS (volts)
tp (seconds)
7-41
Typical Performance Curves
BVDSS Variation with Temperature
1.20
LETE - OBSO -
On-Resistance vs. Drain Current
20
TN0520/TN0524
V GS = 3V
1.14 16
BVDSS (normalized)
RDS(ON) (ohms)
VGS = 5V
12
1.08
1.02
8
0.96
4
0.90 -50 0 50 100 150
0 0 0.2 0.4 0.6 0.8 1.0
Tj ( C) Transfer Characteristics
1.5
ID (amperes) V(th) and RDS Variation with Temperature
2.4
VDS = 25V
1.2
TA = 25 C
1.6 2.0
TA = -55 C
VGS(th) (normalized)
1.4
R DS(ON) @ 5V, 0.1A
1.6
0.9
TA =125 C
0.6
1.2
V(th) @ 1.0mA
1.2
1.0 0.8 0.8
0.3
0 0 2 4 6 8 10 -50 0 50 100 150
0 0.4
VGS (volts) Capacitance vs. Drain-to-Source Voltage
100 10
Tj ( C) Gate Drive Dynamic Characteristics
f = 1MHz
8 75
VDS = 10V VDS = 40V
C (picofarads)
VGS (volts)
6
50
CISS
125 pF
4
25
COSS
CRSS
0 0 10 20 30 40
2
50pF
0 0 0.4 0.8 1.2 1.6 2
VDS (volts)
QG (nanocoulombs)
7-42
RDS(ON) (normalized)
ID (amperes)


▲Up To Search▲   

 
Price & Availability of TN0520N2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X