Part Number Hot Search : 
1N4744A HD66002 PAD50 12DH6 1N4744A 1N4744A D00469 2SB794
Product Description
Full Text Search
 

To Download TMXW365 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Filters
TMX W365
SAW Bandpass Filter - WCDMA Rx - RF
Specification (Rev 1)
Features................................................................................... P01 Package Drawing & Pin out.................................................... P01 Technical Characteristics ....................................................... P02 Matching Network.................................................................... P02 Nominal Response.................................................................. P03 Maximum Ratings.................................................................... P04 Marking & Packaging .............................................................. P04
TMX W365
SAW Bandpass Filter - WCDMA Rx - RF
Specification (Rev 1) October 25 , 2005
th
Features
q q q q q
Rx Filter for WCDMA 2140 MHz Center Frequency 60 MHz useable Passband 50 Ohms Single Input / 200 Ohms Balanced Configuration Ceramic Package for Surface Mounted Technology
Package Drawing & Pin out The product is in conformance with the European RoHs Regulation 2002/95.
Pin Configuration Input Output Case ground G C, D A, B, E, F
1
TMX W365
SAW Bandpass Filter - WCDMA Rx - RF
Specification (Rev 1)
Technical Characteristics Reference Temperature : +25C Electrical Parameters Source Impedance (single ended) Load Impedance (balanced drive) Center Frequency fo Bandwidth at -3 dB Absolute attenuation 180 MHz to 200 MHz 200 MHz to 1000 MHz 1000 MHz to 1880 MHz 1880 MHz to 1980 MHz 1980 MHz to 2050 MHz 2050 MHz to 2255 MHz 2255 MHz to 2300 MHz 2300 MHz to 2490 MHz 2490 MHz to 2550 MHz 2550 MHz to 3200 MHz 3200 MHz to 6000 MHz dB dB dB dB dB dB dB dB dB dB dB 60 50 29 26 22 13 19 22 30 32 38 85 58 36 32 28 20 25 26 39 36 49 3.1 4.1 Unit MHz MHz Minimum 60 Typical (1) 50 200(2) 2140 Maximum -
October 25 , 2005
th
Insertion Loss within 2110 MHz ~ 2170 MHz dB Symmetry in band (referenced to the matched operating condition) Output amplitude balance (|S31 / S21|) within dB -2.9 2110 MHz ~ 2170 MHz Output phase balance (? (S31) - ? (S21)+180) degree -10 within 2110 MHz ~ 2170 MHz Input VSWR within 2110 MHz ~ 2170 MHz Output VSWR within 2110 MHz ~ 2170 MHz Ripple within 2110 MHz ~ 2170 MHz dB -
0 0 1.7 1.8 0.9
1.4 15 2.4 2.4 1.8
Notes : (1) Typical values are nominal performances at room temperature. (2) External matching network is required. (3) The amplitude variation is defined as the maximum level - minimum level over the given bandwidth.
Matching Network
2
TMX W365
SAW Bandpass Filter - WCDMA Rx - RF
Specification (Rev 1) October 25 , 2005
th
Nominal Frequency Response (Measurements) Frequency Response
Frequency Response
3
TMX W365
SAW Bandpass Filter - WCDMA Rx - RF
Specification (Rev 1) October 25 , 2005
th
Maximum Ratings
Operating Temperature Range Storage Temperature Range
C C
[-25C ; +85C] [-40C ; +85C]
Marking
LINE 1 LINE 2
Line 1: "P C" with P for the code product identification and C for the partner identifier Line 2: "Y W" with Y for the last digit of the year and W for the week code (A to Z for the week 1 to 26 and a to z for the week 27 to 52.
Packaging 1. 2. 3. Temex label ESD Prevention label Pb free label (if applicable)
3
Scanning Orientation
4


▲Up To Search▲   

 
Price & Availability of TMXW365

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X