Part Number Hot Search : 
H01N60S LP28007 127141N LET21008 EM73362 DS2411 M1300 NZH6V8B
Product Description
Full Text Search
 

To Download TLP706F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP706F
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP706F
Intelligent power module signal isolation Industrial inverters Motor drive
The Toshiba TLP706F consists of a GaAAs light-emitting diode and an integrated high-gain, high-speed photodetector. The TLP706F is suitable for isolating input control signals to intelligent power modules. This unit is a 6-pin SDIP. The TLP706F is 50% smaller than the 8-PIN DIP and meets the reinforced insulation class requirements of international safety standards. Therefore the mounting area can be reduced in equipment requiring safety standard certification. The detector has a totem pole output stage to provide both source and sink driving.The detector IC has an internal shield that provides a guaranteed common-mode transient immunity of 10 kV/s. The TLP706F is buffer logic type. For inverter logic type, the TLP702F is in line-up. Absolute Maxmum ratings and electrical characteristics are the same as The TLP706 technical data sheets. Buffer logic type ( totem pole output ) Pb Free Guaranteed performance over temperature : -40~100C Power supply voltage : 4.5~20 V Input current: IFHL = 5 mA (max.) Switching time ( tpLH / tpHL) : 600 ns (max.) Common-mode transient immunity : 10 kV/s (min) Isolation voltage : 5000 Vrms (min) UL Recognized :UL1577, File No.E67349 Option (D4) TUV Approved : DIN EN60747-5-2 No.R50033433 Maximum Operating Insulation Voltage : 1140VPK Highest Permissible Over Voltage : 8000VPK IF (Note) : When a EN60747-5-2 approved type is needed, Please designate "Option(D4)" Construction Mechanical Rating
Creepage Distance Clearance Insulation Thickness 8.0 mm (min) 8.0 mm (min) 0.4 mm (min)
Unit in mm
4.580.25
654
+0.15 3.65 -0.25
6.80.25
1.270.2 0.40.1
0.25 +0.10
-0.05
123
7.620.25
0.750.25 11.70.3
11-5J101
TOSHIBA
11-5J101
Weight0.26 g (t yp .)
Pin Configuration (Top View) 1 2 3
GND SHIELD VCC
6 5 4
1:ANODE 2:N.C. 3:CATHODE 4:GND 5:Vo 6:Vcc
Schematic
ICC
6
Tr1 IO Tr2
VCC
1
VF
3
5
VO
Truth Table
Input H L LED ON OFF Tr1 ON OFF Tr2 OFF ON Output H L SHIELD
0.1 F bypass capacitor must be connected between pins 6 and 4. (Note 4)
4
GND
1
2007-10-01
3.9 -0.15
+0.25
TLP706F
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
2
2007-10-01


▲Up To Search▲   

 
Price & Availability of TLP706F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X