Part Number Hot Search : 
HI127 DG309CK SF166C 24100 DB106S SMCJ15CA N2G181M RT9505
Product Description
Full Text Search
 

To Download TA8216HQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA8216HQ
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8216HQ
Dual Audio Power Amplifier
The TA8216HQ is dual audio power amplifier for consumer applications. This IC provides an output power of 13 watts per channel (at VCC = 28V, f = 1kHz, THD = 10%, RL = 8 ). It is suitable for power amplifier of music center.
Features
* * High output power: Pout = 13 W/channel (Typ.) (VCC = 28 V, RL = 8 , f = 1 kHz, THD = 10%) Low noise: Vno = 0.14 mVrms (Typ.) (VCC = 28 V, RL = 8 , GV = 34dB, Rg = 10 k, BW = 20 Hz~20 kHz) * * * * Very few external parts. Built in audio muting circuit. Built in thermal shut down protector circuit. Operation supply voltage range (Ta = 25C) : VCC (opr) = 10~37 V (RL = 8 ) : VCC (opr) = 10~24 V (RL = 4 ) Weight: 4.04 g (typ.)
1
2004-08-25
TA8216HQ
Block Diagram
VCC 6 Ripple Filter IN1 AMP1 5 3 1 9 VCC
IN1
4
OUT1
7 RL
400 Pre-GND 400
20 k PW-GND 10 20 k AMP2 12
RL OUT2
IN2
2
IN2
8
11
Application Information
1. Voltage gain
The closed loop voltage gain is determined by R1, R2.
Input Output 7/12 R2 400 R1 20 k
G V = 20 log
R1 + R 2 (dB) R2
4/2 5/1
20 k + 400 = 20log 400 = 34 (dB) R1 + R 2 + R 3 (dB) R2 + R3
Input
Figure 1
G V = 20 log
When R3 = 220 GV 30 (dB) - is given.
4/2 R3 5/1 R2 400 R1 20 k
Output 7/12
Figure 2
2
2004-08-25
TA8216HQ
2. Muting
(1) Audio muting This IC is possible to make audio muting operation by using 11 pin muting terminal. In Fig.3, the equivalent circuit in the muting circuit section is shown. By means of reducing the voltage of 11 pin down to 2.8 V or less in Fig.3, Q1 is turned ON and the base voltage of Q2 in the differential circuit fabricated with Q2 and Q3. Therefore, with the voltage reduction of 11 pin, the input circuits of dummy of input terminal and that in the doted line operate and cut-off the input signal. After muting, the bias circuit continues 1st operation and the power supply current of quiescent time. 8 pin, the capacitor terminal for reducing the pop noise can reduce the pop noise through making the time constant longer by means of inserting the capacitor externary. In the care this terminal is not used, short 8 pin with 11 pin. The voltage of 11 pin set up to 4 V or more. IC internal muting at VCC OFF When VCC = 8 V or less at VCC off, the detection circuit at VCC off is operated. And the base voltage of Q1 is reduced and the muting operation is mode.
(2)
9 Reference voltage The detection circuit at VCC OFF Q1 100 1 k Q2 Q3 I1 I2 I3 I4 I5 I6
VCC
Q6 D1 D2
Q4 Q5
20 k
7/12 OUT
11 Mute
8
2/4 IN
Figure 3
3. Precaution for 4 load resistance use
Internal output current detection and protection circuit protect the IC from the influence of unusual excess current. And this function causes the interrupted sound in case of excess input voltage with VCC higher than recommended supply voltage (24V). Therefore, the power supply regulation must be fully investigated so as not to make the VCC be high than recommendation supply voltage (24V).
Cautions
This IC is not proof enough against a strong E-M field by CRT which may cause malfunction such as leak. Please set the IC keeping the distance from CRT.
400 1/5 NF
3
2004-08-25
TA8216HQ
Standard PCB TA8216H
(Bottom View)
4
2004-08-25
TA8216HQ
Maximum Ratings (Ta = 25C)
Characteristics Supply voltage Output current (Peak/ch) Power dissipation Operation temperature Storage temperature Symbol VCC IO (peak) PD (Note) Topr Tstg Rating 40 3.0 25 -20~75 -55~150 Unit V A W C C
Note: Derated above Ta = 25C in the proportion of 200 mW/C.
Electrical Characteristics
Characteristics Quiescent current
(unless otherwise specified VCC = 28 V, RL = 8 , Rg = 600 , f = 1 kHz, Ta = 25C)
Symbol ICCQ Pout (1) Output power Pout (2) Pout (3) Total harmonic distortion Voltage gain Input resistance Ripple rejection ratio Output noise voltage Cross talk Muting threshold voltege THD GV RIN R.R. Vno C.T. Vth 11 Test Circuit Vin = 0 THD = 10% THD = 1% THD = 10%, VCC = 24 V, RL = 4 Pout = 2 W Vout = 0.775 Vrms (0dBm) Rg = 0, fripple = 100 Hz Vripple = 0.775 Vrms (0dBm) Rg = 10 k, BW = 20 Hz~20 kHz Rg = 10 k, Vout = 0.775 Vrms (0dBm) Test Condition Min 10 32.5 -40 2.6 Typ. 50 13 10 13 0.04 34.0 30 -50 0.14 -70 2.8 Max 105 0.2 35.5 0.3 % dB k dB mVrms dB V W Unit mA
Typ. DC Voltage of Each Terminal (VCC = 28 V, Ta = 25C)
Terminal No. DC voltage (V) 1 1.6 2 20m 3 GND 4 20m 5 1.6 6 9.4 7 13.0 8 5.0 9 VCC 10 GND 11 2.8 12 13.0
5
2004-08-25
TA8216HQ
Test Circuit
47 F 1000 F VCC
6 Ripple Filter IN1 4 IN1 AMP1 5 3 1 400 Pre-GND 400 20 k AMP2 IN2 2.2 F 2 IN2 20 k
9
2.2 F
OUT1
2.2
7
1000 F
PW-GND 10 2.2
0.12 F 0.12 F
47 F 47 F
RL
RL
OUT2
12
1000 F
8 *2
11 *1 Vth 2.8 V -
(*1) Mute on at 11 pin low Vth 11 = 2.8 V (Typ.) VCC = 28 V, Ta = 25C (*2) The capacitor for reducing POP noise at mute ON.
6
2004-08-25
TA8216HQ
THD - Pout
20 10 5 3 VCC = 28 V RL = 8 20 10 5 3 f = 1 kHz RL = 8
THD - Pout
(%)
Total harmonic distortion THD
Total harmonic distortion THD
(%)
VCC = 22 V 28 1 0.5 0.3
37
1 0.5 0.3 f = 10 kHz 0.1 0.05 0.03 0.1 0.3 0.5 1 3 5 10 30 50 100 100 Hz 1 kHz
0.1 0.05 0.03 0 0.1 0.3 0.5 1 3 5 10 30 50 100
Output power
POUT
(W)
Output power
POUT
(W)
THD - f
5 3 VCC = 28 V Pout = 1 W RL = 8 80 70
GV - f
VCC = 28 V f = 1 kHz RL = 8
Total harmonic distortion THD
(%)
0.5 0.3
GV (dB) Voltage gain
30 50 100 300 500 1k 3k 5k 10k 30k 50k 100k
1
60 50 40 30 20 10
0.1 0.05 0.03
0.01
0
30 50 100
300 500 1k
3k 5k 10k
30k 50k 100k
Frequency f
(Hz)
Frequency f
(Hz)
R.R. - f
0 -10 -20 -30 -40 -50 -60 -70 -80 VCC = 28 V RL = 8 Rg = 0 Vripple = 0.775Vrms (0dBm) 0 -10 -20 -30 -40 -50 -60 -70 -80
R.R. - Rg
VCC = 28 V RL = 8 Vripple = 0.775Vrms (0dBm) fripple = 100 Hz
(dB)
R.R.
Ripple rejection ratio
30 50 100
300 500 1k
3k 5k 10k
Ripple rejection ratio
R.R.
(dB)
30k 50k100k
30 50 100
300 500 1k
3k 5k 10k
30k 50k 100k
Frequency f
(Hz)
Singnal source resistance Rg
()
7
2004-08-25
TA8216HQ
C.T. - f
0 -10 -20 -30 -40 -50 -60 -70 -80 VCC = 28 V f = 1 kHz Vout = 0.775Vrms (0dBm) RL = 8 Rg = 10 k 0 -10 -20 -30 -40 -50 -60 -70 -80
C.T. - Rg
VCC = 28 V f = 1 kHz RL = 8 Vout = 0.775Vrms (0dBm)
Cross talk C.T. (dB)
30 50 100
300 500 1k
3k 5k 10k
30k 50k100k
Cross talk C.T. (dB)
30 50 100
300 500 1k
3k 5k 10k
30k 50k 100k
Frequency f
(Hz)
Singnal source resistance Rg
()
Vno - Rg
1.6 24 VCC = 28 V RL = 8 f = 1 kHz RL = 8 /4 THD = 10 %
Pout - VCC
(mVrms)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
20
(W) Output power Pout
16 12 RL = 4 8 8 4 30 50 100 300 500 1k 3k 5k 10k 30k 50k100k 0 10
Output noise voltage VNO
14
18
22
26
30
34
38
42
Singnal source resistance Rg
()
Supply voltage
VCC
(V)
ICCQ, VOUT - VCC
240 Vin = 0 32 VCC = 28 V f = 1 kHz Pout = 2 W RL = 8 DUAL OPE.
THD - Ta
HEAT SINK 80 x 80 x 2 mm A (7C/W)
(mA)
Output DC voltage VOUT (V)
(%) Total harmonic distoriont THD
0.2 0.1 0.05 0.03 0.01 -40
180
24
Quiescent current
ICCQ
120
16
VOUT 60 ICCQ 8
0 0
8
16
24
32
0
-20
0
20
40
60
80
100
Supply voltage
VCC
(V)
Ambient temperature Ta (C)
8
2004-08-25
TA8216HQ
ICCQ - Ta
(mVrms)
80 HEAT SINK 80 x 80 x 2 mm A (7C/W) VCC = 28 V RL = 8 0.5
Vno - Ta
HEAT SINK 80 x 80 x 2 mm A (7C/W) VCC = 28 V RL = 8 Rg = 10 k
(mA)
70
0.4
ICCQ
Quiescent current
60
Output noise voltage VNO
-20
0.3
50
0.2
40
0.1
30 -40
0
20
40
60
80
100
0 -40
-20
0
20
40
60
80
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
PD - Pout
24 24
PD - Pout
f = 1kHz RL = 4 DUAL Operation VCC = 24 V 16 20
(W)
20
VCC = 37 V
THD = 1% 10%
Power dissipation PD
16
Power dissipation PD
32
(W)
28
20
12
12
28 V 23 V f = 1kHz RL = 8 DUAL Operation 4 8 12 16 20 24
8
8
4
4
0 0
0 8
12
16
20
24
28
32
36
40
Output power
Pout
(W)
Output power
Pout
(W)
PD MAX - Ta
(W)
30 24
PD MAX - VCC
f = 1kHz RL = 4 /8 20
(w)
1: INFINITE HEAT SINK 25 1 2: 4.1C/W A HEAT SINK 3: 9.5C/W A HEAT SINK
Maximum power dissipation PD MAX
Allowable power dissipation PD MAX
20 2 15 3
16
12 RL = 4 8 8
10
5
4
0 0
25
50
75
100
125
150
175
0 8
12
16
20
24
28
32
36
40
Ambient temperature Ta (C)
Supply voltage
VCC
(V)
9
2004-08-25
TA8216HQ
Package Dimensions
Weight: 4.04 g (typ.)
10
2004-08-25
TA8216HQ
About solderability, following conditions were confirmed
* Solderability
(1) Use of Sn-63Pb solder Bath * solder bath temperature = 230C * dipping time = 5 seconds * the number of times = once * use of R-type flux (2) Use of Sn-3.0Ag-0.5Cu solder Bath * solder bath temperature = 245C * dipping time = 5 seconds * the number of times = once * use of R-type flux
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EBF
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. * This product generates heat during normal operation. However, substandard performance or malfunction may cause the product and its peripherals to reach abnormally high temperatures. The product is often the final stage (the external output stage) of a circuit. Substandard performance or malfunction of the destination device to which the circuit supplies output may cause damage to the circuit or to the product.
11
2004-08-25


▲Up To Search▲   

 
Price & Availability of TA8216HQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X