Part Number Hot Search : 
CM2020 T321046 RDF11 PD55GB40 SMBJ50 L2500 D1207 0201F
Product Description
Full Text Search
 

To Download SYS321000ZK-020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1M x 32 SRAM MODULE
SYS321000ZK/LK - 012/015/020/025
Issue 1.5 : December 1998 Description The SYS321000ZK/LK is a industry standard plastic 32Mbit Static RAM Module housed in a 72 pin plastic SIMM & ZIP package organised as 1M x 32. The module utilises fast SRAMs housed in SOJ packages, and uses double sided surface mount techniques to achieve a very high density module. The module has four Chip Selects, which allow reading and writing to individual bytes or words. The pins PD0-3, are used to identify module memory density in applications where alternative modules can be interchanged.
* * * *
Features
Access Times of 12/15/20/25 ns. 72 Pin ZIP, SIMM package 5 Volt Supply 10%. Low Power Dissipation: Average (min cycle) Standby -L Version (CMOS) * * * Completely Static Operation. On-board Supply Decoupling Capacitors. Equivalent to EDI part EDI8F321024C, IDT part IDT7MP4120, and Cypress part CYM1851. 7.48 W (Max). 22 mW (Max).
Block Diagram
A0 - A19 WE OE 1M x 4 SRAM CS1 D0 - D3 1M x 4 SRAM D4 - D7
Pin Definition
ZIP
NC PD3 PD0 D0 D1 D2 D3 VCC A7 A8 A9 D4 D5 D6 D7 WE A14 CS1 CS3 A16 GND D16 D17 D18 D19 A10 A11 A12 A13 D20 D21 D22 D23 GND A19 NC
SIMM
1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 53 55 57 59 61 63 65 67 69 71 NC PD2 GND PD1 D8 D9 D10 D11 A0 A1 A2 D12 D13 D14 D15 GND A15 CS2 CS4 A17 OE D24 D25 D26 D27 A3 A4 A5 VCC A6 D28 D29 D30 D31 A18 NC
TOP VIEW
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56 58 60 62 63 64 68 70 72
1M x 4 SRAM CS2
D8 - D11
1M x 4 SRAM
D12 - D15
1M x 4 SRAM CS3
D16 - D19
1M x 4 SRAM
D20 - D23
NC NC PD2 PD3 GND PD0 PD1 D0 D8 D1 D9 D2 D10 D3 D11 VCC A0 A7 A1 A8 A2 A9 D12 D4 D13 D5 D14 D6 D15 D7 GND WE A15 A14 CS2 CS1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
1M x 4 SRAM CS4
D24 - D27
1M x 4 SRAM
D28 - D31
Pin Functions
Address Inputs Data Input/Output Chip Select Presence Detect Write Enable Output Enable No Connect Power (+5V) Ground
A0 - A19 D0 - D31 CS1-4 PD0-3 WE OE NC VCC GND
PD0=PD2=GND PD1=PD3=OPEN
CS4 CS3 A17 A16 OE GND D24 D16 D25 D17 D26 D18 D27 D19 A3 A10 A4 A11 A5 A12 VCC A13 A6 D20 D28 D21 D29 D22 D30 D23 D31 GND A18 A19 NC NC
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72
Package Details Plastic 72 Pin SIMM Plastic 72 Pin ZIP
ISSUE 1.5 : December 1998
SYS321000ZK/LK - 012/015/20/25
DC OPERATING CONDITIONS Absolute Maximum Ratings (1)
Parameter
Voltage on any pin relative to VSS Power Dissipation Storage Temperature
Symbol
V PT TSTG
(2) T
Min
-0.3 -55
Typ
-
Max
7.0 8.0 125
Unit
V W o C
Notes : (1) Stresses above those listed may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. (2) VT can be -2.0V pulse of less than 10ns.
Recommended Operating Conditions
Parameter
Supply Voltage Input High Voltage Input Low Voltage Operating Temperature
Symbol
VCC VIH VIL TA TAI
Min
4.5 2.2 -0.3 0 -40
Typ
5.0 -
Max
5.5 VCC+0.3 0.8 70 85
Unit
V V V o C o C
(Commercial) (Industrial)
DC Electrical Characteristics (VCC=5V10%)
TA 0 to 70 oC
Parameter
I/P Leakage Current
Symbol Test Condition
Address,OE,WE Worst Case
Min Typ
-16 -16 2.4 -
max
16 16 1360 480 80 0.4 -
Unit
A A mA mA mA V V
ILI ILO ICC1 ISB1 ISB2 VOL VOH
0V < VIN < VCC CS = VIH, VI/O = GND to VCC Min. Cycle, CS = VIL,VIL VCC-0.2V, 0.2Output Leakage Current Average Supply Current Standby Supply Current Output Voltage
TTL CMOS
Typical values are at VCC=5.0V,TA=25oC and specified loading. CS above refers to CS1~4.
Capacitance (VCC=5V10%,TA=25oC)
Note: Capacitance calculated, not measured.
Parameter
Input Capacitance (Address,OE,WE) I/P Capacitance (other) I/O Capacitance
Symbol Test Condition
CIN1 CIN2 CI/O VIN = 0V VIN = 0V VI/O = 0V
max
64 10 80
Unit
pF pF pF
2
SYS321000ZK/LK - 012/015/20/25
ISSUE 1.5 : December 1998
AC Test Conditions
Output Load
* Input pulse levels: 0V to 3.0V * Input rise and fall times: 3ns * Input and Output timing reference levels: 1.5V * Output load: see diagram * VCC=5V10%
I/O Pin
645 1.76V 100pF
Operation Truth Table
CS
H L L L L
OE
X L H L H
WE
X H L L H
DATA PINS
High Impedance Data Out Data In Data In High-Impedance
SUPPLY CURRENT
ISB1 , ISB2 , ISB3 ICC1 ICC1 ICC1 ISB1 , ISB2 , ISB3
MODE
Standby Read Write Write High-Z
Notes : H = VIH : L =VIL : X = VIH or VIL
3
ISSUE 1.5 : December 1998
SYS321000ZK/LK - 012/015/20/25
AC OPERATING CONDITIONS
Read Cycle
-12
Parameter Read Cycle Time Address Access Time Chip Select Access Time Output Enable to Output Valid Output Hold from Address Change Chip Selection to Output in Low Z Output Enable to Output in Low Z Chip Deselection to O/P in High Z Output Disable to Output in High Z Symbol tRC tAA tACS tOE tOH tCLZ tOLZ tCHZ tOHZ min 12 3 3 0 0 0 max 12 12 6 7 7
-15
min 15 3 3 0 0 0 max 15 15 7 7 7
-20
min 20 4 3 0 0 0 max 20 20 10 8 8
-25
min 25 5 3 0 0 0 max 25 25 12 10 10 Unit ns ns ns ns ns ns ns ns ns
Write Cycle
-12
Parameter Write Cycle Time Chip Selection to End of Write Address Valid to End of Write Address Setup Time Write Pulse Width Write Recovery Time Write to Output in High Z Data to Write Time Overlap Data Hold from Write Time Output active from End of Write Symbol tWC tCW tAW tAS tWP tWR tWHZ tDW tDH tOW min 12 8 8 0 15 0 0 6 0 0 max 6 -
-15
min 15 12 12 0 15 0 0 8 0 0 max 7 -
-20
min 20 15 15 0 15 0 0 10 0 0 max 8 -
-25
min 25 15 15 0 15 0 0 12 0 0 max 10 Unit ns ns ns ns ns ns ns ns ns ns
4
SYS321000ZK/LK - 012/015/20/25
ISSUE 1.5 : December 1998
Read Cycle Timing Waveform (1,2)
t RC
Address
t AA
OE
t OE t OLZ t OH
CS1~4
t ACS t CLZ (4,5) t OHZ (3)
Don't care.
Dout
Data Valid
t CHZ (3,4,5)
AC Read Characteristics Notes (1) WE is High for Read Cycle. (2) All read cycle timing is referenced from the last valid address to the first transition address. (3) tCHZ and tOHZ are defined as the time at which the outputs achieve open circuit conditions and are not referenced to output voltage levels. (4) At any given temperature and voltage condition, tCHZ (max) is less than tCLZ (min) both for a given module and from module to module. (5) These parameters are sampled and not 100% tested.
Write Cycle No.1 Timing Waveform(1,4)
tWC
Address
t WR(7)
OE
t AS(6)
t AW t CW
CS1~4
Don't Care
WE
t OHZ(3,9) t WP(2) High-Z t DW t DH t OW
(8)
Dout
High-Z
Din
Data Valid
5
ISSUE 1.5 : December 1998
SYS321000ZK/LK - 012/015/20/25
Write Cycle No.2 Timing Waveform (1,5)
tWC
Address
t AS(6) t CW t WR(7)
CS1~4
t AW t WP(2)
WE
t WHZ(3,9) t OW High-Z t DW
tOH
(8) (4)
Don't Care
Dout
High-Z
t DH
Din
Data Valid
AC Write Characteristics Notes (1) All write cycle timing is referenced from the last valid address to the first transition address. (2) All writes occur during the overlap of CS1~4 and WE low. (3) If OE, CS1~4, and WE are in the Read mode during this period, the I/O pins are low impedance state. Inputs of opposite phase to the output must not be applied because bus contention can occur. (4) Dout is the Read data of the new address. (5) OE is continuously low. (6) Address is valid prior to or coincident with CS1~4 and WE low, too avoid inadvertant writes. (7) CS1~4 or WE must be high during address transitions. (8) When CS1~4 are low : I/O pins are in the output state. Input signals of opposite phase leading to the output should not be applied. (9) Defined as the time at which the outputs achieve open circuit conditions and are not referenced to output voltage levels. These parameters are sampled and not 100% tested.
6
SYS321000ZK/LK - 012/015/20/25
ISSUE 1.5 : December 1998
Package Information
Dimensions in mm(inches)
Plastic 72 Pin ZIP
97.79 MAX 8.89 MAX.
14.61 MAX.
2.54 TYP.
6.35 TYP.
2.54 TYP.
Plastic 72 Pin SIMM
1 08 .0 8 M ax. 9.10 Max 15.00 Max. 6.35 Typ. 1.27 Typ.
Ordering Information
SYS 321000 ZK/LK I - 015
Speed 012 015 020 025 Blank I Blank = 12 ns = 15 ns = 20 ns = 25 ns = Commercial Temp. = Industrial Temp. = Standard Part
Temperature range
Power Consumption
Package
ZK LK 321000 SYS
= Plastic 72 Pin ZIP = Plastic 72 Pin SIMM = 1M X 32 = Static RAM
Organisation Memory Type
Note : Although this data is believed to be accurate the information contained herein is not intended to and does not create any warranty of merchantibility or fitness for a particular purpose. Our products are subject to a constant process of development. Data may be changed without notice. Products are not authorised for use as critical components in life support devices without the express written approval of a company director.
7


▲Up To Search▲   

 
Price & Availability of SYS321000ZK-020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X