Part Number Hot Search : 
EL1517 RB715 D476A 74S00FC GBPC1506 LVA519 5ZSXE HMC6042
Product Description
Full Text Search
 

To Download STP10NK70ZFP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP10NK70ZFP STP10NK70Z
N-CHANNEL 700V - 0.75 - 8.6A - TO220-TO220FP Zener-Protected SuperMESHTM MOSFET
General features
Type VDSS RDS(on) ID 8.6 A 8.6 A Pw 110 W 35 W STP10NK70Z 700 V <0.85 STP10NK70ZFP 700 V <0.85
s s s s s s
Package
EXTREMELY HIGH dv/dt CAPABILITY
3
IMPROVED ESD CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEABILITY
TO-220
1
2
3 1 2
TO-220FP
Internal schematic diagram
Description
The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications.
Applications
s s
HIGH CURRENT, HIGH SPEED SWITCHING IDEAL FOR OFF-LINE POWER SUPPLIES, ADAPTOR AND PFC
Order codes
Sales Type STP10NK70Z STP10NK70ZFP Marking P10NK70Z P10NK70ZFP Package TO-220 TO-220FP Packaging TUBE TUBE
August 2005
Rev 2 1/13
www.st.com 13
1 Electrical ratings
STP10NK70Z - STP10NK70ZFP
1
Table 1.
Electrical ratings
Absolute maximum ratings
Parameter TO-220 VDS VDGR VGS ID ID Drain-Source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20k) Gate-Source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor 8.6 5.4 34 150 1.20 4000 4.5 --55 to 150 2500 700 700 30 8.6 (Note 3) 5.4 (Note 3) 34 (Note 3) 35 0.28 Value TO-220FP V V V A A A W W/C V V/ns V C Unit
Symbol
IDM Note 2 PTOT
Vesd(G-S) dv/dt Note 1 VISO Tj Tstg
G-S ESD (HBM C=100pF, R=1.5k) Peak Diode Recovery voltage slope Insulation Withstand Volatge (DC) Operating Junction Temperature Storage Temperature
Table 2.
Thermal data
TO-220 TO-220FP 3.6 62.5 300 Unit C/W C/W C
Rthj-case Rthj-amb Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-amb Max Maximum Lead Temperature For Soldering Purpose
0.83
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche Current, repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj=25C, ID=IAR, VDD = 50V) Max Value 8.6 350 Unit A mJ
2/13
STP10NK70Z - STP10NK70ZFP
2 Electrical characteristics
2
Electrical characteristics
(TCASE = 25 C unless otherwise specified)
Table 4.
Symbol V(BR)DSS IDSS
On/off states
Parameter Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate Body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-Source On Resistance Test Conditions ID = 1mA, V GS= 0 VDS = Max Rating, VDS = Max Rating,Tc = 125C VGS = 20V, VDS = 0 VDS= VGS, ID = 100 A VGS= 10 V, ID= 4.5 A 3 3.75 0.75 Min. 700 1 50
10
Typ.
Max.
Unit V A A A V
IGSS VGS(th) RDS(on)
4.5 0.85
Table 5.
Symbol gfs Note 4 Ciss Coss Crss Coss eq. Note 5 Qg Qgs Qgd
Dynamic
Parameter Forward Transconductance Test Conditions VDS =15V, ID = 4.5A Min. Typ. 7.7 2000 190 41 98 64 12 33 90 Max. Unit S pF pF pF pF nC nC nC
Input Capacitance VDS =25V, f=1 MHz, V GS=0 Output Capacitance Reverse Transfer Capacitance Equivalent Ouput Capacitance VGS=0, VDS =0V to 560V Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD=560V, ID = 9 A VGS =10V (see Figure 17)
Table 6.
Symbol td(on) tr td(off) tf tr(Voff) tf tc
Switching times
Parameter Turn-on Delay Time Rise Time Test Conditions VDD=350 V, ID=4.5 A, RG=4.7, VGS=10V (see Figure 18) VDD=350 V, ID=4.5A, RG=4.7, VGS=10V (see Figure 18) VDD=560 V, ID=9A, RG=4.7, VGS=10V (see Figure 18) Min. Typ. 22 19 Max. Unit ns ns
Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time
46 19 11 10 22
ns ns ns ns ns
3/13
2 Electrical characteristics
STP10NK70Z - STP10NK70ZFP
Table 7.
Symbol ISD ISDMNote 2 VSDNote 4 trr Qrr IRRM
Source drain diode
Parameter Source-drain Current Source-drain Current (pulsed) Forward on Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD=8.6 A, V GS=0 ISD=9A, di/dt = 100A/s, VDD=35 V, Tj=150C 720 5.4 15 Test Conditions Min. Typ. Max. 8.6 34 1.6 Unit A A V ns C A
Table 8.
Symbol BVGSO Note 6
Gate-source zener diode
Parameter Gate-Source Breakdown Voltage Test Conditions Igs=1mA (Open Drain) Min. 30 Typ. Max. Unit V
(1) ISD 8.6 A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX (2) Pulse width limited by safe operating area (3) Limited only by maximum temperature allowed (4) Pulsed: pulse duration = 300s, duty cycle 1.5% (5) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80%VDSS (6)The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
4/13
STP10NK70Z - STP10NK70ZFP
2 Electrical characteristics
2.1
Electrical Characteristics (curves)
Safe Operating Area for TO-220 Figure 2. Thermal Impedanc for TO-220
Figure 1.
Figure 3.
Safe Operating Area for TO-220FP
Figure 4.
Thermal Impedance for TO-220FP
Figure 5.
Output Characteristics
Figure 6.
Transfer Characteristics
5/13
2 Electrical characteristics
STP10NK70Z - STP10NK70ZFP
Figure 8. Static Drain-Source on Resistance
Figure 7.
Transconductance
Figure 9.
Gate Charge vs Gate -Source Voltage
Figure 11. Capacitance Variations
Figure 10. Normalized Gate Threshold Voltage Figure 12. Normalized on Resistance vs vs Temperatute Temperature
6/13
STP10NK70Z - STP10NK70ZFP
Figure 13. Source-drain Diode Forward Characteristics
2 Electrical characteristics
Figure 14. Normalized BVDSS vs Temperature
Figure 15. Maximum Avalanche Energy vs Temperature
7/13
3 Test circuits
STP10NK70Z - STP10NK70ZFP
3
Test circuits
Figure 17. Gate Charge Test Circuit
Figure 16. Switching Times Test Circuit For Resistive Load
Figure 18. Test Circuit For Indictive Load Switching and Diode Recovery Times
Figure 20. Unclamped Inductive Load Test Circuit
Figure 19. Unclamped Inductive Waveform
8/13
STP10NK70Z - STP10NK70ZFP
4 Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/13
4 Package mechanical data
STP10NK70Z - STP10NK70ZFP
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
10/13
STP10NK70Z - STP10NK70ZFP
4 Package mechanical data
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
G
11/13
5 Revision History
STP10NK70Z - STP10NK70ZFP
5
Revision History
Date 22-Aug-2005 Revision 2 Inserted Ecopack indication Changes
12/13
STP10NK70Z - STP10NK70ZFP
5 Revision History
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of STP10NK70ZFP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X