Part Number Hot Search : 
150R1 EM78565H LBB110 AN3826NK DG529AZ 2SJ65103 AO4464 HZS12LA1
Product Description
Full Text Search
 

To Download STF20NF06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB20NF06L - STF20NF06L STP20NF06L
N-channel 60V - 0.06 - 20A - D2PAK/TO-220/TO-220FP STripFETTM II Power MOSFET
General features
Type STB20NF06L STF20NF06L STP20NF06L VDSS 60V 60V 60V RDS(on) <0.07 <0.07 <0.07 ID 20A 20A (1) 20A
1 3 2
1 3 2
TO-220FP
TO-220
1. Refer to SOA for the max allowable current value on FP-type due to Rth value
Avalanche rugged technology 100% avalanche tested 175C operating temperature High dv/dt capability application oriented characterization
1
3
DPAK
Description
This Power MOSFET is the latest development of STMicroelectronics unique "single feature size"TM strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.
Internal schematic diagram
Applications
Switching application
Order codes
Part number STB20NF06LT4 STF20NF06L STP20NF06L Marking B20NF06L F20NF06L P20NF06L Package DPAK TO-220FP TO-220 Packaging Tape & reel Tube Tube
July 2006
Rev 2
1/16
www.st.com 16
Contents
STB20NF06L - STF20NF06L - STP20NF06L
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5 6
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2/16
STB20NF06L - STF20NF06L - STP20NF06L
Electrical ratings
1
Electrical ratings
Table 1.
Symbol VDS VGS ID ID IDM
(2)
Absolute maximum ratings
Value Parameter TO-220/DPAK Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating Factor 20 14 80 60 0.4 9 120 -55 to 175 Max. operating junction temperature 60 18 20 (1) 14 80
(1) (1)
Unit TO-220FP V V A A A W W/C V/ns mJ C
Ptot
(3) (4)
28 0.18
dv/dt EAS
Peak diode recovery voltage slope Single pulse avalanche energy Storage temperature
Tstg Tj
1. Refer to SOA for the max allowable current value on FP-type due to Rth value 2. Pulse width limited by safe operating area. 3. ISD 20A, di/dt 200A/s, VDD V(BR)DSS, Tj TJMAX
4. Starting Tj = 25 C, ID = 10A, VDD = 30V
Table 2.
Symbol
Thermal data
Parameter TO-220/DPAK 2.5 62.5 300 TO-220FP 5.35 Unit C/W C/W C/W
Rthj-case Thermal resistance junction-case max Rthj-amb Tl Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose (for 10sec. 1.6mm from case)
3/16
Electrical characteristics
STB20NF06L - STF20NF06L - STP20NF06L
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 3.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250A, VGS =0 VDS = Max rating VDS = Max rating,@125C VGS = 18V VDS = VGS, ID = 250A VGS = 10V, ID = 10A VGS = 5V, ID = 10A 2 3 0.060 0.075 Min. 60 1 10 100 4 0.070 0.085 Typ. Max. Unit V A A nA V
Table 4.
Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS= 15V, ID = 8A Min. Typ. 10 400 100 40 7.5 2.5 4.2 Max. Unit S pF pF pF nC nC nC
VDS = 25V, f = 1MHz, VGS = 0 VDD = 30V, ID = 20A, VGS = 10V (see Figure 16)
1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %.
4/16
STB20NF06L - STF20NF06L - STP20NF06L
Electrical characteristics
Table 5.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD = 30V, ID = 10A RG = 4.7 VGS = 10V (see Figure 15) Min. Typ. 12 30 20 6 Max. Unit ns ns ns ns
Table 6.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage ISD = 20A, VGS = 0 50 65 3 Test conditions Min. Typ. Max. 20 80 1.5 Unit A A V ns nC A
Reverse recovery time ISD = 20A, di/dt = 100A/s, Reverse recovery charge VDD = 20V, Tj = 150C Reverse recovery current (see Figure 17)
1. Pulse width limited by safe operating area. 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
5/16
Electrical characteristics
STB20NF06L - STF20NF06L - STP20NF06L
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO-220/ DPAK Figure 2. Thermal impedance for TO-220/ DPAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Output characterisics
Figure 6.
Transfer characteristics
6/16
STB20NF06L - STF20NF06L - STP20NF06L Figure 7. Transconductance Figure 8.
Electrical characteristics Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs temperature
Figure 12. Normalized on resistance vs temperature
7/16
Electrical characteristics Figure 13. Source-drain diode forward characteristics
STB20NF06L - STF20NF06L - STP20NF06L Figure 14. Normalized breakdown voltage temperature
8/16
STB20NF06L - STF20NF06L - STP20NF06L
Test circuit
3
Test circuit
Figure 16. Gate charge test circuit
Figure 15. Switching times test circuit for resistive load
Figure 17. Test circuit for inductive load Figure 18. Unclamped Inductive load test switching and diode recovery times circuit
Figure 19. Unclamped inductive waveform
Figure 20. Switching time waveform
9/16
Package mechanical data
STB20NF06L - STF20NF06L - STP20NF06L
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at : www.st.com
10/16
STB20NF06L - STF20NF06L - STP20NF06L
Package mechanical data
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
11/16
Package mechanical data
STB20NF06L - STF20NF06L - STP20NF06L
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
12/16
G
STB20NF06L - STF20NF06L - STP20NF06L
Package mechanical data
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
13/16
Packing mechanical data
STB20NF06L - STF20NF06L - STP20NF06L
5
Packing mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
14/16
STB20NF06L - STF20NF06L - STP20NF06L
Revision history
6
Revision history
Table 7.
Date 09-Dec-2004 27-Jul-2006
Revision history
Revision 1 2 First release New template, inserted DPAK Changes
15/16
STB20NF06L - STF20NF06L - STP20NF06L
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16


▲Up To Search▲   

 
Price & Availability of STF20NF06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X