Part Number Hot Search : 
G4PH50KD LAIC3B4U LSM545 RLP732B 6P19C RF923 FDD8876 WSL432
Product Description
Full Text Search
 

To Download SPB-5720WG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l l l l l l l l l l l l l
SPB-5720WG
1
**********************************************************************************************************************************************************************
SPB-5720WG / SPB-5720BWG / SPB-5720LWG / SPB-5720BLWG (RoHS Compliant) 1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
DESCRIPTION
1-Fiber Bi-Directional SFP Optical Transceiver Simplex SC Connector: SPB-5720WG Simplex LC Connector: SPB-5720LWG SFF-8472 Digital Diagnostic Function 1550 nm DFB LD Transmitter 1310 nm Receiver Distance Up to 20 km AC/AC Coupling according to MSA Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operating: SPB-5720WG -10 to 85oC Operating: SPB-5720BWG Class 1 Laser International Safety Standard IEC 60825 Compliant
The SPB-5720WG series is small form factor pluggable module for OC-12/STM-4 SONET/SDH and Fibre Channel single fiber communications by using 1550 nm transmitter and 1310 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C series bus specified in the SFP MSA SFF-8472. The transmitter section uses a multiple quantum well 1550 nm laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1310 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l SONET/SDH Equipment Interconnect l Fibre Channel Links
ORDER INFORMATION
P/No. SPB-5720WG SPB-5720BWG SPB-5720LWG SPB-5720BLWG Bit Rate (Mb/s) 622 622 622 622 Distance (km) 20 20 20 20 TX (nm) 1550 DFB 1550 DFB 1550 DFB 1550 DFB RX (nm) 1310 1310 1310 1310 Package SC SFP with DMI SC SFP with DMI LC SFP with DMI LC SFP with DMI Temp TX Power (oC) (dBm) 0 to 70 -8 to -14 -10 to 85 -8 to -14 0 to 70 -8 to -14 -10 to 85 -8 to -14 RX Sens. (dBm) -28 -28 -28 -28 RoHS Compliant Yes Yes Yes Yes
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
3/1/2006
V3.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr Vcc --Iout Min -40 0 -10 0 GND 0 Max 85 70 85 3.6 Vcc 30 Units o C o C V V mA
SPB-5720WG
Notes SPB-5720WG SPB-5720BWG
2
**********************************************************************************************************************************************************************
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Current Operating Case Temperature Data Rate Symbol Vcc ICC (TX+RX) Topr Min 3.1 0 -10 622 Typ 3.3 200 Max 3. 5 300 70 85 700 Units / Notes V mA o C / SPB-5720WG o C / SPB-5720BWG Mb/s
Transmitter Specifications (0 oC < Topr < 70 oC, 3.1V < Vcc < 3. 5V)
Parameter Symbol Min Typ Max Units Notes Optical Optical Transmit Power Po -14 ---8 dBm 1 Output Center Wavelength 1480 1580 nm Output Spectrum Width ----1 nm -20 dB width Side Mode Suppression Ratio SMSR 30 dB Extinction Ratio ER 8.2 ----dB Output Eye Compliant with Bellcore GR-253-CORE and ITU recommendation G.957 Optical Rise Time tr 1.2 ns 10% to 90% Values Optical Fall Time tf 1.2 ns 10% to 90% Values Relative Intensity Noise RIN -116 dB/Hz Total Jitter TJ 0.55 ns 2 Electrical Data Input Current - Low IIL -350 A Data Input Current - High IIH 350 A Differential Input Voltage VIH - VIL 0.5 2.4 V Peak-to-Peak TX Disable Input Voltage - Low TDIS, L 0 0.5 V 3 TX Disable Input Voltage - High TDIS, H 2.0 Vcc V 3 TX Disable Assert Time TASSERT 10 s TX Disable Deassert Time T DEASSERT 1 ms TX Fault Output Voltage -- Low TFaultL 0 0.5 V 4 TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 V 4 Notes: 1. Output power is power coupled into a 9/125 m single mode fiber. 2. Measured with a 223-1 PRBS. 3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
3/1/2006
V3.0
Optoway
Receiver Specifications (0oC < Topr < 70oC, 3.1 V < Vcc < 3. 5V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Optical Return Loss Electrical Differential Output Voltage Output LOS Voltage -- Low Output LOS Voltage - High Signal Detect Assert Time Signal Detect Deassert Time Symbol --Pin Pa Pd Min ---8 ---40 1.0 1260 14 0.6 0 2.0 Typ ----------Max -28 ---28 --1360 Units dBm dBm dBm dBm dB nm dB V V V s s
SPB-5720WG
Notes 5 Transition: low to high Transition: high to low 6
3
**********************************************************************************************************************************************************************
ORL VOH - VOL VOL V OH ASMAX ANSMAX
2.0 0.5 Vcc+0.3 100 300
7 7 OFF to ON ON to OFF
Notes: 5. Minimum sensitivity and saturation levels at BER 1E-10 for a 223-1 PRBS. 6. At least 30 dB optical isolation for the wavelength 1480 to 1580 nm. 7. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
RECOMMENDED CIRCUIT SCHEMATIC
VeeT Tx_DISABLE Tx_FAULT (1,17,20) 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD + Tx_DISABLE Tx_FAULT
LD Driver
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 4.7K to 10K
RD +
depending on SERDES
LOSS OF SINGAL
LOS VeeR MOD_DEF(0)
8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K
MODULE DETECT SCL SDA 4.7K to 10K
EEPROM
MOD_DEF(1) MOD_DEF(2)
SFP module
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
3/1/2006
V3.0
Optoway
CONNECTION DIAGRAM
SPB-5720WG
4
**********************************************************************************************************************************************************************
PIN
1 2 3 4 5 6 7 8 9 10
Signal Name
TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND
Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground
PIN
11 12 13 14 15 16 17 18 19 20
Signal Name
Description
RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Module Definition
Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
3/1/2006
V3.0
Optoway
PACKAGE DIAGRAM
Units in mm A) SC SFP
SPB-5720WG
5
**********************************************************************************************************************************************************************
A) LC SFP
Note: Specifications subject to change without notice.
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
3/1/2006
V3.0


▲Up To Search▲   

 
Price & Availability of SPB-5720WG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X