Part Number Hot Search : 
AAR121 4066D BAV16W06 SO745090 H30D40PT SMBJ100 4066D MF4740A
Product Description
Full Text Search
 

To Download SOT23-3L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIMENSIONS REF.
A A1 A2 b C D E E1 e e1 L L1 k 0.400 0.540 8
mm MIN. TYP. MAX. MIN.
0.890 0.010 0.880 0.300 0.080 2.800 2.100 1.200 1.300 0.950 1.900 0.600 15.75 2.900 0.950 1.120 0.100 1.020 0.500 0.200 3.040 2.64 1.400 35.05 0.39 34.65 11.81 3.15
mils TYP. MAX.
44.12 3.94 37.41 40.17 19.69 7.88
PACKAGE AND PACKING INFORMATION
3-LEAD SMALL OUTLINE TRANSISTOR 23
Weight: not available
110.2 114.17 119.72 82.70 47.26 51.19 37.41 74.82 23.63 21.27 8 103.96 55.13
SOT23-3L
D
e
GAUGE PLANE 0.25
L L1
E1
E
b
c
e1
C
C
A2
May 2004
A1
A
0.10
SEATING PLANE
1/4
SOT23-3L PACKAGE AND PACKING INFORMATION TAPE & REEL SHIPMENT INFORMATION TAPE SPECIFICATIONS
Ko T
Top Cover Tape
D
P2
Po E
Bo
F
W
R
K Ao P1 User direction of feed
Center line of gravity
Bending radius
User direction of feed
TAPE MECHANICAL DATA mm. D E Po T max. D1 min. F K max. P2 R W P1 Ao, Bo, Ko BASE QUANTITY BULK QUANTITY 1.50 +0.1/0 1.75 0.1 4.00 0.1 0.40 1 3.5 0.05 2.40 2.00 0.05 25 8.00 0.30 4.00 0.05 min to 0.50 max. 3000 pcs. 3000 pcs. inch 0.059 +0.004/0 0.069 0.004 0.157 0.004 0.016 0.039 0.138 0.002 0.094 0.079 0.002 0.984 0.315 0.012 0.157 0.002 min to 0.020 max.
2/4
SOT23-3L PACKAGE AND PACKING INFORMATION TAPE & REEL SHIPMENT INFORMATION REEL SPECIFICATIONS
T 40mm (1.575in) min. access hole at slot location
B
C A D
N
Full radius
G measured at hub
Tape slot in core for tape start 2.5mm (0.098in) min. width
REEL MECHANICAL DATA mm. Tape size A max. B min. C D min. N min. G T max. 8.0 0.30 180.0 1.5 13.0 0.20 20.2 60 8.4 +2/-0 14.4 inch 0.315 0.012 7.086 0.059 0.512 0.008 0.795 2.362 0.319 +0.079/-0 0.567
3/4
SOT23-3L PACKAGE AND PACKING INFORMATION FOOTPRINT RECOMMENDED DATA
FOOTPRINT DATA mm. A B C D E F 3.09 1.10 0.60 1.90 1.10 1.83 inch 0.122 0.043 0.024 0.075 0.043 0.072
4/4


▲Up To Search▲   

 
Price & Availability of SOT23-3L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X