Part Number Hot Search : 
UA200 DF1502M R1601 XR1016CP 28AUR V4NST7UL MM3Z11VC BRUS240F
Product Description
Full Text Search
 

To Download SKY13274-349LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SKY13274-349LF: PHEMT SP2T Switch 0.5-6.0 GHz
Features
Positive low voltage control (0/+3 V) G Low insertion loss (0.8 dB typ. @ 6 GHz) G High Rx isolation (28 dB @ 6 GHz) G Tx port termination G Miniature QFN-8 pin plastic package (2 x 2 mm) G PHEMT process G Lead (Pb)-free and RoHS-compliant
G
Functional Block Diagram
ANT
Rx
Tx
Description
The SKY13274-349LF is a PHEMT AlGaAs single-pole, doublethrow switch designed for use as a transmit receive (TR) switch for ultra-wideband (UWB) transceivers. This switch offers excellent insertion loss and isolation over wide bandwidth. It features a terminated transmit input port, which is provided via an external termination resistor for added versatility. The receiver output port is reflective. The switch is controlled with single-polarity control voltage of 3 V and 0 V, and is also compatible with control voltage as high as 7 V. This switch is packaged in the surface mount QFN-8 package, which is lead (Pb)-free and meets all current RoHS requirements.
RF GND (paddle)
V2
V1
RF Term
NEW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200306 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 30, 2007
1
DATA SHEET * SKY13274-349LF
Electrical Specifications at 25 C
Z0 = 50 , VCTL = 0/3 V, unless otherwise noted
Parameter Insertion loss Isolation Condition Tx-Ant, Rx-Ant Tx-Ant Rx-Ant Return loss Tx-Ant, Rx-Ant (insertion loss) Tx-Ant (isolation) Rx-Ant (isolation) Frequency 0.5-3.0 GHz 3.0-6.0 GHz 0.5-3.0 GHz 3.0-6.0 GHz 0.5-3.0 GHz 3.0-6.0 GHz 0.5-3.0 GHz 3.0-6.0 GHz 0.5-3.0 GHz 3.0-6.0 GHz 0.5-6.0 GHz 22 14 27 23 Min. Typ. 0.5 0.8 25 17 30 26 20 15 20 15 Reflective Max. 0.7 1.0 Unit dB dB dB dB dB dB dB dB dB dB dB
Operating Characteristics at 25 C
Z0 = 50 , VCTL = 0/3 V, unless otherwise noted
Parameter Switching characteristics Rise Fall On Off Input power for -0.1 dB compression Input Intermodulation intercept point (IIP3) Control voltages Control Port Current Condition 10/90% RF 90/10% RF 50% CTL to 90% RF 50% CTL to 10% RF VCTL = 0/3 V 2-tone, f = 5 MHz, VCTL = 0/3 V Low (VLOW) High (VHIGH) VCTL = 3 V VCTL = 0 V 0.5-3 GHz 900 MHz 0 2.7 Frequency Min. Typ. 100 10 100 20 25 45 0.2 7.0 50 20 Max. Unit ns ns ns ns dBm dBm V V A A
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
May 30, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200306 Rev. B
DATA SHEET * SKY13274-349LF
Typical Performance Data
Z0 = 50 , VCTL = 0/3 V, unless otherwise noted
0 -0.2 -0.4 -40 C 25 C -10 85 C 0 -5
Insertion Loss (dB)
-0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 0 1 2
Isolation (dB)
-0.6
-15 -20 -25 Rx -40 C -30 Tx 25 C -35 Rx 25 C 3 4 5 6 Rx 85 C Tx 85 C Tx -40 C
3
4
5
6
0
1
2
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
0 -5 0 -5
Isolation vs. Frequency
Return Loss (dB)
-15 -20 -25 Tx -40 C -30 Tx 25 C -35 0 1 2 3
Tx -40 C
Return Loss (dB)
-10
-10 -15 -20 -25 -30 -35 Tx 25 C Tx 85 C Tx -40 C Tx 85 C Tx -40 C Tx 25 C
Tx 25 C Tx 85 C Tx 85 C 4 5 6
0
1
2
3
4
5
6
Frequency (GHz)
Frequency (GHz)
Return Loss Tx Isolation State vs. Frequency
Return Loss Tx Ins. Loss State vs. Frequency
0 Rx -40 C -5 Rx 85 C Rx 25 C
0 -5
Return Loss (dB)
Return Loss (dB)
-10 Rx 25 C -15 -20 -25 Rx 85 C -30 -35 0 1 2 3 4 5 6 Rx -40 C
-10 -15 -20 -25 -30 -35 0 1 2 3 Rx -40 C Rx 85 C
Rx 25 C Rx 25 C
Rx -40 C Rx 85 C
4
5
6
Frequency (GHz)
Frequency (GHz)
Return Loss Rx Isolation State vs. Frequency
Return Loss Rx Ins. Loss State vs. Frequency
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200306 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 30, 2007
3
DATA SHEET * SKY13274-349LF
Absolute Maximum Ratings
Characteristic RF input power Control voltage Operating temperature Storage temperature JC Value 1 W > 500 MHz 0/+7 V control -0.2 V, +7 V -40 C to +85 C -65 C to +150 C 45 C/W
Pin Out (Top VIew)
V1
1 8
CBL
Rx
GND 2 CBL
3
7
GND CBL
ANT
6
Tx
V2
4
5
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
R1
Termination
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
CBL = 39 pF for operation >500 MHz. R1 = 39 . Exposed paddle on bottom of package needs to be connected to ground.
Pin Descriptions
Pin Number 1 Pin Name V1 Description Control voltage 1 - Control Voltage Input #1. The logic level voltage applied to this pin, along with the level voltage applied to pin 4, determines the states of the RF paths between the Tx, Rx and Ant ports. Equipotential point - Internal circuit common which must be connected to the pcb ground or common via the lowest possible impedance. RF input/output. Control voltage 2 - Control Voltage Input #2. The logic level voltage applied to this pin, along with the level voltage applied to pin 1, determines the states of the RF paths between the Tx, Rx and Ant ports. An external termination resistor must be added to this pin for the Tx port to be matched when Tx-Ant path is in its isolation state. RF input/output. Equipotential point - Internal circuit common which must be connected to the pcb ground or common via the lowest possible impedance. RF input/output.
2
GND
Applications
The SKY13274-349LF is designed for use as an UWB TR switch for signal frequencies up to 6 GHz. When the switch is in its receive state with the voltage at pin 1 (V1) low and the voltage at pin 4 (V2) high, the Tx input port is terminated via an external resistor connected between pin 5 (R1) and ground. A 39 external resistor in this position produces a 50 (nominal) impedance looking into pin 6. DC blocking capacitors are required at each of the RF ports. The nominal value for these capacitors is 39 pF This value should be increased for operation with RF at frequencies below 500 MHz. The exposed paddle on the back side of the package must be grounded for proper operation.
8 Rx 3 4 Ant V2
5
Termination
6 7
Tx GND
Truth Table
V1 Low High Low High V2 High Low Low High Rx-Ant Ins. Loss Isolation Tx-Ant Isolation Ins. Loss
Recommended Solder Reflow Profiles
Refer to the "Recommended Solder Reflow Profile" Application Note.
Not recommended(1) Not recommended(1)
Low = 0-0.2 V. High = 3 V. 1. Switch is in an undefined state.
Tape and Reel Information
Refer to the "Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation" Application Note.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
May 30, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200306 Rev. B
DATA SHEET * SKY13274-349LF
Suggested Land Pattern
0.56 0.28 8X 0.60
TR Switch
ANT DC Block ANT
9X Exposed Solder Area
0.50 Pitch 0.51 1.02 0.25
Rx Output DC Rx Block Tx DC Block
Tx Input
8X 0.21 8X 0.66
RF GND (paddle) V2 V1
RF Term R1
QFN-8
0.70 0.05 0.125 Max. 10 + 2 -10 0.20 0.05
Tx Term R1
L 2.00 BSC C 1 0.125 Max.
C L
Pin 1 Mark 0.025 0.025 0.90 0.10 Side View 0.56 0.01
2.00 BSC Top View
0.28 0.01 0.29+0.16 -0.09 0.20 + 0.08 -0.02
0.29 + 0.16 -0.09 R 0.075 Ref C L
1.02 + 0.10 -0.08 0.51 0.01
0.50 BSC 1 Exposed Pad 0.17/0.30 2X Bottom View All dimensions are in mm.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200306 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * May 30, 2007
5
DATA SHEET * SKY13274-349LF
Copyright (c) 2002, 2003, 2004, 2005, 2006, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 6
May 30, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200306 Rev. B


▲Up To Search▲   

 
Price & Availability of SKY13274-349LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X