Part Number Hot Search : 
3S12HZ64 CAT24WC C557C GRM31CR6 FKBP210 CY2XP306 KE220 02CIS
Product Description
Full Text Search
 

To Download SKY12332-310LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SKY12332-310LF: 6-Bit Digital Attenuator with Driver LF-1 GHz, 0.5 dB LSB, 31.5 dB Range
Features

Functional Block Diagram
VDD RF Input/Output
Driver & Negative Voltage Generator
Attenuation range: 31.5 dB LSB: 0.5 dB On-board low noise CMOS driver Excellent RF noise floor Single 5 V supply Very low DC power consumption Single positive control for each bit Small 5 x 5 mm QFN-32 package Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 C per JEDEC J-STD-020
V1
0.5 dB
V2
1 dB
V3
2 dB
V4
4 dB
Description
The Skyworks SKY12332-310LF is 6-bit digital GaAs attenuator with an on-board low-noise CMOS driver. This attenuator offers excellent performance from low frequency through 1 GHz, making it ideal for IF and RF level control applications. It contains an onboard CMOS driver circuit which accepts CMOS logic levels at the 6 control inputs and produces a negative supply voltage to control the GaAs attenuator. The SKY12332-310LF has excellent linearity for compatibility with non-constant envelope signals, such as W-CDMA and OFDM. The 6 attenuation bits are binary weighted, with an LSB of 0.5 dB and a total nominal attenuation range of 31.5 dB. It also has excellent attenuation accuracy and is monotonic. The low-noise CMOS driver enables a very low RF noise floor, typically -100 dBm. Typical applications for this attenuator include level control in cellular base stations, wireless data transceivers, broadband systems, etc. The required supply voltage for SKY12332-310LF is 5V. This part can operate over the temperature range of -40 C to 85 C. An evaluation board is available upon request.
V5
8 dB
V6
16 dB
RF Input/Output
NEW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200584 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * January 10, 2007
1
DATA SHEET * SKY12332-310LF
Electrical Specifications
VDD = 5 V, T = 25 C, Z0 = 50 , unless otherwise noted
Parameter Insertion loss Attenuation range Attenuation accuracy RF input/RF output VSWR Control voltage Control port current Switching characteristics Rise, fall time On, off time Video feedthrough Input power for 1 dB compression Input third order intermodulation intercept point DC supply voltage DC supply current VCTL ICTL Attenuation referred to insertion loss Non-driven port terminated in Z0 VCTL = VLOW VCTL = VHIGH VCTL = VLOW VCTL = VHIGH 10%/90% or 90%/10% of RF 50% VCTL to 90%/10% of RF TRISE = 1 ns, BW = 500 MHz 50 MHz 500 MHz-1.0 GHz 2 input tones, 5 dBm each tone 50 MHz 500 MHz-1.0 GHz 4.75 LF-500 MHz LF-1.0 GHz LF-1.0 GHz 0 2.7 20 20 30 50 50 22 29 36 48 5 700 5.25 Symbol IL Condition Frequency LF-500 MHz LF-1.0 GHz Min. Typ. 1.5 1.8 31.5 Max. 1.8 2.2 Unit dB dB dB
(0.20 + 2% of attenuation setting in dB) (0.25 + 3% of attenuation setting in dB) 1.4:1 1.6:1 0.8 VDD V V A A ns ns mV dBm dBm dBm dBm V A
tr, tf ton, toff IP1 dB IIP3 VDD IDD
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
January 10, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200584 Rev. B
DATA SHEET * SKY12332-310LF
Typical Performance Data
VDD = 5 V, T = 25 C, Z0 = 50 , unless otherwise noted
-0.50 -0.75 1.5
Insertion Loss (dB)
-1.00 -1.25 -1.50 -1.75 -2.00 -2.25 -2.50 0 0.5 1.0 1.5 2.0
1.0
Deviation (dB)
31.5 dB 0.5 0.5 dB 0 4 dB -0.5 0 0.5 1.0 1.5 2.0 16 dB 8 dB 2 dB 1 dB
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
1.8 1.8 1.7 1.6 1.5 16 dB 1.7 1.6
Attenuation Accuracy vs. Frequency
16 dB 1.5
VSWR
VSWR
1.4 1.3 1.2 1.1 1.0 0 0.5 4 dB
8 dB 1 dB 2 dB 0.5 dB Ins. Loss 1.0 1.5 2.0 31.5 dB
1.4 1.3 1.2 1.1 1.0 0
8 dB
2 dB 31.5 dB
0.5 dB 1 dB 0.5 Ins. Loss 1.0 1.5
4 dB
2.0
Frequency (GHz)
Frequency (GHz)
Input VSWR vs. Frequency
Output VSWR vs. Frequency
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200584 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * January 10, 2007
3
DATA SHEET * SKY12332-310LF
Absolute Maximum Ratings
Characteristic RF input power Supply voltage Supply current Operating temperature Storage temperature Value 2 W for f > 500 MHz 0.5 W for 50 MHz < f < 500 MHz 6V 2 mA -40 C to +85 C -65 C to +150 C
Pin Out
V1 V2 V3 V4 V5 V6 VSS C2 GND GND GND GND J1 GND GND GND GND GND GND GND GND GND GND GND C1 VDD GND GND J2 GND GND GND
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Pin Description
Pin 1-4, 6-19, 21-23 5 20 23 24, 25 Symbol GND J1 J2 VDD C1, C2 VSS Function Connect to system ground via lowest possible impedance RF input/output RF output/input Positive supply voltage input. Bypass this pin to ground via a 10 nF or larger capacitor Connect charge pump capacitor, 25 nF typical, between these pins Negative supply voltage filter capacitor. Bypass this pin to ground via a 10 nF or larger capacitor. Control voltage input for 16 dB bit, MSB Control voltage input for 8 dB bit Control voltage input for 4 dB bit Control voltage input for 2 dB bit Control voltage input for 1 dB bit Control voltage input for 0.5 dB bit, LSB Connect to system ground via lowest possible electrical and thermal impedance
Truth Table
V6 16 dB 0 0 0 0 0 0 1 1
"0" = VLOW "1" = VHIGH
26 V4 4 dB 0 0 0 0 1 0 0 1 V3 2 dB 0 0 0 1 0 0 0 1 V2 1 dB 0 0 1 0 0 0 0 1 V1 0.5 dB 0 1 0 0 0 0 0 1 Attenuation J1-J2 Ins. loss 0.5 dB 1 dB 2 dB 4 dB 8 dB 16 dB 31.5 dB
V5 8 dB 0 0 0 0 0 1 0 1
27 28 29 30 31 32 Paddle
V6 V5 V4 V3 V2 V1
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
January 10, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200584 Rev. B
DATA SHEET * SKY12332-310LF
Circuit Description
The SKY12332-301LF is comprised of a Si CMOS die and a GaAs digital attenuator die, packaged in a 5 x 5 mm, 32-pin QFN surface mount package. The CMOS die performs the following functions: it contains a charge pump circuit that generates a negative voltage, VSS, from the positive supply voltage, VDD; it decodes the 6-bit control word applied to ports V1 through V6; and, it drives the corresponding switching FETs on the GaAs attenuator die. This circuit was optimized to produce the lowest possible noise in the RF signal path. The GaAs attenuator die is comprised of 6 resistive, fixed attenuator sections with nominal input and output impedance of 50 . The attenuation of these sections is binary weighted, ranging from 0.5 dB nominal up to 16 dB nominal. These attenuator sections are either switched into or out of the main signal path, between ports J1 and J2, according to the 6-bit control word applied to ports V1 through V6. This die is also utilized in AA113-310. The switching is performed by depletion mode MESFETs on the attenuator die. The charge pump circuit on the CMOS die generates the negative voltage VSS, nominally -3.75 V, required to enable reverse bias of the gate-source of the MESFETs that must be switched to high drain-source impedance to properly select or bypass the fixed resistive attenuator sections.
Suggested Circuit
V1 V2 V3 V4 V5 V6 C1 C2 C4 J1 J2 C3 VDD
Component C1, C3 C2 C4
Suggested Value 0.01 F 0.025 F 100 pF
QFN 5 x 5 (-310)
0.197 (5.00 mm) BSC Pin 1 Indicator
32 1
0.039 (1.00 mm) Max. 0.187 (4.75 mm) BSC 0.197 (5.00 mm) BSC 12 Max. 0.001 (0.025 mm)
0.187 (4.75 mm) BSC
Seating Plane
Recommended Solder Reflow Profiles
Refer to the "Recommended Solder Reflow Profile" Application Note.
0.122 (3.10 mm) 0.006 (0.15 mm)
0.122 (3.10 mm) 0.006 (0.15 mm)
32 1
Tape and Reel Information
Refer to the "Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation" Application Note.
0.019 (0.50 mm) BSC 0.138 (3.50 mm) Ref.
0.138 (3.50 mm) Ref.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200584 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * January 10, 2007
5
DATA SHEET * SKY12332-310LF
Copyright (c) 2002, 2003, 2004, 2005, 2006, 2007, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 6
January 10, 2007 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200584 Rev. B


▲Up To Search▲   

 
Price & Availability of SKY12332-310LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X