Part Number Hot Search : 
LC9949G PIC18F24 TK16A55D XXXXX TLP632 MC10H1 AN8293SA MAX1906V
Product Description
Full Text Search
 

To Download SIR91-21C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet .9mm Round Subminiature "Z-Bend" Lead Infrared LED
SIR91-21C
Features
Good spectral matching to Si photodetector Low forward voltage Peak wavelength p=875nm Package in 12mm tape on 7" diameter reel Pb free The product itself will remain within RoHS compliant version.
Descriptions
SIR91-21C is an infrared emitting diode in miniature SMD package which is molded in a water clear plastic with spherical top view lens. The device is spectrally matched with silicon photodiode and phototransistor.
Applications
PCB mounted infrared sensor Infrared remote control units with high power requirement Scanner Infrared applied system
Device Selection Guide LED Part No.
SIR
Chip Material
GaAlAs
Lens Color
Water clear
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 1 of 10 Prepared byLibin
SIR91-21C
Package Dimensions
Unit :mm Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.1mm
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 2 of 10 Prepared byLibin
SIR91-21C
Absolute Maximum Ratings (Ta=25)
Parameter Continuous Forward Current Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Power Dissipation at(or below) 25Free Air Temperature Symbol IF VR Topr Tstg Tsol Pd Rating 65 5 -40 ~ +85 -40 ~ +85 260 110 Units mA V mW
Notes: * Soldering time5 seconds.
Electro-Optical Characteristics (Ta=25)
Parameter Radiant Intensity Peak Wavelength Spectral Bandwidth Forward Voltage Reverse Current View Angle Symbol Ee p IF=20mA IF=20mA VF IR 21/2 IF=100mA
Pulse Width100s ,Duty1%
Condition IF=20mA IF=100mA
Pulse Width100s ,Duty1%
Min. 3.0 --------
Typ. 5.0 20 875 80 1.3 1.4 -20
Max. ----1.6 1.8 10 --
Units mW /sr nm nm
IF=20mA
V A deg
VR=5V IF=20mA
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 3 of 10 Prepared byLibin
SIR91-21C
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs. Ambient Temperature
140 120 100 80 60 40 20
0
Fig.2 Spectral Distribution
100 80 60 40 20 0
IF=20mA Ta=25 C
-40 -20 0
20
40
60
80
100
810 835 855 875 905 925 945 965 985
Fig.3 Peak Emission Wavelength Ambient Temperature
Fig.4 Forward Current vs. Forward Voltage
920
4 10
900
3 10
875
860
2 10
840 -25
0
25
50
75
100
1 10 0 1 2 3 4
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 4 of 10 Prepared byLibin
SIR91-21C
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Intensity vs. Forward Current Fig.6 Relative Radiant Intensity vs. Angular Displacement
1000
Ie-Radiant Intensity(mW/sr)
-20
-10
0
10
20 30
100
1.0 0.9
40 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
10
0.8 0.7
0 1 2 3
0
10
10
10
10
10
4
IF-Forward Current (mA)
Fig.7 Relative Intensity vs. Ambient Temperature(C) Fig.8 Forward Current vs. Ambient Temperature(C)
7
IF=20mA
1.4
5
1.3
IF=20mA
3
1.2
1
25 50 75 100 120
1.1
25 50 75 100 120
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 5 of 10 Prepared byLibin
SIR91-21C
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection , otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package, the LEDs should be kept at 30 or less and 90%RH or less. 2.3 After opening the package: The LED's floor life is 1 year under 30 or less and 60% RH or less. If unused LEDs remain, it should be stored in moisture proof packages. 2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 24 hour 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board.
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 6 of 10 Prepared byLibin
SIR91-21C
4.Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder. 5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 7 of 10 Prepared byLibin
SIR91-21C
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Conditions Test Hours/ Sample Cycles Sizes 22pcs 22pcs IC(ON)Lx0.8 LLower 22pcs Specification Limit 0/1 Failure Judgement Criteria Ac/Re
1 REFLOW Soldering TEMP.2605 6Mins 10secs 15mins 50Cycles 2 Temperature Cycle H : +100 5mins L : -40 15mins 3 Thermal Shock H :+100 L :-10 4 High Temperature Storage 5 Low Temperature Storage 5mins 50Cycles 10secs 5mins 1000hrs 1000hrs 1000hrs 1000hrs
0/1 0/1
TEMP.+100 TEMP.-40
22pcs 22pcs 22pcs 22pcs
0/1 0/1 0/1 0/1
6 DC Operating Life IF=20mA 7 High Temperature/ 85 / 85% R.H High Humidity
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 8 of 10 Prepared byLibin
SIR91-21C
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoDTS-091-002
http:\\www.everlight.com Prepared date15-Aug-2007
Rev 2
Page: 9 of 10 Prepared byLibin


▲Up To Search▲   

 
Price & Availability of SIR91-21C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X