Part Number Hot Search : 
C3357 1N2070A 2M100Z LTC23 LA1S1 SII4723 D1595 2SB822R
Product Description
Full Text Search
 

To Download SII9034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief
SII9034
VastLaneTM HDMI Transmitter
HDMI 1.2 Transmitter with Super Audio CD Support
Silicon Image introduces their third generation HDMI transmitter in their VastLane product family. The SII9034 supports HDMI 1.2 and provides advances in performance and functionality well beyond other digital interface products on the market. As a founding developer of the HDMI specification, Silicon Image continues to develop leading-edge products that deliver digital quality to mass-market home theater systems.
Applications
* Blu-ray & HD-DVD Players * DVD Players/ Recorders * A/V Receivers * Digital Set-top Boxes * PVRs
The SII9034 is a HDMI 1.2 transmitter designed for the home theater market. This fully-compliant device supports up to 1080p resolution at 60Hz and 24-bit color depth and provides a simple, low cost method of sending protected digital audio and video for a rich all-digital experience. SII9034 will fit directly into home theater products such as DVD players and recorders, A/V receivers, digital set-top boxes and personal video recorders (PVRs). The SII9034 is backward compatible with first and second generation HDMI transmitters. To reduce system cost, the SII9034 includes an additional I2C master port to control the DDC bus.
In addition to supporting the video features, the SII9034 supports DVD audio with 7.1-surround at 192 kHz, SACD audio standards, and stereo audio at 192 kHz. The built-in High-bandwidth Digital Content Protection (HDCP) encryption engine secures the digital link for transmission of valuable high-definition video and audio. Each SII9034 is pre-programmed with unique HDCP keys, providing an extremely high level of security while reducing manufacturing complexity and cost. The SII9034 is pin and software compatible with Silicon Image SiI9134 HDMI 1.3 Transmitter allowing end-users an easy upgrade path to Deep Color and High Bit-Rate HD Audio.
Key Features
* Compliant with HDMI 1.2 specification * Supports 1080p resolution at 60Hz and 24-bit color depth * Built-in HDCP encryption engine
SII9034 System Diagram
SII9034
SII9034 Starter Kit
(CP9034HDMI)
Contents include: Hardware * CP9034 transmitter standalone board * HDMI to HDMI cable Software * HDMIGear software tool Documentation * User's guide * Schematics * Bill of materials (BOM)
Features
Industry-Standard Compliance Digital Audio Output
* * * *
HDMI 1.2 DVI 1.0 EIA/CEA-861D HDCP 1.1
Power Management
* 1.8V core provides low-power operation * Flexible power-down modes
Digital Video Output
* Dedicated 4-pin Direct Stream Digital (DSD) input to support Super Audio CD (SACD) applications * DVD-Audio support through 4 x I2S inputs * Supports 2-channel and 8-channel audio at 192 kHz * Supports 1EC60958 2-channel PCM or 1EC61937 compressed audio (Dolby(R) Digital, DTS, etc.) * Industry-standard S/PDIF output
Content Protection
* Integrated HDMI 1.2 TMDS core running at 165MHz * Supports 24-bit color depth and resolutions up to 1080p @ 60Hz or 720p/1080i @ 120Hz * Flexible video interface supports DVD and HD MPEG decoders: - 12/24-bit RGB YCbCr 4:4:4 - 16/20/24-bit YCbCr 4:2:2 - 8/10/12-bit YCbCr 4:2:2 (ITU-R BT.601 & BT.656) * Integrated YCbCr to RGB conversion * 4:2:2 to 4:4:4 up-converter * Programmable Data Enable (DE) generator * 14-bit internal video processing and 14-bit to 8-bit dither
* Integrated HDCP cipher engine * Pre-programmed HDCP keys: - Simplify manufacturing process - Provide extremely secure solution - Lower system, manufacturing costs * Encrypts both video and audio
System Operation
Register-programmable via slave I2C interface Master I2C simplifies system design Flexible interrupt registers with interrupt pin Monitor detection supported through hot plug and receiver detection * Device address can be altered with CI2CA pin
* * * *
SII9034 Circuit Diagram
Silicon Image, Inc.
1060 E. Arques Avenue Sunnyvale, CA 94085 T 408.616.4000 F 408.830.9530 www.siliconimage.com
(c) 2007 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI and SII9034, VastLane and the VastLane logo, and TMDS are trademarks or registered trademarks of Silicon Image, Inc. in the United States and other countries. HDMI, the HDMI logo and High-Definition Multimedia Interface are trademarks or registered trademarks of, and are used under license from, HDMI Licensing, LLC. Other trademarks are property of their respective holders. Product specifications are subject to change without notice. Part Number: SII9034CBHU SiI-PB-1022 rev1 10/07


▲Up To Search▲   

 
Price & Availability of SII9034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X