Part Number Hot Search : 
C4427 AN8096JC G5015E DS023 NJW4128 MA11FCA TCLZJ10V ST3854
Product Description
Full Text Search
 

To Download SII9023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SiI 9023 HDMI Receiver
Silicon Image introduces the third generation of its HDMI receiver product family with advances in performance and functionality well beyond other digital interface products on the market. With the first groundbreaking HDMI parts, Silicon Image brought a new level of digital quality to mass-market home theater systems. The latest advances increase audio format support, video resolution and HDMI port count, while reducing overall system cost. All HDMI receivers are fully HDMI 1.2 compliant. As always, Silicon Image has designed its HDMI receiver for rapid integration into consumer electronics system architectures. The SiI 9023 is a dual-input HDMI receiver that fits directly into home theater products, such as digital televisions (DTVs), including HDTVs, plasma TVs, LCD TVs, and Rear Projection TVs. To improve manufacturers' time-to-market and reduce design time, the SiI 9023 is a pin compatible, drop-in replacement for the SiI 9021. In addition to all the features in the original HDMI receivers, the SiI 9023 has two HDMI input ports for connecting both a DVD player and a set-top box to a single television. The SiI 9023 has increased video resolution to support not only 720p/1080i and 1080p resolutions, but also PC resolutions up to UXGA. The built-in High-bandwidth Digital Content Protection (HDCP) decryption engine secures the digital link for transmission of valuable high-definition video and audio. Each SiI 9023 is pre-programmed with unique HDCP keys, providing the highest level of security while reducing manufacturing complexity and cost.
Applications
* HDTVs * Plasma TVs * LCD TVs Rear Projection Microdisplays * Plasma TVs
SET -TOP BOX
(Terrestrial, Satellite, Cable)
Network Interface (tuner)
MPEG A/V Decoder
Video Audio I2C
(DTV, Plasma Display, LCD TV, Projector)
DISPLAY
SiI 9030 Transmitter
DVD PLAYER
DVD Drive DVD A/V Decoder
Video Audio I2C
SiI 9030 Transmitter
SiI 9023 HDMI Receiver
Video Audio
Video Processor
Audio DAC/ Amp
L
R
INT
XTAL
RESET# CSDA CSCL
I2C I2C
SiI 9023 Features
HDMI Receiver
Industry-Standard Compliance
* * * * HDMI 1.2 DVI 1.0 EIA/CEA-861C HDCP 1.1
DSDA0 DSCL0
Registers and Configuration Logic
HDCP Keys ROM
SiI 9023
MCLK Gen Audio Decode Logic MCLKOUT SPDIF SD0 SCK WS MUTE OUT
Tx1 Tx2 TxC Tx0 Tx1 Tx2 TxC DSDA1 DSCL1
Tx0
TMDS Core 0
Digital MUX
HDCP Decryption Engine
TMDS Core 1
I2C
Digital Video Output
* Dual integrated cores * Supports DTV (480i/576i/480p/ 576p/ 720p/1080i/1080p) and PC (VGA/XGA/SXGA/WSXGA/UXGA) resolutions * Flexible digital video interface - 24-bit RGB/YCbCr 4:4:4 - 16/20/24-bit YCbCr 4:2:2 - 8/10/12-bit YCbCr 4:2:2 (ITU-R BT.656) - 12-bit digital media interface -- * Integrated RGB < > YCbCr color space conversion -- * 4:2:2 < > 4:4:4 converter
XOR Mask
-- RGB < >YCbCr Color Space Converter/ -- 4:2:2 < > 4:4:4 Converter
Q[23:0] VSYNC HSYNC ODCK DE SCDT EVNODD
Content Protection
* Integrated HDCP cipher engine * Built in HDCP BIST * Pre-programmed HDCP keys - Simplify manufacturing process - Most secure solution available - Lower system, manufacturing costs * Decrypts both video and audio
Silicon Image 's SiI 9023 Starter Kit
(CP9023HDMI)
Contents include:
Hardware
* SiI 9023 Receiver Daughter Board * HDMI to HDMI cable
Software
Digital Audio Output
* Industry-standard S/PDIF and I S output * Supports IEC60958 2-channel PCM - 2-ch. 32-192kHz * Capable of carrying IEC61937 compressed audio (Dolby Digital, DTS, etc.) * Programmable I2S output supports numerous low-cost audio DACs
2
System Operation
* Software compatible with SiI 9021 * Register-programmable via slave I 2 C interface * Auto video mode simplifies design * Auto audio mode allows more robust system * Flexible interrupt registers with interrupt pin
* HDMIGear Receiver Software Tool
Documentation
* User's Guide * Schematics * Bill of Materials (BOM)
Power Management
* 1.8V core provides low-power operation * Flexible power-down modes
Part Number -
SII9023CTU: 25 -165MHz Silicon Image, Inc. 1060 E. Arques, Sunnyvale, CA 94085 T 408.616.4000 F 408.830.9530 www.siliconimage.com
(c)2005 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI, SiI 9023, and TMDS are trademarks or registered trademarks of Silicon Image, Inc. in the United States and other countries. Other trademarks are the property of their respective holders. Product specifications are subject to change without notice. Printed in the U.S.A. 12/05 SiI PB-0067


▲Up To Search▲   

 
Price & Availability of SII9023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X