Part Number Hot Search : 
000906 ADC316 HD64F 1602G JDV2S05S FAN7024 FM1100L TP224
Product Description
Full Text Search
 

To Download SD2000C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD2000C(*)L Series
STANDARD RECOVERY DIODE IF(AV) = 2100 A ,
Case: B-Puk
MAXIMUM RATINGS Parameter
(Tj = 25 OC unless stated otherwise)
SD2000C 04L SD2000C 08L SD2000C 10L
Symbol
Unit Volt Amp Amp
Repetitive Peak Reverse Voltage Maximum Average On-State Current Peak Forward Surge Current Maximum I 2T for Fusing Maximum Storage Temperature Range Maximum Junction Temperature Range
VRRM IF(AV) IFSM I2T T(STG) Tj
400
800 2100 at TC=55OC 25000 2608 -55 to +200 -40 to +180
1000
A2/S
O
C C
O
ELECTRICAL CHARACTERISICS at 25 OC Maximum Unless Stated Otherwise Symbol Condition Parameter Maximum Forward Voltage Repetitive Peak Off- State Current at TC=175 C
O
Value Min Typ Max 1.55 60.0 0.073 14700 255 Unit Volt mA
O
VFM IRRM RTH (J-h) MT Wt
Ipk = 6000 Amps VR = VRRM
Thermal Resistance (Junction toHeatsink) Mounting Torque Weight
C/W
NM grms
Mechanical Dimensions
0.14(3.50) Dia x 0.07(1.8) Deep 2.30(58.5) Dia
0.03(0.8)
1.34(34.0)
1.06(26.9) Max 1.0(25.4) Min 1.34(34.0) 2.09(53.5) All Dimensions in Inches (Millimeters) Third Angle Projection


▲Up To Search▲   

 
Price & Availability of SD2000C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X