Part Number Hot Search : 
30H150 60A300PT 103ML OA162 245TPV F4905 SMBJ90 C4521
Product Description
Full Text Search
 

To Download SBT150-10Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7795
SBT150-10Y
SBT150-10Y
Applications
*
Schottky Barrier Diode (Twin Type * Cathode Common)
100V, 15A Rectifier
High frequency rectification (switching regulators, converters and choppers).
Features
* * * * * *
Guaranteed up to Tj=150C. Low forward voltage (VF max=0.80V). Fast reverse recovery time. Low switching noise. High reliability due to highly reliable planar structure. Surface mount type device reducing the assembling time and facilitating compact and high-density assembly of SBT150-10Y-applied equipment.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz resistive load, Sine wave Tc=70C 50Hz sine wave, 1 cycle Conditions Ratings 100 105 15 80 --55 to +150 --55 to +150 Unit V V A A C C
Electrical Characteristics at Ta=25C
Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Thermal Resistance Symbol VR VF IR C Rth(j-c) Conditions IR=2mA, Tj=25C* IF=6A, Tj=25C* VR=50V, Tj=25C* VR=10V, Tj=25C* Junction-Case : Smoothed DC Ratings min 100 0.80 0.2 180 3.0 typ max Unit V V mA pF C / W
Note) * : Value per element
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
62405SD MS IM TB-00001558 No.7795-1/3
SBT150-10Y
Package Dimensions
unit : mm 7001-001
Anode
10.2 0.2 4.5 1.3
Electrical Connection
Anode
9.9
1.5MAX
Cathode
8.8 1.35 1.4 0 to 0.3 0.4
3.0
1
0.8
2
3
1.2
2.55
2.55 2.7
1 : Anode 2 : Cathode 3 : Anode SANYO : SMP-FD
2.55
2.55
5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 0
IF -- VF
Represented by max
3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 0
IR -- VR
Reverse Current, IR -- mA
0C Tj=15 25C
Forward Current, IF -- A
15 Tj=
max 0C yp C t 150 C t 125 yp yp
C t 100
0.5
1.0
1.5
2.0
2.5
3.0 IT08501
20
40
60
80
100
120 IT08502
Forward Voltage, VF -- V
Average Forward Power Dissipation, PF(AV) -- W
30
Average Reverse Power Dissipation, PR(AV) -- W
PF(AV) -- IO
Reverse Voltage, VR -- V
14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 180 360 20 40 60 80 100 360
PR(AV) -- VRM
25
(1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180
Rectangular wave
360
(4) (2)
(3)
(1)Rectangular wave =300 (2)Rectangular wave =240 (3)Rectangular wave =180 (4)Sine wave =180
Rectangular wave
VR
PR max at Tj=150C (1) (2)
20
(1)
15
(3)
10
Sine wave
5 180 0 0 2 4 6 8 10 12 14 360 16 18
Sine wave
VR
(4)
120 IT08504
Average Output Current, IO -- A
IT08503
Peak Reverse Voltage, VRM -- V
No.7795-2/3
SBT150-10Y
170 150
Tc -- IO
Interterminal Capacitance, C -- pF
(1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 Sine wave
180 360
1000 7 5
C -- VR
f=100kHz
Case Temperature, Tc -- C
130 110 90 70 50 30 10 0
3 2
100 7 5 3
Rectangular wave
360 2 4 6 8
(1)
10 12
(2)
14
(4) (3)
16 18 5 7 1.0 2 3 5 7 10 2 3 5 IT09836
Average Output Current, IO -- A
100
Transient Thermal Resistance, Rth(j-c) -- C / W
IFSM -- t
Reverse Voltage, VR -- V
10 7 5
7 100 2 ID01056
Rth(j-c) -- t
Surge Forward Current, IFSM(Peak) -- A
Current waveform 50Hz sine wave
80
IS 20ms t
3 2
60
40
1.0 7 5
20
3 2 0.001 2 3 5 70.01 2 3 5 7 0.1 23 5 7 1.0 23 5 7 10 2
0 7 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3
Time, t -- s
ID01057
Time, t -- s
ID01066
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of June, 2005. Specifications and information herein are subject to change without notice.
PS No.7795-3/3


▲Up To Search▲   

 
Price & Availability of SBT150-10Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X