Part Number Hot Search : 
IRG4PC MAX149 0131K 1N6267L MOTOR CXA3050M 2SC23 OM5216ST
Product Description
Full Text Search
 

To Download RCLAMP0521P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Low Capacitance 1-Line ESD protection
PROTECTION PRODUCTS - RailClamp PROTECTION PRODUCTS Description
RailClamps are ultra low capacitance Transient Voltage Suppressors (TVS) designed to protect high speed data interfaces. This series has been specifically designed to protect sensitive components which are connected to high-speed data and transmission lines from overvoltage caused by ESD (electrostatic discharge), CDE (Cable Discharge Events), and EFT (electrical fast transients). The RClampTM0521P has a maximum capacitance of only 0.50pF. This allows it to be used on circuits operating in excess of 3GHz without signal attenuation. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (15kV air, 8kV contact discharge). The RCLAMP0521P is in a 2-pin, RoHS/WEEE compliant, SLP1006P2 package measuring 1.0 x 0.6 x 0.5mm. The leads are spaced at a pitch of 0.65mm and feature a lead-free finish. Each device will protect one highspeed line operating at 5 volts. It gives the designer the flexibility to protect single lines in applications where arrays are not practical. The combination of small size, low capacitance, and high ESD surge capability makes them ideal for use in applications such as cellular phones and digital video interfaces.
RCLAMP0521P
Features
Transient protection for data lines to IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (tp = 5/50ns) Cable Discharge Event (CDE) Ultra-small package (1.0 x 0.6 x 0.5mm) Protects one data or I/O line Low capacitance: 0.5pF Low clamping voltage Low operating voltage: 5.0V Solid-state silicon-avalanche technology
Mechanical Characteristics
SLP1006P2 package Molding compound flammability rating: UL 94V-0 Marking: Marking code Packaging : Tape and Reel Lead Finish: NiPdAu RoHS/WEEE Compliant
Applications
Cellular Handsets & Accessories Digital Visual Interface (DVI) Display Port MDDI Ports USB Ports PCI Express Serial ATA
Dimensions
1.0 0.60 0.65
Schematic & PIN Configuration
0.50
Maximum Dimensions (mm)
Revision 10/26/2007 1
SLP1006P2 (Bottom View)
www.semtech.com
RCLAMP0521P
PROTECTION PRODUCTS Absolute Maximum Rating
Rating Peak Pulse Power (tp = 8/20s) Peak Pulse Current (tp = 8/20s) ESD per IEC 61000-4-2 (Air) ESD per IEC 61000-4-2 (Contact) Operating Temperature Storage Temperature Symbol Ppk IPP VESD TJ TSTG Value 100 4 +/- 15 +/- 8 -55 to +125 -55 to +150 Units Watts A kV C C
Electrical Characteristics (T=25oC)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Symbol VRWM V BR IR VC VC It = 1mA VRWM = 5V, T=25C IPP = 1A, tp = 8/20s IPP = 4A, tp = 8/20s VR = 0V, f = 1MHz 0.30 6 9.3 0.025 Conditions Minimum Typical Maximum 5 11 1 15 25 0.50 Units V V A V V pF
Junction Capacitance
Cj
2007 Semtech Corp.
2
www.semtech.com
RCLAMP0521P
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
10
Power Derating Curve
110 100 90 % of Rated Power or I PP 80 70 60 50 40 30 20 10 0
Peak Pulse Power - PPP (kW)
1
0.1
0.01 0.1 1 10 Pulse Duration - tp (s) 100 1000
0
25
50
75
100
125
150
Ambient Temperature - TA (oC)
Clamping Voltage vs. Peak Pulse Current
24 22 20 Clamping Voltage - VC (V) 18 14 12 10 8 6 4 2 0 0 1 2 3 Peak Pulse Current - IPP (A) 4 5
Waveform Parameters: tr = 8s td = 20s
CJ(VR) / CJ(VR=0) 1.5 2
Normalized Capacitance vs. Reverse Voltage
f = 1 MHz
16
1
0.5
0 0 1 2 3 Reverse Voltage - VR (V) 4 5
ESD Clamping (8kV Contact per IEC 61000-4-2)
CH1 S21
Insertion Loss S21
LOG 6 dB / REF 0 dB 1: -0.01950 dB 900 MHz 0 dB
1 2 3
2: 0.02630 dB 1.8 GHz 3: 0.25850 dB 2.5 GHz
-6 dB -12 dB -18 dB -24 dB -30 dB -36 dB -42 dB -48 dB 1 MHz START . 030 MHz 10 MHz 100 MHz
Note: Data is taken with a 10x attenuator 2007 Semtech Corp. 3
3 1 GHz GHz STOP 3000. 000000 MHz
www.semtech.com
RCLAMP0521P
PROTECTION PRODUCTS Applications Information
Device Connection Options These low capacitance TVS diodes are designed to provide common mode protection for one high-speed line or differential protection for one line pair. The device is bidirectional and may be used on lines where the signal polarity is positive and negative. Circuit Board Layout Recommendations for Suppression of ESD. Good circuit board layout is critical for the suppression of ESD induced transients. The following guidelines are recommended: Place the TVS near the input terminals or connectors to restrict transient coupling. Minimize the path length between the TVS and the protected line. Minimize all conductive loops including power and ground loops. The ESD transient return path to ground should be kept as short as possible. Never run critical signals near board edges. Use ground planes whenever possible. Equivalent Circuit Diagram
2007 Semtech Corp.
4
www.semtech.com
RCLAMP0521P
PROTECTION PRODUCTS Applications Information - Spice Model
I/O Line
RCLAMP0521P Spice Model
R Clamp0521P Spice Parameters Parameter IS BV VJ RS IB V CJO TT M N EG Unit Amp Volt Volt Ohm Amp Farad sec --eV D1 (LCR D) 1.0E-20 100 0.7 0.458 1E-3 0.4E-12 2.541E-9 0.01 1.1 1.11 D2 (LCR D) 1.0E-20 100 0.7 0.89 1E-3 0.4E-12 2.541E-9 0.01 1.1 1.11 D3 (T VS) 2.0E-12 9.36 0.6 0.8 1E-3 56E-12 2.541E-9 0.23 1.1 1.11
2007 Semtech Corp.
5
www.semtech.com
RCLAMP0521P
PROTECTION PRODUCTS Outline Drawing - SLP1006P2
A D B
E
DIM
A A1 b D E e L R N aaa bbb
TOP VIEW
A aaa C A1 PIN 1 ID R bxN bbb CAB 2x L e C
SEATING PLANE
.016 .020 .022 .000 .001 .002 .018 .020 .022 .035 .039 .043 .020 .024 .028 .026 BSC .008 .010 .012 .002 .004 .006 2 .003 .004
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
0.40 0.50 0.55 0.00 0.03 0.05 0.45 0.50 0.55 0.90 1.00 1.10 0.50 0.60 0.70 0.65 BSC 0.20 0.25 0.30 0.05 0.10 0.15 2 0.08 0.10
BOTTOM VIEW NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
Land Pattern - SLP1006P2
Y (C) G Z
DIMENSIONS DIM C G X Y Z INCHES (.033) .012 .024 .022 .055 MILLIMETERS (0.85) 0.30 0.60 0.55 1.40
X
NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
2007 Semtech Corp.
6
www.semtech.com
RCLAMP0521P
PROTECTION PRODUCTS Marking Code Ordering Information
Part Number Qty per Reel 3,000 Reel Size 7 Inch
N
PIN 1 ID
Tape and Reel Specification
RCLAMP0521P.TCT
Note: Lead finish is lead-free NiPdAu.
RailClamp and RClamp are marks of Semtech Corporation.
A0 0.69 +/-0.10 mm
B0 1.19 +/-0.10 mm
K0 0.66 +/-0.10 mm
Tape Width
B, (Max)
D 1.5 + 0.1 mm - 0.0 mm (0.59 +.005 - .000)
D1
E
F
K (Max)
P
P0
P2
T (Max)
W
8 mm
4.2 mm (.165)
0.8 mm 0.25 (.031)
1.7500.1 mm (.069.004)
3.50.05 mm (.138.002)
2.4 mm (.094)
4.00.10 mm (.157.004)
4.00.1 mm (.157.004)
2.00.05 mm (.079.002)
0.4mm (.016)
8.0 mm + 0.3 mm - 0.1 mm (.312.012)
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
www.semtech.com
2007 Semtech Corp.
7


▲Up To Search▲   

 
Price & Availability of RCLAMP0521P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X