Part Number Hot Search : 
PKG058CC ZT653 J0026D21 3C103Z2U 74AUP1 G5335 NTE5545 002000
Product Description
Full Text Search
 

To Download QXP2K473KRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLASTIC FILM CAPACITORS
XP
Application
Metallized Polypropylene Film Capacitor
series (For High Frequency Applications)
Ideal for high frequency applications due to a metallized polypropylene film dielectric which exhibits superior operative characteristics with minimal loss at high frequency. Self-healing electrode and non-inductive construction provide excellent characteristics in minimal inductance having better with standing voltage capability. Finished by inner dipping with liquid epoxy resin and outer coating with flame-retardant epoxy resin, those double coating gives superior characteristics against moisture. Adapted to the RoHS directive (2002/95/EC). High frequency circuit, general electronic circuit and etc.
Specifications
Item Category Temperature Range Rated Voltage (UR) Rated Capacitance Range Capacitance Tolerance Dielectric Loss Tangent Insulation Resistance Withstand Voltage Encapsulation Performance Characteristics
Type numbering system (Example : 630V 0.01F)
F size 12.5
1 2 3 4 5 6 7 8 9 10 11 12 AC usage applicable Straight lead type : T AC usage applicable Cut / formed lead type :
- 40 ~ +105C (Rated temperature : 85C) 250, 400, 630, 800VDC 0.01 ~ 3.3F 5% (J), 10% (K) 0.1% or less (at 1kHz 20C)
C < 0.33F : 30000 M or more = C > 0.33F : 10000 F or more Between Terminals : Rated Voltage x 175%, 1 ~ 5 secs. Between Terminals and Coverage : Rated Voltage x 200%, 1 ~ 5 secs. Flame retardant epoxy resin
Category voltage = UR x 0.7
Code 7FL 7FP 7FT 7FX
17.5 22.5 27.5
QXP 2 J 1 0 3 KR P T
Configuration (RP : Polypropylene, Tinned CP wire) Capacitance tolerance (J : 5% K : 10%) Rated Capacitance (0.01F) Rated voltage (630V) Series name Type
Drawing AC Voltage
AC voltage (Operating at 50 / 60Hz AC circuit) shall be as follows
However, do not use this product for across-the-line applications.
DC Rated Voltage AC Voltage 250VDC 125VAC 400VDC 160VAC 630VDC 200VAC 800VDC 250VAC
1.5 MAX 5 MAX 25 MIN d 0.05 F1.5 P1.5 4.5 0.5 d 0.05 H+1.0MAX W MAX T MAX W MAX T MAX
H+1.0MAX
When used in high frequency circuit, refer to Table 2 and 4 for the values of effective voltage, current and effective VA, shown in pages 287, 290.
Straight lead type.
Cut / formed lead type.
Dimensions
Cap.(F) 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 V (Code) Code Size 103 153 223 333 473 683 104 154 224 334 474 684 105 155 225 335 5.6 16.0 9.6 0.6 12.5 12.5 0.6 12.5 12.5 0.6 12.5 12.5 0.6 12.5 12.5 0.6 17.5 17.5 5.8 16.0 9.4 0.6 12.5 12.5 0.6 12.5 12.5 0.6 12.5 12.5 0.6 12.5 12.5 0.6 17.5 17.5 0.6 17.5 17.5 0.6 17.5 17.5 250VDC (2E) T W H d P F T W 400VDC (2G) H d P F T W 630VDC (2J) H 9.6 d P F T W 800VDC (2K) H d
Unit : mm
P F
5.5 16.0
0.6 12.5 12.5 0.6 12.5 12.5 0.6 12.5 12.5 0.6 12.5 12.5 0.6 17.5 17.5 0.6 17.5 17.5 0.6 17.5 17.5 0.6 17.5 17.5
6.2 16.0 10.3 0.6 12.5 12.5 7.0 16.0 11.1 0.6 12.5 12.5 8.0 16.0 12.1 0.6 12.5 12.5 7.1 21.0 11.8 0.6 17.5 17.5 7.5 21.0 13.8 0.6 17.5 17.5 8.7 21.0 14.9 0.6 17.5 17.5 9.6 21.0 17.5 0.6 17.5 17.5 9.6 26.5 18.0 0.8 22.5 22.5
6.1 16.0 10.1 6.8 16.0 10.8 7.5 16.0 11.2 6.7 21.0 11.4 7.1 21.0 13.4 8.2 21.0 14.4 9.6 21.0 15.9 9.0 26.5 17.3
6.5 16.0 10.6 7.2 16.0 11.3 8.2 16.0 12.3 7.6 21.0 11.7 8.6 21.0 13.3 9.2 21.0 15.5
6.1 16.0 10.2 6.8 16.0 10.9 7.7 16.0 11.8 7.4 21.0 11.4 8.5 21.0 12.6 9.4 21.0 14.1 10.3 21.0 16.5 9.9 26.5 18.2 11.8 26.5 20.2 12.6 31.5 20.9 14.5 31.5 24.4
0.8 22.5 22.5 11.5 26.5 19.8 0.8 22.5 22.5 0.8 22.5 22.5 12.1 31.5 20.5 0.8 27.5 27.5 0.8 27.5 27.5 13.7 31.5 23.7 0.8 27.5 27.5 0.8 27.5 27.5
0.6 17.5 17.5 11.1 21.0 17.3 0.6 17.5 17.5 10.4 26.5 18.7 0.6 17.5 17.5 12.3 26.5 20.6 0.8 22.5 22.5 13.0 31.5 21.3 0.8 22.5 22.5 14.9 31.5 24.9 0.8 27.5 27.5 0.8 27.5 27.5
0.6 17.5 17.5 10.7 26.5 19.1 0.8 22.5 22.5 11.1 31.5 19.4 0.8 22.5 22.5 13.2 31.5 21.5 0.8 27.5 27.5 0.8 27.5 27.5
F : lead pitch for cut / formed lead wires We can also custom-make. 250VDC (2E) ~ 10F, 400VDC (2G) ~ 4.7F, 630VDC (2J) ~ 3.3F,800VDC (2K) ~ 1.5F Please contact us and let us know the specification you need.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of QXP2K473KRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X