Part Number Hot Search : 
C3843 MMBD4 NCE0208I SY88973 X2065 W25Q32 RJK032 RJK032
Product Description
Full Text Search
 

To Download QXK2J153KTP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLASTIC FILM CAPACITORS
XK
Metallized Polyester Film Capacitor
series (Extended Standard Type)
Highly reliable and superior performance in high frequency applications, self-healing and noninductive construction, using a dielectric made of polyethylene terephthalate film covered with vacuum-evaporated metal. Large capacitance in small dimensions. Finished by inner dipping with liquid epoxy resin and outer coating with flame-retardant epoxy resin, those double coating provides excellent humidity resistance. Designed 1mm max. of epoxy on lead wire for best performance at soldering process on P.C. board assemblies. Adapted to the RoHS directive (2002/95/EC).
Applications
General electronic and communications equipment. Contact us for details for use in AC circuits. However, do not use this product for across-the-line applications.
Specifications
Item Category Temperature Range Rated Voltage (UR) RatedCapacitance Range Capacitance Tolerance Dielectric Loss Tangent Insulation Resistance Withstand Voltage Encapsulation Performance Characteristics
Type numbering system (Example : 630V 0.01F)
F size 7.5 10.0
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Code 7FG 7FJ 7FM 7FT 7FX
- 40 ~ +105C (Rated temperature : 85C) 250, 400, 630VDC 0.01 ~ 10F 5% (J) , 10% (K)
C > 0.33F : 3000 F or more : Rated Voltage x 175%, 1 ~ 5 secs. : Rated Voltage x 200%, 1 ~ 5 secs.
Category voltage = UR x 0.7
15.0 22.5 27.5
QXK 2 J 1 0 3 KT P
Cut / formed lead type
0.8% or less (at 1kHz 20C)
C < 0.33F : 9000 M or more = Between Terminals Between Terminals and Coverage Flame retardant epoxy resin
Configuration (TP : Polyester film, Tinned CP wire) Capacitance tolerance (J : 5% K : 10%) Rated Capacitance (0.01F) Rated voltage (630V) Series name Type
Except for 250VDC 0.01 ~ 0.15F Except for 400VDC 0.01 ~ 0.033F
AC Voltage
AC Voltage (Operating at 50 / 60Hz AC circuit) shall be as follows.However, do not use this product for across-the-line applications.
DC Rated Voltage AC Voltage 250VDC 125VAC 400VDC 200VAC 630VDC 250VAC
1MAX
Drawing
W MAX TMAX W MAX T MAX
H+0.5MAX
H+0.5MAX 5MAX
When operating capacitors in the high frequency circuit, maximum permissible value (VAC) can be calculated from table 2, provided that the effective current (le) and the effective VA (Ve x Ve) shall not exceed the values specified in table 5.Shown in Pages 287, 290.
25MIN
d 0.05 F1.5
4.5 0.5
d 0.05
P1.5
Straight lead type.
Cut / formed lead type.
Dimensions
Cap.(F) 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0
Code
Unit : mm
V(Code) Size 103 153 223 333 473 683 104 154 224 334 474 684 105 155 225 335 475 685 106 250VDC (2E) T 4.4 5.0 4.4 4.4 4.0 4.7 5.2 6.1 5.9 6.7 5.5 6.0 7.1 9.9 8.1 10.0 12.0 12.7 15.6 W 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 13.5 13.5 18.5 18.5 18.5 18.5 25.5 25.5 25.5 30.5 30.5 H 7.6 8.2 8.0 8.0 7.6 8.2 8.9 9.8 10.5 11.9 12.3 14.3 15.5 15.1 16.5 18.3 20.3 21.3 24.2 d 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 P 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 F 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 T 4.4 5.0 4.3 4.9 4.7 5.4 6.1 5.1 5.9 7.6 8.3 7.2 8.7 9.4 11.5 W 11.0 11.0 11.0 11.0 13.5 13.5 13.5 18.5 18.5 18.5 18.5 25.5 25.5 30.5 30.5 400VDC (2G) H 7.6 8.2 7.9 8.6 9.3 10.0 11.2 11.9 12.7 12.8 15.1 15.6 17.1 18.0 20.0 d 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 P 7.5 7.5 7.5 7.5 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 27.5 27.5 F 7.5 7.5 7.5 7.5 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 27.5 27.5 T 4.4 4.7 5.1 5.9 6.4 5.8 6.4 7.1 9.6 7.9 9.4 11.3 12.0 14.8 18.5 W 13.5 13.5 13.5 13.5 13.5 18.5 18.5 18.5 18.5 25.5 25.5 25.5 30.5 30.5 30.5 630VDC (2J) H 9.0 9.3 10.3 11.1 13.2 11.0 13.2 15.4 14.8 16.2 17.7 19.6 20.5 23.3 27.5 d 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 P 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 27.5 F 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 22.5 22.5 22.5 27.5 27.5 27.5
F : lead pitch for cut / formed lead wires We can also custom-make. 250VDC (2E) ~ 15F, 400VDC (2G) ~ 10F, 630VDC (2J) ~ 3.3F. Please contact us and let us know the specification you need.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of QXK2J153KTP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X