Part Number Hot Search : 
LG12340 2KNAS BAV7413 SMA18 37470 00M35 DTA113T LV8548MC
Product Description
Full Text Search
 

To Download QESM04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FREQUENCY
QESM04
SMD 6.0x3.5 Crystal - Ceramic SMD packaged
Specification (Rev-D)
Electrical Characteristics ......................................................P01 ESR vs. frequency range and Mode of vibration ..................P01 Mechanical Characteristics ...................................................P01 Ordering Information .............................................................P02 Suggested Reflow Soldering profile ......................................P02 Tape Drawing........................................................................P03 Reel Drawing ........................................................................P03
Frequency
QESM04
SMD 6.0x3.5 Crystal - Ceramic SMD packaged
Specification (rev-D) September 01th, 2006
Electrical Characteristics
Electrical Parameters Frequency range Temperature Stability Operating Temperature Range Storage temperature range Shunt capacitance C0 Load capacitance Drive level Aging (First Year) Insulator resistance Unit MHz ppm C C pF pF W ppm M 500 10 -40 Minimum Typical Maximum 10 10 10 30 30 -20/+70 80 50 50 -40/+85 +85 7.0 10pF ~ 30pF or series 100 3 Ref at 25C At 100VDC Customized specification upon request Refer to Ordering Information Refer to Ordering Information Refer to Ordering Information Refer to Ordering Information Test conditions
Frequency Tolerance (at 25C) ppm
ESR vs. frequency range and Mode of vibration
Frequency range (MHz) 10.000 to 10.999 11.000 to 11.999 12.000 to 15.999 Mode of vibration Max ESR () Fund. / AT Fund. / AT Fund. / AT 100 80 60 Frequency range (MHz) 16.000 to 39.999 40.000 to 80.000 Mode of vibration Fund. / AT 3rd/ AT Max ESR () 40 70
Mechanical Characteristics
Marking for QESM04 Manuf code +Temex code (6 digits) Line 2 Frequency in MHz (6digits) Line 1 Mechanical conditions Vibration 10g, 10Hz to 2KHz according to standard CEI 68-2-63 Shocks 100g, 6ms according to standard CEI 68-227
Top view
Suggested pad
Note 1 : QESM04 is fully RoHS compliant.
H
H = 1.1 mm max
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Frequency
QESM04
SMD 6.0x3.5 Crystal - Ceramic SMD packaged
Specification (rev-D) September 01th, 2006
Ordering Information
QESM04 1 10 Part numbering system JQ 10 08 39.000MHZ
Package type
Vibration mode 1=Fundamental 3=3rd overtone
Frequency tolerance
Operating temperature range
Frequency stability
Load Capacitance 00=series 10=10pF 30=30pF
Please, enter the value of load capacitance
Nominal Frequency (MHz) Please enter the nominal frequency
SMD Package QESM04 : SMD ceramic 6.0 x 3.5 4 pads
10=10ppm 20=20ppm 30=30ppm 50=50ppm
D=-40C F= -30C H=-20C J=-10C L=0C M=+50C N=+55C O=+60C Q=+70C T=+85C
10=10ppm 20=20ppm 30=30ppm 50=50ppm
Suggested Reflow Soldering Profile
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Frequency
QESM04
SMD 6.0x3.5 Crystal - Ceramic SMD packaged
Specification (rev-D) September 01th, 2006
Tape Drawing
Item
Pitch of components Pitch of sprocket hole Length from hole center to component center Width of carrier tape Width of adhesive tape Height of component hole Width of component hole Gap of hold down tape and carrier tape Diameter of sprocket hole Diameter of feed hole Total of tape thickness
Code
P Po P1 W W0 A B W2 Do D1 K
Dimension
8.0 4.0 2.0 16.0 7.5 7.1 4.7 1.75 1.5 1.5 1.5
Tolerance 0.1 0.1 0.1 0.3 0.1 0.1 0.1 0.1 0.05 0.25 0.1
Reel Drawing
2.5 13.5
O21.6
O13.5
Multiple : 1Kpcs per Reel Unit : mm
O178 1.6
3
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.


▲Up To Search▲   

 
Price & Availability of QESM04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X