Part Number Hot Search : 
1078075 TSOP1256 N5404 EB13C3 7N1004 TEA7540 CMBT9013 ZL40810
Product Description
Full Text Search
 

To Download QEN05CAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FREQUENCY
QEN05
SMD 5x3.2 XO - Communications Equipment Application
Specification (Rev-C)
Electrical Characteristics ......................................................P01 Mechanical Characteristics ...................................................P02 Ordering Information .............................................................P03 Suggested Reflow Soldering profile ......................................P03 Tape Drawing........................................................................P04 Reel Drawing ........................................................................P04
Frequency
QEN05
SMD 5x3.2 XO - Communications Equipment Application
Specification (rev-C) December 15th, 2005
Electrical Characteristics
Electrical Parameters Frequency range
(see note 1)
Unit MHz
Minimum 1.544
Typical
Maximum 125
Test conditions
Output logic Operating temperature range (see table 1) Storage temperature range Power supply voltage (Vcc) Frequency Stability
(see note 2)
HCMOS / TTL Output C C V ppm ppm mA pF % ns ms 15 40/60 7 10 30 Refer to Ordering Information Refer to Ordering Information From 10% Vcc to 90% Vcc From 10% Vcc to 90% Vcc -55 +1.8 25 50 -10 to +70 -40 to +85 +125 +5.0 100 5 Refer to Ordering Information Refer to Ordering Information Ref at 25C Refer to Ordering Information
Aging (First Year) Input current
(see table 2)
Output load Duty cycle
(see note 3)
Rise & Fall time Start-up time
Note 1: Not all voltages, loads or stabilities are available for frequency over 70 MHz. Note 2: Include 25C tolerance, operating temperature range, input voltage change, load change, first year aging, shock and vibration. Note 3: Duty cycle 45/55% is available on option.
Table 1 : Stability Codes 25ppm 50ppm 100ppm -10 to +70C C B A - 40 to +85C G F D
Table 2 : Input Current Frequency range (MHz) 1.544 to 9.999 10.00 to 34.999 35.00 to 49.999 50.00 to 125 Vcc=5V Cl=15 pF 15 mA 20 mA 35 mA 40 mA Vcc=3.3V Vcc=2.5V Vcc=1.8V Cl=15pF Cl=15pF Cl=15pF 8 mA 7 mA 6 mA 10 mA 8 mA 7 mA 25 mA 20 mA 15 mA 35 mA 30 mA 25 mA
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Frequency
QEN05
SMD 5x3.2 XO - Communications Equipment Application
Specification (rev-C) December 15th, 2005
* Mechanical Characteristics
SUGGESTED PAD
Hmax = 1.3 mm
TOP VIEW
BOTTOM VIEW
#1 #2 #3 #4
Pin connections Tri state Ground Output +Vcc
Tri state function Pin #1 Output (Pin #3) Open Active "1" Active "0" High Z
Line 1 Line 2
Marking Manufacturing code + 05 + stability/supply voltage/output code Frequency in MHz (6 digits)
Example for QEN05BDA / 50MHz Line 1 : G05BDA Line 2 : 50.000
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Frequency
QEN05
SMD 5x3.2 XO - Communications Equipment Application
Specification (rev-C) December 15th, 2005
Ordering Information
QEN05 B Part numbering system D A R 50.000MHZ
Package type
Temperature Stability
Supply Voltage A : + 5.0V D : +3.3V M : +2.5V N : +1.8V
Output
Output Symmetry Option
Nominal Frequency (MHz) Please enter the nominal frequency
SMD Package QEN05 : SMD 5x3.2
A : 100ppm vs -10 to +70C
B: C: D: F: G:
50ppm vs -10 to +70C 25ppm vs -10 to +70C 100ppm vs -40 to +85C 50ppm vs -40 to +85C 25ppm vs -40 to +85C
A : HCMOS 15pF B : HCMOS 30pF
Blank : 40/60% R : 45/55%
Suggested Reflow Soldering Profile
3
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Frequency
QEN05
SMD 5x3.2 XO - Communications Equipment Application
Specification (rev-C) December 15th, 2005
Tape Drawing
Item
Pitch of components Pitch of sprocket hole Length from hole center to component center Width of carrier tape Width of adhesive tape Height of component hole Diameter of sprocket hole Total of tape thickness
Code
P Po P1 W W0 A Do K
Dimension
8.0 4.0 2.0 12.0 5.5 5.7 1.5 1.5
Tolerance 0.1 0.1 0.1 0.3 0.1 0.1 0.1 0.1
Reel Drawing
Multiple : 1Kpcs per Reel Unit : mm
4
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.


▲Up To Search▲   

 
Price & Availability of QEN05CAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X