|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PJSLC054, 054C SERIES LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES This Transient Voltage Suppressor is intended to Protect Sensitive Equipment against Electrostatic Discharge and Transient Events as well to offer a Miminum insertion loss in high speed data communication transmission line ports used in Portable Consumer, Computing and Networking Applications. PRELIMINARY SOT143 3 4 2 1 Unidirectional SPECIFICATION FEATURES Working Peak Reverse Voltage Range 5, 12, 15 and 24V Max Power Dissipation of 350W, 8/20s Maximum Leakage Current of 2A IEC61000-4-2 Compliance 15kV Air, 8kV Contact Discharge Typical capacitance of 7pF (Unidirectional), 5pF (Bi-directional) at 0Vdc Unidirectional and Bi-directional versions available 100% Tin Matte lead finish (RoHS Compliant) APPLICATIONS Mobile Phones and accessories Universal Serial Bus (USB1.1 and 2.0) Applications Portable Consumer Electronics Instrumentation Equipment Video I/O Ports Bi-directional MAXIMUM RATINGS Rating Peak Pulse Power ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Lead Soldering Temperature (max 10 s) 8/20s Waveform Symbol Ppp V ESD TJ Tstg TL Value 350 >25 -55 to +150 -55 to +150 260 Units W kV C C C ELECTRICAL CHARACTERISTICS Tj = 25C PJSLC054, PJSLC054C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Maximum Peak Pulse Current Off State Junction Capacitance * Note: Cj values - Unidirectional (Bi-directional) Symbol VWRM VBR IR Vc Vc I pp Cj Conditions Min Typical Max 5 Units V V I BR = 1mA VR = 5V I pp = 5A I pp = 17A 8/20 s Waveform 0 Vdc Bias f = 1MHz Between pins 1,4 and 2,3 6 2 10 18.3 24 7 (5)* A V V A pF 7/26/2006 Page 1 www.panjit.com PJSLC054, 054C SERIES ELECTRICAL CHARACTERISTICS Tj = 25C PJSLC124, PJSLC124C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Maximum Peak Pulse Current Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc I pp Cj I BR = 1mA VR = 12V I pp = 5A I pp = 15A 8/20 s Waveform 0 Vdc Bias f = 1MHz Between pins 1,4 and 2,3 7 (5)* Conditions Min Typical Max 12 Units V V PRELIMINARY 13.3 2 18 22 17 A V V A pF PJSLC154, PJSLC154C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Maximum Peak Pulse Current Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc I pp Cj I BR = 1mA VR = 15V I pp = 5A I pp = 12A 8/20 s Waveform 0 Vdc Bias f = 1MHz Between pins 1,4 and 2,3 7 (5)* Conditions Min Typical Max 15 Units V V 16.7 2 24 28 15 A V V A pF PJSLC244, PJSLC244C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Maximum Peak Pulse Current Off State Junction Capacitance * Note: Cj values - Unidirectional (Bi-directional) Symbol VWRM VBR IR Vc Vc I pp Cj Conditions Min Typical Max 24 Units V V I BR = 1mA VR = 24V I pp = 5A I pp = 8A 8/20 s Waveform 0 Vdc Bias f = 1MHz Between pins 1,4 and 2,3 26.7 2 36 43 10 7 (5)* A V V A pF 7/26/2006 Page 2 www.panjit.com PJSLC054, 054C SERIES TYPICAL CHARACTERISTIC CURVES Peak Pulse Power - Ppp (kW) % of Rated Power or Ipp PRELIMINARY Clamping Voltage vs Ipp 8x20sec 18 16 14 Ipp, Amps 12 10 8 6 4 2 0 6 8 10 12 14 16 18 20 22 24 Clamping Voltage, V Percent of Ipp Pulse Waveform 110 100 90 80 70 60 50 40 30 20 10 0 0 5 10 15 time, sec 20 25 30 Rise time 10-90% - 8s 50% of Ipp @ 20s Pending Non-Re petitive Pe a k Pulse Pow e r vs Pulse Time 10 110 100 90 80 70 60 50 40 30 20 10 0 Pow er Derating Curve 1 Pending 0.1 Pending 0.01 0.1 1 10 Pulse Dura tion, se c 100 1000 0 25 50 75 100 125 150 Ambient Temperature - TA, C 7/26/2006 Page 3 www.panjit.com PJSLC054, 054C SERIES PACKAGE AND SUGGESTED PAD LAYOUT DIMENSIONS PRELIMINARY (c) Copyright PanJit International, Inc 2006 The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others. 7/26/2006 Page 4 www.panjit.com |
Price & Availability of PJSLC054 |