Part Number Hot Search : 
EE08806 65A56 5KE440A LI3264 A5800261 UDN3626M AC08F TP6A60
Product Description
Full Text Search
 

To Download PFR3501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
35 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
Mechanical Dimensions
.100 .500 Typ PFRXXXX = + PFRXXXXA = .250 .504 Typ .625 Typ .400 Max. .100 Typ
PFR3501 . . . 3510 Series
Description
Features
n LOW COST n HIGH SURGE CAPABILITY n DIFFUSED JUNCTION n LOW LEAKAGE CURRENT n HIGH TEMPERATURE CAPABILITY n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 55C (Note 3) Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Forward Voltage @ 35A...VF DC Reverse Current...IR @ Rated DC Blocking Voltage, 150C Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJC (Note 2) Typical Reverse Recovery Time...tRR Operating & Storage Temperature Range...TJ, TSTRG
PFR3501 . . . 3510 Series PFR3501 PFR3502 100 70 100 200 140 200 PFR3503 300 210 300 PFR3504 PFR3506 PFR3508 PFR3510 400 280 400 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps Volts
............................................. 35 ............................................... ............................................. 500 ............................................... < ........................................... 1.08 ........................................... >
............................................. 10 ............................................... Amps ............................................. 250 ............................................... Amps < ..................... 2 5 0 ................... > < .............. 3 5 0 ........... > ............................................. 0.8 ............................................... ............................................. 3.0 ............................................... ......................................... -50 to 175 .......................................... pF C / W S C
Page 2-12
Data Sheet
35 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
Typical Junction Capacitance
1000 500 200 100 50 pF
10 .1
100 10 1 Reverse Voltage (Volts) F = 1 MHZ VSIG = 50 Vpp TJ = 25 C Forward Current Derating Curve 60 50 40 Amps 30 20 10
10 5 Single Phase 1/2 Wave Res. or Ind. Load
1000 500 200 100 50 Amps
Non-Repetitive Peak Forward Surge Current
TJ = 25C TJ = 150C
20
10 .1
Capacitive Load IPK/AV = 5, 10 & 20
1 10 Number of Cycles @ 60 HZ Typical Reverse Characteristics 10 1
TJ = 100C
100
0
25
5 0 7 5 100 125 150 175 Lead Temperature (C)
Typical Instantaneous Forward Characteristics 1000
100
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load.
Amps
.1
Amps
10 1
.01 .001
TJ = 25C
40
80
120
Percent of Rated Peak Voltage
.1
TJ = 150C
PW = 300 uS
.6 .9 1.1 1.4 1.7 2.0 2.3 2.6
Volts
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Ambient, Jedec Method. 3. When Mounted to heat sink, from body.
For Capacitive Load, Derate Current by 20%.
Page 2-13
PFR3501 . . . 3510 Series


▲Up To Search▲   

 
Price & Availability of PFR3501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X