Part Number Hot Search : 
11004 MSM6818 1SS303 10500 J100A KB156 INY13 UPC4084
Product Description
Full Text Search
 

To Download PFR2523 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet Description
FASTORB - 25 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
Mechanical Dimensions
PFR2523
Features
n INEXPENSIVE n GLASS PASSIVATED DIE n AVALANCHE VOLTAGE 19.8 TO 26.2 VOLTS
PFR2523 Maximum Ratings Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Repetitive Peak Reverse Surge Current Time Constant = 10 ms, Duty Cycle 1%, TC = 25C
(See Fig. 1)
Symbol VRRM VRWM VDC IRSM IO IFSM TJ, TSTRG
Value 16 16 16 150 25 400 -40 to 200
IRRM (EXP) IRRM (EXP) 0 10
Units Volts Volts Volts Amps Amps Amps C Fig. 1
Average Forward Rectified Current Single Phase, Resistive Load, 60 Hz, TC = 150C Non-Repetitive Peak Forward Surge Current @ Rated Load Conditions, 1/2 Wave, Single Phase Operating & Storage Temperature Range Thermal Resistance, Junction to Lead Both Equal Length Leads to Heat Sink RJL Thermal Resistance, Junction to Case RJC Length 1/4" 3/4" 8 1/2" Max. 7.5 10 13 .8 Typ
Units C / W C / W C / W C / W
Surge Current Characteristics Min. N/A N/A 19.8 N/A Max. 1.15 1.0 26.2 35 0.096 2
30
50
Electrical Characteristics Instantaneous Forward Voltage (IF = 100 Amps, PW = 30 s, TC = 25C)...VF Instantaneous Reverse Current (VR = 16 VDC, TC = 25C)...IR Breakdown Voltage (IR = 100 mAmps, TC = 25C)...VBR Clamping Voltage (IR = 65 Amps, TC = 150C, PW = 80 s)...VBR Typical Breakdown Voltage Temperature Coefficient...V(br)TC Typical Forward Voltage Temperature Coefficient...(IF = 10 mA) VF(tc) Page 2-18
Units Volts Amps Volts Volts % / C mV / C


▲Up To Search▲   

 
Price & Availability of PFR2523

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X