|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Optoway PDA-1500-FA InGaAs PIN Photodiode Module for CATV Receiver DESCRIPTION PDA-1500-FA ***************************************************************************************************************************************************************** **************************************************************************************************************************************************************** PDA-1500-FA InGaAs PIN Photodiode series are high quality analog photodetectors designed for AM CATV receiver applications. These receptacle type modules are optically aligned to optimize performance and balance the parameters of responsivity, distortion and back reflection. PDA-1500 series are suitable in forward and return path applications including AM-VSB CATV, QAM 64/256, PON, FTTC and FTTH receivers. FEATURES Electro-Optical l Low Inter-modulation Distortion l High Responsivity l Low Back Reflection Packaging l Receptacle ABSOLUTE MAXIMUM RATINGS Stress in excess of the absolute maximum rating can cause permanent damage to the device. These are absolute stress rating only. Functional operation of the device is not implied at these or any other conditions in excess of these given in the operational sections of the datasheet. Exposure to absolute ratings for extended periods can adversely affect device reliability. Parameter Forward Current Reverse Current Reverse Voltage Power Dissipation Soldering Temperature Operating Temperature Range Storage Temperature Range Symbol Min Max 10 10 25 100 260/10 85 85 Unit mA mA V mW o C/sec o C o C PDISS Tsolder Top Tstg -40 -40 CHARACTERISTICS ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25C, VR = 12V) Symbol R Parameter Responsivity nd Test Conditions = 1300nm = 1550nm Min. 0.80 0.85 Typ. Max. Unit A/W IM2 BR Idark C BW 2 Order Intermodulation Note (1*) Modulation Back Reflection = 1300 nm, 1550 nm Dark Current Capacitance Bandwidth -70 -40 1 1.0 2.0 dBc dB nA pF GHz VR=5V f=1MHz, Case Ground, VR=5V 3 dB down, RL=50 1*. IM2 measured at VR=12V, =1550nm, Pavg=0dBm, MI=0.7, RLOAD=50, f1+f2=850.25 MHz, f1-f2=50.25MHz **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2004 V2.0 Optoway PRECAUTIONS for USE PDA-1500-FA ***************************************************************************************************************************************************************** ESD protection is imperative. Use of grounding straps, anti-static mats, and other ESD protective equipment is recommended when handling or testing an InGaAs PIN or any other junction photodiodes. MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT Note: 1. Specifications subject to change without notice. 2. Other PIN assignment is available upon request. ORDER INFORMATION Part No.: P D A - 1 5 0 0 - Receptacle SC/APC FC/APC Code SA FA **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2004 V2.0 |
Price & Availability of PDA-1500-SA |