Part Number Hot Search : 
TC4081BF 53210 MH205 CXA1380M 154809 S12R1 PA100 10009
Product Description
Full Text Search
 

To Download P0602AAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Two-chip SIDACtor(R) Device
RoHS
The two-chip SIDACtor design provides a through-hole technology protection solution. It is intended for telecom applications that do not require a balanced solution. For primary protection applications, devices with higher holding current and integrated failsafe options are available. SIDACtor devices enable equipment to comply with various regulatory requirements including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968-A (formerly known as FCC Part 68).
Electrical Parameters
Part Number * P0602A_L P1402A_L P1602A_L P2202A_L P2702A_L P3002A_L P3602A_L P4202A_L P4802A_L P6002A_L VDRM Volts Pins 1-2, 3-2 25 58 65 90 120 140 170 190 220 275 40 77 95 130 160 180 220 250 300 350 50 116 130 180 240 280 340 380 440 550 VS Volts VDRM Volts VS Volts 80 154 190 260 320 360 440 500 600 700 VT Volts 4 4 4 4 4 4 4 4 4 4 IDRM Amps 5 5 5 5 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 50 150 150 150 150 150 150 150 150 150
1 (T) 3 (R) 2 (G)
Pins 1-3
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For individual "AA", "AB", and "AC" surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps A B C 20 25 50 Amps 150 250 500 Amps 150 250 400 10x160 * 10x160 ** Amps 90 150 200 10x560 * 10x560 ** Amps 50 100 150 5x320 * 9x720 ** Amps 75 100 200 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 75 125 175 Amps 45 80 100 Amps 75 100 200 Amps 20 30 50 di/dt Amps/s 500 500 500
* Current waveform in s ** Voltage waveform in s
Telecom Design Guide * (c) 2006 Littelfuse
3 - 45
www.littelfuse.com
SIDACtor Devices
Two-chip SIDACtor(R) Device
Thermal Considerations
Package Modified TO-220 Symbol TJ TS RJA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient Value -40 to +150 -65 to +150 50 Unit C C C/W
PIN 1 PIN 2
PIN 3
Capacitance Values
pF Pin 1-2 / 3-2 Tip-Ground, Ring-Ground Part Number P0602AAL P0602ABL P0602ACL P1402AAL P1402ABL P1402ACL P1602AAL P1602ABL P1602ACL P2202AAL P2202ABL P2202ACL P2702AAL P2702ABL P2702ACL P3002AAL P3002ABL P3002ACL P3602AAL P3602ABL P3602ACL P4202AAL P4202ABL P4202ACL P4802AAL P4802ABL P4802ACL P6002AAL P6002ABL P6002ACL MIN 15 15 25 40 40 55 35 35 45 30 30 45 25 25 40 25 25 35 25 25 35 25 25 30 20 20 30 20 20 30 MAX 145 250 250 60 155 155 60 145 145 50 115 115 45 105 105 40 95 95 35 90 90 35 85 85 35 85 85 35 80 80 MIN 10 10 10 20 20 30 20 20 25 15 15 25 15 15 20 15 15 20 10 10 15 10 10 15 10 10 15 10 10 15 pF Pin 1-3 Tip-Ring MAX 90 145 145 35 90 90 35 85 85 30 65 65 25 60 60 25 55 55 20 50 50 20 50 50 20 50 50 20 45 45
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
www.littelfuse.com
3 - 46
(c) 2006 Littelfuse * Telecom Design Guide
Two-chip SIDACtor(R) Device
+I
IPP - Peak Pulse Current - %IPP
tr = rise time to peak value td = decay time to half value
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
Waveform = tr x td
50
Half Value
0 0 tr td t - Time (s)
-I
V-I Characteristics
tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
Telecom Design Guide * (c) 2006 Littelfuse
3 - 47
www.littelfuse.com
SIDACtor Devices


▲Up To Search▲   

 
Price & Availability of P0602AAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X