Part Number Hot Search : 
28TE1 THV310 104H1 RHE53 AO8801 IRFR220 IRFS620B ER30011
Product Description
Full Text Search
 

To Download NU-73B94B-P-AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
NU-73B94B-PG / NU-73B94B-P-AG
NU-73B94B-PG
1
****************************************************************************************************************************************************************************
(RoHS Compliant)
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B+ G-PON ONU Transceiver
***************************************************************************************************************************************************************************
FEATURES
l Class B+ Optical Network Unit (ONU) for ITU-T G.984.2 Gigabit-capable PON l Single-SM Fiber Bi-directional WDM Transceiver l 1.244 Gbps / 1310 nm Burst-Mode Transmitter l 2.488 Gbps / 1490 nm Continuous-Mode Receiver with 2R Output l 2x5 Package with SC/PC Pigtail l 0 to 70oC Operating: NU-73B94B-PG l -30 to 85oC Operating: NU-73B94B-P-AG l Single +3.3 V Power Supply l RoHS Complaint l DC Coupled Input Interface l AC Coupled Output Interface l LVTTL TX Burst Enable Control l LVTTL RX Signal Detect Output l Wave Solderable and Aqueous Washable l Class 1 Laser International Safety Standard IEC 60825 Compliant
DESCRIPTION
NU-73B94B series is a transceiver for the optical network unit (ONU) of G-PON with 2.488 Gbps in downstream and 1.244 Gbps in upstream. The NU-73B94B is high performance module for single fiber communications by using 1310 nm burst-mode transmitter and 1490 nm continuous-mode receiver. The transmitter section uses a multiple quantum well 1310 nm laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1490 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. LVPECL interface is used for differential inputs and outputs. A LVTTL logic interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l Broadband G-PON System
ORDER INFORMATION
TX P/No Class Type
BM BM
RX (nm) Power (dBm)
1310 DFB 5 / 0.5 1310 DFB 5 / 0.5 CNT CNT
Temp Sens. (dBm)
1490 1490 -8 / -27 0 / 70 SFF 2X5 Pig.
RoHS Package Complaint
Speed (Gb/s)
1.244 1.244
Type
Speed (nm) (Gb/s)
2.488 2.488
(oC)
NU-73B94B-PG NU-73B94B-P-AG
B+ B+
Yes Yes
-8 / -27 -30 / 85 SFF 2X5 Pig.
NOTE: 1. NU-XXXXXX-P2, SC/PC pigtail with fiber length 50 cm. 2. BM: Burst Mode; CNT: Continuous Mode; SFF: Small Form Factor Package.
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2006 V4.0
Optoway
Absolute Maximum Ratings
Parameter Power Supply Voltage Input Voltage Output Current Operating Case Temperature Storage Temperature Soldering Temperature Bending Radius of Fiber Symbol Vcc Iout Topr Tstg Min. 0 GND 0 0 -30 -40 30 Max. 4 Vcc 30 70 85 85 260 Unit V V mA o C o C o C o C mm
NU-73B94B-PG
Notes
2
*****************************************************************************************************************************************************************************
NU-73B94B-PG NU-73B94B-P-AG 10 seconds on leads only For pigtail product
Stress in excess of the maximum absolute ratings can cause permanent damage to the module.
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Case Temperature Power Supply Current Symbol Vcc Topr ICC (TX+RX) Min. 3.13 0 -30 Max. 3.47 70 85 300 Unit V o C o C mA Notes 3.3 V +/- 5 % NU-73B94B-PG NU-73B94B-P-AG
Transmitter Specifications (0oC < Topr < 70 oC, 3.13V < Vcc < 3.47V )
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Data Rate Optical rise and Fall Time Extinction Ratio Background Light Relative Intensity Noise Electrical Data Input Current - Low Data Input Current - High Data Input Voltage - Low Data Input Voltage -- High
DC-Bias Disable Input Voltage -- Low DC-Bias Enable Input Voltage -- High
Symbol Po SMSR Tr / Tf ER BDL RIN
Min. 0.5 1261 30
Typ.
Max. 5 1360 1
Units dBm nm nm dB Gb/s ns dB dBm dB/Hz A A V V V V ns ns
Notes 1 -20 dB width
1310
1.244 0.26 10 -45 -120 -350 VIL VIH VTDIS,L VTDIS,H tdcoff tdcon Vcc - 1.935 Vcc -1.135 0 Vcc - 1.3 350 Vcc - 1.56 Vcc - 0.76 0.8 Vcc 12.86 12.86
80%/20% BEN disable
TX Burst Turn-on Time (BEN pin) TX Burst Turn-off Time (BEN pin)
TX BEN OFF. TX BEN ON 16 bit data at 1.244 Gbps 16 bit data at 1.244 Gbps
1. Output power is power coupled into a 9/125 m single mode fiber.
****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2006 V4.0
Optoway
Receiver Characteristics (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V )
Parameter Optical Sensitivity Wavelength of Operation Signal Detect Assert Level Signal Detect Deassert Level Signal Detect Hysteresis Data Rate Optical Return Loss Electrical Differential Data Output Voltage SD Output Voltage -- Low SD Output Voltage -- High Signal Detect Assert Time Signal Detect Deassert Time Symbol Sen Pa Pd Min. -8 1480 -45 1.5 20 500 VOL VOH ASMAX ANSMAX 2.0 2 2 1200 0.8 Vcc 100 100 Typ. Max. -27 1500 -27 2 2.488 Units dBm nm dBm dBm dB Gb/s dB mVp-p V V s s
NU-73B94B-PG
Notes 2 3
3
*****************************************************************************************************************************************************************************
AC coupled Output LVTTL Output OFF to ON ON to OFF
2. Sensitivity and saturation levels at BER 1E-10 for a 223-1 PRBS @ ER=10. 3. At least 30 dB optical isolation for the wavelength 1260 to 1360 nm.
CONNECTION DIAGRAM
PIN 1 2 3 4 5 6 7 8 9 10 MS
Symbol RX-VEE RX-VCC SD RD- RD+ TX-VCC TX-VEE BEN TD+ TDMS
I/O I I O O O I I I I I
Notes Directly connect this pin to the receiver ground plane +3.3V dc power for the receiver section Active high on this indicates presence of received optical signal (LVTTL) Receiver Dataout AC coupled. Receiver Dataout. AC coupled. +3.3V dc power for the transmitter section Directly connect this plan to the transmitter ground plane TX Burst enable Control. When this pin is "Hi (LVTTL/LVCMOS)", TX burst is enabled. When this pin is "Lo (LVTTL/LVCMOS)", TX burst is disabled. This pin is internally pulled to "Hi". Transmitter Data In. DC coupled. Transmitter Data Bar In. DC coupled. Mounting Studs. Connect to Chassis Ground
****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2006 V4.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
7 Vcc 3.3V 8 BEN (LVTTL) 130R LD Driver TX10 Z=50R 130R TX GND
NU-73B94B-PG
4
*****************************************************************************************************************************************************************************
Vcc 3.3V
LVPECL TX+ TX Vcc 9 6 1uH 10nF 10uF 1uH Z=50R Vcc 3.3V 82R 82R
RX Vcc
2 10nF 10uF Vcc 3.3V
RX+ 5 Z=50R Post Amp RX- 4 Z=50R 3 SD (LVTTL) 100R
TD+ LVPECL TD-
depend on customer's PHY RX GND SFF ONU Module 1 CDR or PHY DEVICE
TRANSMITTER OPTICAL OUTPUT
TXD+ (LVPECL)
BEN LDB (LVTTL) (LVTTL)
Optical Output Dark
BDL
t dcon
t dcoff
****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2006 V4.0
Optoway
PACKAGE DIAGRAM
Units in mm
NU-73B94B-PG
5
*****************************************************************************************************************************************************************************
Note: Specifications subject to change without notice. L= 50 cm +/- 5 cm and SC/PC connector is standard. If non-standard fiber pigtail is required, please contact sales@optoway.com.tw.
****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2006 V4.0
Optoway
RECOMMENDED CIRCUIT BOARD LAYOUT
NU-73B94B-PG
6
*****************************************************************************************************************************************************************************
Notes: 1. This figure describes the recommended circuit board layout for the SFF ONU Transceiver. 2. The hatched areas are keep-out areas reserved for housing standoff. No metal traces or ground connection in keep-out area. 3. The mounting studs should be solder to chassis ground for mechanical integrity.
****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2006 V4.0


▲Up To Search▲   

 
Price & Availability of NU-73B94B-P-AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X