Part Number Hot Search : 
20200CT UNR911D M7211 T144AP BGC20DH 12816 D472J CHS168
Product Description
Full Text Search
 

To Download NT90THCEDC110VC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NT90T (T91)
NT90T (T91)
03001003503 E160644 E233737
32.4 27.5 28.0 32.4 27.5 20 NT90T2
E9930952E01 R2033977.06
Patent No. 99312549.2 02110881.1
Features
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life. Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications. PC board mounting and direct insert mounting available.
Ordering Information
NT90T H L A S DC12V C B 0.9
1 2 34 5 6 7 8 9 6 Coil rated voltage(V) AC:12,24,110,120,220 DC:3,5,6,9,12,15,18,24,48,110 7 Contact material C: AgCdO S: AgSnO2 I: AgSnO2 In 2O3 8 Resist heat class B:130 F:155 9 Coil power consumption 0.6:0.6W 0.9:0.9W NIL:2VA 1 Part number NT90T NT90T2 2 Load H:30A N:40A 3 High NIL: Standard L: Low profile type 4 Contact arrangement A:1A B:1B C:1C 5 Enclosure S: Sealed type D: Dust cover E: Covered O: Open type
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) 1A SPSTBNO 1B SPSTNC AgCdO AgSnO2 AgSnO2In2O3 1C SPDT(B-M)
NO:30A/240VAC,14VDC; NC:20A/240VAC;30A/14VDC NO:40A/250VAC,30VDC; NC:30A/250VAC,30VDC (0.9W) NO:30A/277VAC;NC:20A/277VAC Motor load 2HP 250VAC 1.5HP 250V Lamp load TV-5
Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical Life Mechanical
1100W 7200VA 110VDC 250VAC 30m 105 107
Max. Switching Current:40A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
Coil Parameter
AC Coil Parameter Rated voltage VAC Rated current mA Pick up voltage VAC(max) (75%of rated voltage) 9.0 18.0 82.5 90.0 165.0 Release voltage VAC(min) (30%of rated voltage) 3.6 7.2 33.0 36.0 66.0
Dash numbers
Coil resistance 10%
Coil power
Operate Time ms
Release Time ms
Rated 012AC 024AC 110AC 120AC 220AC 12 24 110 120 220
Max 15.6 31.2 143 156 286 187 95 20 16.5 6.4 27 120 2360 3040 13490
2VA
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS
Coil Parameter
DC Coil Parameter Coil voltage V Rated 003-900 005-900 006-900 009-900 012-900 015-900 018-900 024-900 048-900 110-900 3 5 6 9 12 15 18 24 48 110 Max. 3.9 6.5 7.8 11.7 15.6 19.5 23.4 31.2 62.4 143 Pick up voltage VDC(max) (75% of rated voltage) 2.25 3.75 4.50 6.75 9.00 10.25 13.50 18.00 36.00 82.50 Release voltage VDC(min) (10% of rated voltage) 0.3 0.5 0.6 0.9 1.2 1.5 1.8 2.4 4.8 11.0
Dash numbers
Coil resistance 10%
Coil power W
Operate Time ms
Release Time ms
10 28 40 90 160 250 360 640 2560 13445
0.9
15
10
003-600 005-600 006-600 009-600 012-600 015-600 018-600 024-600 048-600 110-600
3 5 6 9 12 15 18 24 48 110
3.9 6.5 7.8 11.7 15.6 19.5 23.4 31.2 62.4 143
15 42 60 135 240 375 540 960 3840 20167
2.25 3.75 4.50 6.75 9.00 10.25 13.50 18.00 36.00 82.50
0.3 0.5 0.6 0.9 1.2 1.5 1.8 2.4 4.8 11.0
0.6
15
10
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 T Ea est IEC68-2-6 Test Fc IEC68-2-21 Test Ua1&Ua2 IEC68-2-20 Test Ta method 1 IEC68-2-3 Test Ca 50Hz 1500V 50Hz 2500V 200m/s2 11ms 10~55Hz double amplitude 1.5mm 10N 235 2 3 0.5s -55~100 -55~125 85% (at 40 ) 31g Low profile type 35g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
NT90T (T91)
Dimensions
32.4Max. 1.275Max. 8
0.315 0.315
mm /inch
32.4 Max.
1.275max. 8
8
0.315 0.394
3-6.35
0.315
0.394
0.75 0.037
5.4 0.213
0.95
0.037
0.75 0.029
5.4
0.029
0.213
0.8
0.787max. 0.315 50 0.5 5A.5 (3.3) 0.250 0.768 27.8 Max. 1.094max.
19.5
3-6.4
0.020(0.130) 0.5 (3.3)
0.252 0.031
0.020(0.130)
28Max. 1.102Max.
0.197
0.016
0.4
20Max. 8
5
10
0.75
0.5 0.020
2- 0.8 0.031 1.2 1.2 0.047 0.047
2-0.8 1.5 0.031 0.059
2-? 0.8
0.031 1.2X1.2 0.047 0.047
2-0.8
1.5
0.031 0.059
NT90T
32.4 Max. 1.275max. 27.5 Max. 1.083max.
27.5 Max. 1.083max.
3-6.35 10 0.250 0.394
17.3 0.681
0.681
17.3
6 7.7 0.303 12.3 0.484
3-0.8 0.031
3-0.8
0.031
28Max. 1.102max.
0.4 0.016 3.3A 3.3 0.5 0.5 0.130 0.020
3.3 0.5 0.5 3.3A 0.130 0.020
0.016
0.4
32.4 Max. 1.275max.
NT90T2 Dimensions
NC
NC NC
NO COM NT90T2
COM NT90T
Wiring diagram(Top view)
0.150
0.394 0.303
10
0.197
27.5 Max. 1.083max.
27.5Max. 1.083Max.
10
8
0.606
0.083
0.551
0.043
Wiring diagram(Bottom view) NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
0.1
Mounting (Bottom view)
Ningbo Huaguan Relay Corporation LTD.
0.701
NHG RELAYS
Safety approvals
Safety approval Load UL&CUR NO:40A/240VAC 30A/277VAC NC: 30A/240VAC 20A/277VAC 2HP 250VAC 1 1 HP 250VAC TV-5 2
HP:A 1HP/16AFLA/120VAC 2HP/12AFLA/240VAC B 30LRA/10AFLA/120VAC 30LRA/10AFLA/240VAC
TV NO: 40A/240VAC 14VDC NC: 30A/240VAC 14VDC Insulation B-class F-class
CQC NO: 30A/240VAC NC: 20A/240VAC
Insulation
B-class F-class
Reference Data


▲Up To Search▲   

 
Price & Availability of NT90THCEDC110VC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X