Part Number Hot Search : 
B7720 V48C1 KBU80 0402B ZFXXX TL494CPW SMA33 AD8210
Product Description
Full Text Search
 

To Download NR8300FP-CC-AZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEC's 30 m
InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
FEATURES
* SMALL DARK CURRENT: ID = 5 nA * SMALL TERMINAL CAPACITANCE: CT = 0.35 pF at 0.9 VBR * HIGH QUANTUM EFFICIENCY: = 90% at = 1310 nm, M = 1 = 77% at = 1550 nm, M = 1 * HIGH SPEED RESPONSE: fc = 2.5 GHz at M = 10 * DETECTING AREA SIZE: 30 m * COAXIAL MODULE WITH SINGLE MODE FIBER (SM-9/125)
NR8300FP-CC
DESCRIPTION
NEC'S NR8300FP-CC is an InGaAs avalanche photo diode module with single mode fiber. It is designed for optical test instruments, especially OTDR systems.
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25C, unless otherwise specified)
PART NUMBER SYMBOLS VBR ID IDM Ct fC S M X F ORL Note: 1. = TC > - VBR < 25C> 2. F = MX PARAMETERS AND CONDITIONS Reverse Breakdown Voltage, ID = 100 A Temperature Coefficient of Reverse Breakdown Voltage1 Dark Current, VR = VBR x 0.9 Multiplied Dark Current, M = 2 to 10 Terminal Capacitance, VR = VBR x 0.9, f = 1 MHz Cut-off Frequency, M = 10 Quantum Efficiency, = 1310 nm, M = 1 = 1550 nm, M = 1 Responsivity, = 1310 nm, M = 1 = 1550 nm, M = 1 Multiplication Factor, = 1310 nm, IPO = 1.0 A, VR = V (at ID = 1 A) Excess Noise Factor2, = 1310 nm, 1 550 nm, IPO = 1.0 A, M = 10, f = 35 MHz, B = 1 MHz Optical Return Loss, SMF VBR < 25C + TC > - VBR < 25C> dB 30 UNITS V %/C nA nA pF GHz % A/W 2.5 76 65 0.80 0.81 30 90 77 0.94 0.96 40 0.7 5 MIN 50 NR8300FP-CC TYP 70 0.2 5 1 0.35 25 5 0.60 MAX 100
M
California Eastern Laboratories
NR8300FP-CC ABSOLUTE MAXIMUM RATINGS1
(TC = 25C, unless otherwise specified) SYMBOLS IF IR TC TSTG TSOL RH PARAMETERS Forward Current Reverse Current Operating Case Temp. Storage Temperature Lead Soldering Temp. Relative Humidity (noncondensing) UNITS mA mA C C C % RATINGS 10 0.5 -40 to +85 -40 to +85 260 (10 sec.) 85
Note: 1. Operation in excess of any one of these parameters may result in permanent damage.
TYPICAL PERFORMANCE CURVES (TC = 25C, unless otherwise specified)
WAVELENGTH DEPENDENCE OF QUANTUM EFFICIENCY
TEMPERATURE DEPENDENCE OF RESPONSIVITY
Responsivity (Relative Value), S/S (%)
100
10 = 1 300 nm
Quantum Efficiency, (%)
80
60
0
40
20
0 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7
-10 -60
-40
-20
0
20
40
60
80
100
Wavelength, (m)
Case Temperature, TC (C)
DARK CURRENT AND PHOTO CURRENT vs. REVERSE VOLTAGE
DARK CURRENT vs. REVERSE VOLTAGE
10 -6
Dark Current, Photo Current, ID, IPH (A)
10 -3 10 -4 10 -5 10 -6 10 -7 10 -8
-9
= 1310 nm IPC = 1.0 A
Dark Current, ID (A)
Iph
10 -7
TC = 85C 10 -8
TC = 65C 10
-9
ID
TC = 25C TC = 20C
10
10 -10 0
20
40
60
80
100
10 -10 0
20
40
60
80
100
Reverse Voltage, VR (V)
Reverse Voltage, VR (V)
NR8300FP-CC TYPICAL PERFORMANCE CURVES (TC = 25C)
MULTIPLICATION FACTOR vs. REVERSE VOLTAGE
10 3
10 -6
TEMPERATURE DEPENDENCE OF DARK CURRENT vs. MULTIPLIED DARK CURRENT
Dark Current, Mulitplied Dark Current, ID, IDM (A)
= 1310 nm
Multiplication Factor, M
10 -7
ID at VR = 0.9 V(BR)R
10
2
10 -8
IDM
10 1
TC = 20C TC = 25C TC = 65C
10 -9
10 -10
TC = 85C 10 0
0
20
40
60
80
100
10 -11 -60
-40
-20
0
20
40
60
80
100
Reverse Voltage, VR (V)
Case Temperature, TC (C)
TERMINAL CAPACITANCE vs. REVERSE VOLTAGE
100
2
CUT-OFF FREQUENCY vs. MULTIPLICATION FACTOR
= 1310 nm
Terminal Capacitance, Ct (pF)
Cut-off Frequency, fc (GHz)
1
10 G x B = 50 GHz
0.5
1
0.2
0.1
1
2
5
10
20
50
100
0.1 1 10 100
Reverse Voltage, VR (V)
Multiplication Factor, M
FREQUENCY RESPONSE
= 1310 nm RL = 50 M = 10
EXCESS NOISE FACTOR vs. MULTIPLICATION FACTOR
100 1310 nm ( ), 1550 nm ( f = 35 MHz, B = 1 MHz )
9 6
50
Excess Noise Factor, F
Response (dB)
0.5 0.4 20
3 0 -3 -6 -9
10
5
2
1
0 1.0 2.0 3.0 4.0 5.0
1
2
5
10
20
50
100
Frequency, f (GHz) Remark: The graphs indicate nominal characteristics.
Multiplication Factor, M
NR8300FP-CC OUTLINE DIMENSIONS (Units in mm)
NR8300FP-CC
Optical Fiber Length: 1 m MIN o0.9 o3.20.2
ORDERING INFORMATION
Part Number Flange Type Fiber Type SMF Available Connector With SC-UPC Connector NR8300FP-CC-AZ* Flat Mount Flange
4.00.5
4.00.2
10.51.0
o7.00.2
1.20.2
2.2
3.2
o2.2
o0.450.05 12.70.2 17.00.2
PIN CONNECTIONS
1.00.1 3.70.3
P.C.D. = o2.0
14.01.0
24.71.0
o5.00.2
*NOTE: Please refer to the last page of this data sheet, "Compliance with EU Directives" for Pb-Free RoHS Compliance Infomation.
3.50.5
3 2
7.20.3
1
1. Anod (Negative) 2. Cathode (Positive) 3. Case
OPTICAL FIBER CHARACTERISTICS
PARAMETER Mode Field Diameter Core Diameter Cladding Diameter Maximum Cladding Noncircularity Maximum Core/Cladding Concentricity Outer Diameter Cut-off Wavelength Minimum Fiber Bending Radius Fiber Length Flammability SPECIFICATION UNIT 9.51 m -- m 1252 m 2 % 1.6 % 0.90.1 mm 1100 to 1270 nm 30 mm 1000 Min. mm UL1581 VW-1
SC-UPC Connector Fiber Lengrh: 1000 mm MIN
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
8.990.5 mm
352 mm
02/24/2003
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
3-180
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.
3-181


▲Up To Search▲   

 
Price & Availability of NR8300FP-CC-AZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X