|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET MOS FIELD EFFECT TRANSISTOR NP80N055EHE, NP80N055KHE NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE SWITCHING N-CHANNEL POWER MOS FET DESCRIPTION These products are N-channel MOS Field Effect Transistors designed for high current switching applications. ORDERING INFORMATION PART NUMBER NP80N055EHE-E1-AY NP80N055EHE-E2-AY NP80N055KHE-E1-AY NP80N055KHE-E2-AY Note1, 2 Note1, 2 Note1 Note1 Note1, 2 Note1, 2 Note1 Note1 LEAD PLATING PACKING PACKAGE TO-263 (MP-25ZJ) typ. 1.4 g Pure Sn (Tin) Tape 800 p/reel TO-263 (MP-25ZK) typ. 1.5 g NP80N055CHE-S12-AZ NP80N055DHE-S12-AY NP80N055MHE-S18-AY NP80N055NHE-S18-AY Sn-Ag-Cu Tube 50 p/tube TO-220 (MP-25) typ. 1.9 g TO-262 (MP-25 Fin Cut) typ. 1.8 g TO-220 (MP-25K) typ. 1.9 g TO-262 (MP-25SK) typ. 1.8 g Pure Sn (Tin) Notes 1. Pb-free (This product does not contain Pb in the external electrode.) 2. Not for new design (TO-220) FEATURES * Channel temperature 175 degree rated * Super low on-state resistance RDS(on) = 11 m MAX. (VGS = 10 V, ID = 40 A) * Low input capacitance Ciss = 2400 pF TYP. * Built-in gate protection diode (TO-262) (TO-263) The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. Document No. D14096EJ7V0DS00 (7th edition) Date Published October 2007 NS Printed in Japan 2002, 2007 The mark NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE ABSOLUTE MAXIMUM RATINGS (TA = 25C) Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (Pulse) Note2 Note1 VDSS VGSS ID(DC) ID(pulse) PT PT Tch Tstg 55 20 80 200 1.8 120 175 -55 to +175 45/31/10 2.0/96/100 V V A A W W C C A mJ Total Power Dissipation (TA = 25C) Total Power Dissipation (TC = 25C) Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy Note3 Note3 IAS EAS Notes 1. Calculated constant current according to MAX. allowable channel temperature. 2. PW 10 s, Duty cycle 1% 3. Starting Tch = 25C, VDD = 28 V, RG = 25 , VGS = 20 0 V (See Figure 4.) THERMAL RESISTANCE Channel to Case Thermal Resistance Channel to Ambient Thermal Resistance Rth(ch-C) Rth(ch-A) 1.25 83.3 C/W C/W 2 Data Sheet D14096EJ7V0DS NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE ELECTRICAL CHARACTERISTICS (TA = 25C) CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate to Source Threshold Voltage Forward Transfer Admittance Drain to Source On-state Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge SYMBOL IDSS IGSS VGS(th) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr VDD = 44 V, VGS = 10 V, ID = 80 A IF = 80 A, VGS = 0 V IF = 80 A, VGS = 0 V, di/dt = 100 A/s TEST CONDITIONS VDS = 55 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = VGS, ID = 250 A VDS = 10 V, ID = 40 A VGS = 10 V, ID = 40 A VDS = 25 V, VGS = 0 V, f = 1 MHz VDD = 28 V, ID = 40 A, VGS = 10 V, RG = 1 2.0 12 3.0 30 8.2 2400 380 180 25 13 45 13 40 12 16 1.0 49 90 11 3600 570 330 55 32 91 33 60 MIN. TYP. MAX. 10 10 4.0 UNIT A A V S m pF pF pF ns ns ns ns nC nC nC V ns nC TEST CIRCUIT 1 AVALANCHE CAPABILITY D.U.T. RG = 25 PG. VGS = 20 0 V 50 TEST CIRCUIT 2 SWITCHING TIME D.U.T. L VDD PG. RG VGS RL VDD VDS 90% 90% 10% 10% VGS Wave Form 0 10% VGS 90% BVDSS IAS ID VDD VDS VGS 0 = 1 s Duty Cycle 1% VDS VDS Wave Form 0 td(on) ton tr td(off) toff tf Starting Tch TEST CIRCUIT 3 GATE CHARGE D.U.T. IG = 2 mA PG. 50 RL VDD Data Sheet D14096EJ7V0DS 3 NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE TYPICAL CHARACTERISTICS (TA = 25C) Figure1. DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 140 Figure2. TOTAL POWER DISSIPATION vs. CASE TEMPERATURE dT - Percentage of Rated Power - % PT - Total Power Dissipation - W 100 80 60 40 20 0 0 25 50 75 100 125 150 175 200 TC - Case Temperature - C Figure3. FORWARD BIAS SAFE OPERATING AREA 120 100 80 60 40 20 0 0 25 50 75 100 125 150 175 200 TC - Case Temperature - C Figure4. SINGLE AVALANCHE ENERGY DERATING FACTOR 120 1000 EAS - Single Avalanche Energy - mJ ID(pulse) PW ID - Drain Current - A 100 L n) S(o RD GS = (V d ite im V) 10 ID(DC) Po DC Lim wer ite Dis sip d ati on 10 1m s =1 0 0 100 80 60 40 20 100 mJ 96 mJ s s 10 IAS = 10 A 31 A 45 A 1 TC = 25C Single Pulse 0.1 0.1 1 10 VDS - Drain to Source Voltage - V 100 2.0 mJ 0 25 50 75 100 125 150 175 Starting Tch - Starting Channel Temperature - C Figure5. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1000 rth(t) - Transient Thermal Resistance - C/W 100 Rth(ch-A) = 83.3C/W 10 1 Rth(ch-C) = 1.25C/W 0.1 Single Pulse 0.01 10 100 1m 10 m 100 m 1 10 100 1000 PW - Pulse Width - s 4 Data Sheet D14096EJ7V0DS NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE Figure6. FORWARD TRANSFER CHARACTERISTICS 1000 Pulsed 200 ID - Drain Current - A Figure7. DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 10 TA = -40C 25C 75C 150C 175C ID - Drain Current - A 100 160 120 80 40 VGS =10 V 1 0.1 1 2 3 4 VDS = 10 V 5 6 0 0 Pulsed 1 2 3 4 VGS - Gate to Source Voltage - V VDS - Drain to Source Voltage - V RDS(on) - Drain to Source On-state Resistance - m | yfs | - Forward Transfer Admittance - S Figure8. FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT 100 VDS =10V Pulsed 10 TA = 175C 75C 25C -25C Figure9. DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 50 Pulsed 40 30 20 10 ID = 40 A 1 0.1 0.01 0.01 0.1 1 10 100 0 0 2 4 6 8 10 12 14 16 18 ID - Drain Current - A RDS(on) - Drain to Source On-state Resistance - m VGS - Gate to Source Voltage - V Figure11. GATE TO SOURCE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE Figure10. DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT VGS(off) - Gate to Source Cut-off Voltage - V 30 Pulsed 4.0 VDS = VGS ID = 250 A 20 3.0 2.0 10 VGS = 10 V 1.0 0 0 1 10 100 1000 -50 0 50 100 150 ID - Drain Current - A Tch - Channel Temperature - C Data Sheet D14096EJ7V0DS 5 NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE RDS(on) - Drain to Source On-state Resistance - m Figure12. DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 24 Pulsed 20 16 12 8 4 0 -50 0 50 100 ID = 40 A 150 Tch - Channel Temperature - C VGS = 10 V IF - Diode Forward Current - A Figure13. SOURCE TO DRAIN DIODE FORWARD VOLTAGE 1000 Pulsed 100 VGS = 10 V 0V 10 1 0.1 0 0.5 1.0 1.5 VF(S-D) - Source to Drain Voltage - V td(on), tr, td(off), tf - Switching Time - ns Ciss, Coss, Crss - Capacitance - pF Figure14. CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000 VGS = 0 V f = 1 MHz Ciss 1000 Coss Crss 100 Figure15. SWITCHING CHARACTERISTICS 1000 tf 100 td(off) td(on) tr 10 VDD = 28 V VGS = 10 V RG = 1 1 10 100 ID - Drain Current - A 10 0.1 1 10 100 1 0.1 VDS - Drain to Source Voltage - V Figure16. REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT 1000 trr - Reverse Recovery Time - ns di/dt = 100 A/s VGS = 0 V Figure17. DYNAMIC INPUT/OUTPUT CHARACTERISTICS 80 VDS - Drain to Source Voltage - V 16 14 VGS - Gate to Source Voltage - V 100 60 VDD = 44 V 28 V 11 V VGS 12 10 8 6 40 10 20 VDS ID = 80 A 0 4 2 30 40 1 0.1 1.0 10 100 0 10 20 IF - Diode Forward Current - A QG - Gate Charge - nC 6 Data Sheet D14096EJ7V0DS NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE PACKAGE DRAWINGS (Unit: mm) 1)TO-263 (MP-25ZJ) Note 2)TO-263 (MP-25ZK) 4.8 MAX. 1.3 0.2 No plating 10 TYP. 4 1.0 0.5 8.5 0.2 10.0 0.3 7.88 MIN. 4 1.35 0.3 4.45 0.2 1.3 0.2 8.0 TYP. 9.15 0.3 15.25 0.5 0.025 to 0.25 1 2 3 5.7 0.4 1.4 0.2 0.7 0.2 2.54 TYP. 0 .5R TY P. TY P. 2.54 TYP. R 0.8 0.5 0.2 2.54 0.75 0.2 0.5 0.2 8 0 to 2.8 0.2 1.Gate 2.Drain 3.Source 4.Fin (Drain) 0.25 1 2 3 1.Gate 2.Drain 3.Source 2.5 4.Fin (Drain) 3)TO-220 (MP-25) 3.0 0.3 Note 4)TO-262 (MP-25 Fin Cut) 4.8 MAX. Note 10.6 MAX. 10.0 TYP. 1.0 0.5 3.6 0.2 5.9 MIN. 1.3 0.2 4.8 MAX. 1.3 0.2 10 TYP. 15.5 MAX. 4 1 1.3 0.2 2 3 4 123 6.0 MAX. 1.3 0.2 12.7 MIN. 12.7 MIN. 8.5 0.2 0.75 0.1 2.54 TYP. 0.5 0.2 2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain) 2.8 0.2 0.75 0.3 2.54 TYP. 0.5 0.2 2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain) 2.8 0.2 Note Not for new design 2.54 0.25 Data Sheet D14096EJ7V0DS 7 NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE 5)TO-220 (MP-25K) 6)TO-262 (MP-25SK) 2.8 0.3 1.2 0.3 10.0 0.2 3.8 0.2 4.45 0.2 1.3 0.2 10.0 0.2 4.45 0.2 1.3 0.2 10.1 0.3 15.9 MAX. 6.3 0.3 4 4 3.1 0.2 12 13.7 0.3 3 13.7 0.3 1.27 0.2 0.8 0.1 1.27 0.2 0.8 0.1 3.1 0.3 123 8.9 0.2 0.5 0.2 2.54 TYP. 2.54 TYP. 2.5 0.2 0.5 0.2 2.54 TYP. 2.54 TYP. 2.5 0.2 1.Gate 2.Drain 3.Source 4.Fin (Drain) 1.Gate 2.Drain 3.Source 4.Fin (Drain) EQUIVALENT CIRCUIT Drain Gate Body Diode Gate Protection Diode Source Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device. 8 Data Sheet D14096EJ7V0DS NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE TAPE INFORMATION There are two types (-E1, -E2) of taping depending on the direction of the device. Draw-out side Reel side MARKING INFORMATION NEC 80N055 HE Pb-free plating marking Abbreviation of part number Lot code RECOMMENDED SOLDERING CONDITIONS These products should be soldered and mounted under the following recommended conditions. For soldering methods and conditions other than those recommended below, please contact an NEC Electronics sales representative. For technical information, see the following website. Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html) Soldering Method Infrared reflow MP-25ZJ, MP-25ZK Soldering Conditions Maximum temperature (Package's surface temperature): 260C or below Time at maximum temperature: 10 seconds or less Time of temperature higher than 220C: 60 seconds or less Preheating time at 160 to 180C: 60 to 120 seconds Maximum number of reflow processes: 3 times Maximum chlorine content of rosin flux (percentage mass): 0.2% or less Recommended Condition Symbol IR60-00-3 Wave soldering MP-25, MP-25K, MP-25SK, MP-25 Fin Cut Partial heating MP-25ZJ, MP-25ZK, MP-25K, MP-25SK Partial heating MP-25, MP-25 Fin Cut Maximum temperature (Solder temperature): 260C or below Time: 10 seconds or less Maximum chlorine content of rosin flux: 0.2% (wt.) or less Maximum temperature (Pin temperature): 350C or below Time (per side of the device): 3 seconds or less Maximum chlorine content of rosin flux: 0.2% (wt.) or less Maximum temperature (Pin temperature): 300C or below Time (per side of the device): 3 seconds or less Maximum chlorine content of rosin flux: 0.2% (wt.) or less P300 P350 THDWS Caution Do not use different soldering methods together (except for partial heating). Data Sheet D14096EJ7V0DS 9 NP80N055EHE, NP80N055KHE, NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE * The information in this document is current as of October, 2007. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above). M8E 02. 11-1 |
Price & Availability of NP80N055DHE |