Part Number Hot Search : 
33411 RT2512 RT2512 CIT2211 F7205 2N440101 TFP410PA SC101
Product Description
Full Text Search
 

To Download MMBD4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-323 Plastic-Encapsulated Diode
SOT-323
MMBD4148W /BAS16W
FEATURES Power dissipation
SWITCHING DIODE
1. 25 A0. 05
1. 01 R EF
2. 30 A0. 05
PD:
200
mW (Tamb=25)
1. 30 A0. 03 2. 00 A0. 05
Collector current 150 mA IO: Collector-base voltage 75 V VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
Unit: mm
Marking: A2, KA2, KT1
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) R IR
unless otherwise specified)
Test conditions MIN 75 1 0.715 0.855 1 1.25 2 4 MAX UNIT V
IR= 100A VR=75V IF=1mA IF=10mA IF=50mA IF=150mA VR=0V, f=1MHz IF=IR=10mA Irr=0.1xIR
0. 30
A
Forward voltage
VF
V
Diode capacitance Reveres recovery time
CD trr
pF
nS


▲Up To Search▲   

 
Price & Availability of MMBD4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X