Part Number Hot Search : 
JCT6055 SI106 NTE2355 2SC318 100MB AN1164 2SC318 AKD4522
Product Description
Full Text Search
 

To Download MMBD4148SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-23 Plastic-Encapsulated Diodes
MMBD4148A/SE/CC/CA SWITCHING DIODE
FEATURES Power dissipation PD: 350 mW (Tamb=25)
SOT-23
1. 0
0. 95
Forward Current 200 m A IF: Reverse Voltage 100 V ( IR=100A ) VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
2. 4 1. 3
2. 9
1. 9
0. 95
Unit: mm
MMBD4148A Marking: 5H
MMBD4148CA Marking: D6
MMBD4148CC Marking: KD5
MMBD4148SE Marking: D4
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Symbol V(BR) IR VF CD t
unless otherwise specified)
Test conditions MIN 100 75 25 5 1 4 4 MAX UNIT V
IR= 100A IR= 5A VR=25V VR=75V IF=10mA VR=0, f=1MHz IF =10mA, VR=6V IRR=1.0mA, RL=100
0. 4
Reverse voltage Forward Diode voltage
leakage current
nA A
V
capacitance
pF ns
Reverse recovery time
rr


▲Up To Search▲   

 
Price & Availability of MMBD4148SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X