Part Number Hot Search : 
BA3578FS 74AC158 T60013 N7615B 1N5952B T60013 103VDY7X XMEGAC
Product Description
Full Text Search
 

To Download MCH5810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN8194
MCH5810
MCH5810
Features
* *
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
DC / DC Converter Applications
*
Composite type with a P-Channel Sillicon MOSFET (MCH3335) and a Schottky Barrier Diode (SBS011) contained in one package facilitating high-density mounting. [MOSFET] * Low ON-resistance. * Ultrahigh-speed switching. * 4V drive. [SBD] * Short reverse recovery time. * Low forward voltage.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter [MOSFET] Drain-to-Source Voltage Gate-to-Source Voltage(*1) Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature [SBD] Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature VRRM VRSM IO IFSM Tj Tstg 50Hz sine wave, 1 cycle 15 15 150 3 --55 to +125 --55 to +125 V V mA A C C VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Mounted on a ceramic board (900mm2!0.8mm) 1unit --30 --9 --0.4 --1.6 0.6 150 --55 to +125 V V A A W C C Symbol Conditions Ratings Unit
Marking : QK (*1) : When designing a circuit using this product, that this P-channel MOSFET has a gate (oxide film) protection diode connected only between its gate and source.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
12505PE TS IM TB-00001111 No.8194-1/6
MCH5810
Electrical Characteristics at Ta=25C
Parameter [MOSFET] Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage [SBD] Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Reverse Recovery Time VR VF 1 VF 2 IR C trr IR=0.5mA IF=100mA IF=150mA VR=6V VR=10V, f=1MHz IF=IR=100mA, See specified Test Circuit. 15 0.32 0.35 10 10 0.36 0.41 45 V V V A pF ns V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD ID=--1mA, VGS=0 VDS=--30V, VGS=0 VGS=--8V, VDS=0 VDS=--10V, ID=-100A VDS=--10V, ID=-0.2A ID=--0.2A, VGS=-4.5V ID=--0.1A, VGS=-2.5V VDS=--10V, f=1MHz VDS=--10V, f=1MHz VDS=--10V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=--10V, VGS=-4.5V, ID=--0.4A VDS=--10V, VGS=-4.5V, ID=--0.4A VDS=--10V, VGS=-4.5V, ID=--0.4A IS=--0.4A, VGS=0 --0.4 0.2 0.42 1.4 2.0 40 8 4.5 10 5 10 5 0.83 0.25 0.17 --1.0 --1.5 1.8 2.8 --30 --1 --1 --1.4 V A A V S pF pF pF ns ns ns ns nC nC nC V Symbol Conditions Ratings min typ max Unit
Package Dimensions unit : mm 2195
0.25
Electrical Connection
5
0.3 4 5 0.15
4
1 : Gate 2 : Source 3 : Anode 4 : Cathode 5 : Drain
1 2 3
2.1
1.6
0.25
0.65 2.0
(Bottom view)
0.07
3
2
1
Top view
5
4
0.85
1 : Gate 2 : Source 3 : Anode 4 : Cathode 5 : Drain SANYO : MCPH5
1
2
3
(Top view)
No.8194-2/6
MCH5810
Switching Time Test Circuit
[MOSFET]
trr Test Circuit
[SBD]
VIN 0V --4.5V VIN
VDD= --15V
Duty10%
100mA
ID= --0.2A RL=75
PW=10s D.C.1%
10s
G
--5V trr
MCH5810 P.G 50
S
--0.30
ID -- VDS
V
[MOSFET]
--2.0
--0.50 --0.45 --0.40
ID -- VGS
Ta= --25 C 75 C 25 C
100mA
D
VOUT
50
100
10
[MOSFET] VDS= --10V
V
--3 .0
V
--0.25
Drain Current, ID -- A
0V
--3. 5
--2
V
.5
Drain Current, ID -- A
--6. --4.5V 0V --4.
--0.20
--0.35 --0.30 --0.25 --0.20
--0.15
VGS= --1.5V
--0.10
25
--0.05 0 0 --0.1 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0 0 0 --0.5
--1.0
--25
--1.5
C
--0.05
C
--0.10
Ta= 7
5C
--0.15
--2.0
--2.5
--3.0
10mA
--3.5 80 100 120 140 IT07656
5.0 4.5
Drain-to-Source Voltage, VDS -- V IT07653 RDS(on) -- VGS [MOSFET] Ta=25C
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 --60
Gate-to-Source Voltage, VGS -- V IT07654 RDS(on) -- Ta [MOSFET]
Static Drain-to-Source On-State Resistance, RDS(on) --
4.0
ID= --0.2A
3.5 3.0
Static Drain-to-Source On-State Resistance, RDS(on) --
--0.1A
2.5 2.0 1.5 1.0 0.5 0 0 --1 --2 --3 --4 --5 --6 --7 --8 --9 --10
V --2.5 S= A, VG --0.1 I D= --4.5V S= 2A, VG 0. I D= --
--40
--20
0
20
40
60
Gate-to-Source Voltage, VGS -- V
IT08162
Ambient Temperature, Ta -- C
No.8194-3/6
MCH5810
1.0
yfs -- ID
[MOSFET] VDS= --10V
--1.0 7 5 3 2 --0.1 7 5 3 2
IF -- VSD
[MOSFET] VGS=0
Forward Transfer Admittance, yfs -- S
7 5 3 2
0.1 7 5 3 2
C -25 =C Ta 75
3 2
0.01 --0.001
--0.001 2 3 5 7 --0.01 2 3 5 7 --0.1 2 3
Drain Current, ID -- A
3
5 7 --1.0 IT07657 60
0
--0.2
--0.4
--0.6
Ta=75
--0.01 7 5
C 25C --25C
--0.8 --1.0
C 25
Forward Current, IF -- A
--1.2
--1.4
SW Time -- ID
[MOSFET] VDS= --15V VGS= --4.5V
IT08697 Diode Forward Voltage, VSD -- V Ciss, Coss, Crss -- VDS [MOSFET]
Switching Time, SW Time -- ns
2
50
Ciss, Coss, Crss -- pF
td(off)
10
40
Ciss
td(on)
tf
30
7 5
tr
20
3 2 --0.1
10
Coss Crss
0 --5 --10 --15 --20 --25 --30
0 2 3 5 7 IT08698
Drain Current, ID -- A
--4.5 --4.0 --3.5 --3.0 --2.5 --2.0 --1.5 --1.0 --0.5 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
VGS -- Qg
[MOSFET]
5
Drain-to-Source Voltage, VDS -- V IT08163 RDS(on) -- ID [MOSFET] VGS= --4.5V
Static Drain-to-Source On-State Resistance, RDS(on) --
Gate-to-Source Voltage, VGS -- V
VDS= --10V ID= --400mA
3
2
Ta=75C
25C
--25C
1.0
7
0.8
0.9
5 --0.01
2
3
5
7
--0.1
2
3
5
Total Gate Charge, Qg -- nC
5
IT08944
RDS(on) -- ID
Drain Current, ID -- A
7 --1.0 IT08700
[MOSFET] VGS= --2.5V
3 2 --1.0
ASO
[MOSFET] <10s 10 0 1m s s
10 m
IDP= --1.6A
Static Drain-to-Source On-State Resistance, RDS(on) --
Drain Current, ID -- A
3
7 5 3 2 --0.1 7 5 3 2
ID= --0.4A
Ta=75C
2
DC
op
10
s
--25C
er
0m
ati
s
25C
on
(T a=
Operation in this area is limited by RDS(on).
25
C )
1.0
7 --0.01
2
3
5
7
--0.1
2
3
5
Drain Current, ID -- A
--1.0 IT08165
7
--0.01 --0.1
Ta=25C Single pulse Mounted on a ceramic board (900mm2!0.8mm) 1unit
2 3 5 7 --1.0 2 3 5 7 --10 2 3 5
Drain-to-Source Voltage, VDS -- V
IT08701
No.8194-4/6
MCH5810
0.8
PD -- Ta
[MOSFET]
Allowable Power Dissipation, PD -- W
0.6
M
ou
nte
do
na
ce
0.4
ram
ic
bo
ard
(9
00
0.2
mm
2
!0
.8m
m)
1u
nit
160
0 0 20 40 60 80 100 120 140
Ambient Temperature, Ta -- C
5 3 2
IT08702
IF -- VF
[SBD]
10000 7 5 3 2
IR -- VR
Ta=125C
[SBD]
Forward Current, IF -- mA
Reverse Current, IR -- A
100 7 5
Ta =1 2
5 10 C 0 C 75 C 50 25 C C
3 2 10 7 5 3 2 1.0 7 5 3 0
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 1.0 0 2 4 6
100C
75C
50C
25C
0.1
0.2
0.3
0.4
0.5 IT08703
8
10
12
14
16
Forward Voltage, VF -- V
Average Forward Power Dissipation, PF(AV) -- W
0.6
PF(AV) -- IO
(1)
Reverse Voltage, VR -- V
7 5
IT08704
[SBD]
C -- VR
[SBD]
0.5
Interterminal Capacitance, C -- pF
(1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180
(2) (4) (3)
0.4
3
0.3
2
Rectangular wave
0.2
Sine wave
0.1 180 360 0.1 0.2 0.3 0.4 0.5
360
10 7 5 0.1
0 0
0.6
0.7 IT08705
2
3
5
7 1.0
2
3
5
7
10
2
3
Average Forward Current, IO -- A
Reverse Voltage, VR -- V
IT08706
No.8194-5/6
MCH5810
Note on usage : Since the MCH5810 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of January, 2005. Specifications and information herein are subject to change without notice.
PS No.8194-6/6


▲Up To Search▲   

 
Price & Availability of MCH5810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X