Part Number Hot Search : 
SI7148DP 01N100D 4840N GLZ8N 1N6164US T52C4V UPD72123 PST9136
Product Description
Full Text Search
 

To Download MBRS25100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRS2535CT - MBRS25150CT
25 AMPS. Surface Mount Schottky Barrier Rectifiers D2PAK
Features
For surface mounted application Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: o 260 C/10 seconds at terminals
Mechanical Data
Cases: JEDEC D2PAK molded plastic Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.06 ounce, 1.70 grams Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Type Number
Symbol VRRM VRMS VDC I(AV) IFRM IFSM IRRM
1.0
0.82 0.73 - - 0.75 0.65 - - MBRS MBRS MBRS MBRS MBRS MBRS MBRS 2535 2545 2550 2560 2590 25100 25150 CT CT CT CT CT CT CT
Units
V V V A A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at o TC=130 C Peak Repetitive Forward Current (Rated VR, Square o Wave, 20KHz) at Tc=130 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1)
35 24 35
45 31 45
50 35 50
60 42 60 25 25 200
90 63 90
100 70 100
150 105 150
0.5
0.85 0.75 0.92 0.88 0.95 0.92 1.02 0.98
A
Maximum Instantaneous Forward Voltage at (Note 2) o IF=12.5A, Tc=25 C o IF=12.5A, Tc=125 C VF o IF=25A, Tc=25 C o IF=25A, Tc=125 C o Maximum Instantaneous Reverse Current @ Tc=25 C o IR at Rated DC Blocking Voltage Per Leg @ Tc=125 C (Note 2) Voltage Rate of Change, (Rated VR) dV/dt Maximum Thermal Resistance Per Leg (Note 3) RJC Operating Junction Temperature Range TJ Storage Temperature Range TSTG Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg
V mA mA V/uS
o
0.2 15
0.2 10 10,000 1.0 -65 to +150 -65 to +175
0.1 7.5
0.1 5
C/W o C o C
- 72 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (MBRS2535CT THRU MBRS25150CT)
FIG.1- FORWARD CURRENT DERATING CURVE
30 PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A) 250 Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
24
225
200
18
175
12
150
6
RESISTIVE OR INDUCTIVE LOAD
125
0
0
50
100
o
150
100 1
10 NUMBER OF CYCLES AT 60Hz
100
CASE TEMPERATURE. ( C)
40
FIG.3- TYPICAL INSTANT ANEOUS FORWARD CHARACTERISTICS PER LEG
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
10 INSTANTANEOUS FORWARD CURRENT. (A) Tj=150 0C Pulse Width=300 s 1% Duty Cycle INSTANTANEOUS REVERSE CURRENT. (mA)
10
Tj=125 0C 1
1 Tj=25 0C
Tj=25 0C 0.1
0.1
0.01
MBRS2535CT-MBRS2545CT MBRS2550CT & MBRS2560CT MBRS2590CT & MBRS25150CT 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 0.001 0 20 40
MBRS2535CT-MBRS2545CT MBRS2550CT-MBRS25150CT 60 80 100 120 140
FORWARD VOLT AGE. (V)
PERCENT OF RATED PEAK REVERSE VOLT AGE. (%)
FIG.5- TYPICAL JUNCTION CAPACIT ANCE PER LEG
5,000 TRANSIENT THERMAL IMPEDANCE. ( OC/W) 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
MBRS2535CT-MBRS2545CT MBRS2550CT-MBRS25150CT
JUNCTION CAPACITANCE.(pF) 2,000
0 Tj=25C f=1.0MHz Vsig=50mVp-p
10.0
1,000
500
1
200
100 0.1 0.5 1 5 10 50 100 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: B07


▲Up To Search▲   

 
Price & Availability of MBRS25100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X