Part Number Hot Search : 
79N12 LZ801 01110 CPH6415 KBPC804 GQZ56 PR100 CR100
Product Description
Full Text Search
 

To Download MBRF20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION.
A
MBRF20100CT
SCHOTTKY BARRIER TYPE DIODE
C
Average Output Rectified Current : IO=20A. Repetitive Peak Reverse Voltage : VRRM=100V. Fast Reverse Recovery Time : trr=35ns.
E G B
P
FEATURES
S
DIM A B C D E F
G H J K L M N P Q R H S
K
L
L
R
M D D J
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current (Note) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
)
SYMBOL VRRM IO RATING 100 20 UNIT V
1
MILLIMETERS _ 10.0 + 0.3 _ 15.0 + 0.3 _ 2.70 + 0.3 0.76+0.09/-0.05 _ 3.2 + 0.2 _ 3.0 + 0.3 _ 12.0 + 0.3 0.5+0.1/-0.05 _ 13.6 + 0.5 _ 3.7 + 0.2 1.2+0.25/-0.1 1.5+0.25/-0.1 _ 2.54 + 0.1 _ 6.8 + 0.1 _ 4.5 + 0.2 _ 2.6 + 0.2
0.5 Typ
N
N
F
2
3
Q
1. ANODE 2. CATHODE 3. ANODE
A
IFSM Tj Tstg
100 -40 150 -55 150
A
TO-220IS
Note : average forward current of centertap full wave connection.
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance Note : A value of one cell (Note) (Note) (Note) (Note) SYMBOL VFM IRRM trr Rth(j-c) TEST CONDITION IFM=10A VRRM=Rated IF=1.0A, di/dt=-30A/ Juction to Case MIN. TYP. MAX. 0.85 150 35 3.5 UNIT V A ns /W
2007. 10. 30
Revision No : 1
1/2
MBRF20100CT
IF - VF
30
IR - VR
REVERSE CURRENT IR (A)
100
FORWARD CURRENT IF (A)
10 5.0 3.0
Tj =25 C
10
T j =25 C
1.0
0.1
1.0 0.5 0 0.2 0.4 0.6 0.8 1.0
0.01 0 20 40 60 80 100
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT IF(AV) (A)
25 20 15
DC RATED VOLTAGE APPLIED R JC = 3.5 C/W
AVERAGE FORWARD CURRENT IF(AV) (A)
IF - TC
IF - TA
16
RATED VOLTAGE APPLIED R JA=16 C/W R JA=60 C/W (NO HEAT SINK)
12
8
DC
10 5 0 100
4
DC
0 0 20 40 60 80 100 120 140 160
110
120
130
140
150
160
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
AVERAGE FORWARD POWER DISSIPATION PF(AV) (W)
PF(AV) - IF(AV)
20
15
DC
10
5
0 0 5 10 15 20 25
AVERAGE FORWARD CURRENT IF(AV) (A)
2007. 10. 30
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of MBRF20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X