Part Number Hot Search : 
SMB36 TIP41C07 TIP41C07 2N4400 C1775 LHG35162 SI535 SE094
Product Description
Full Text Search
 

To Download MBR3045PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3020PT~MBR30200PT
30 AMPERES SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency. * High current capability * Guardring for overvlotage protection * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * Component are in compliance with EU RoHS 2002/95/EC directives
.126(3.2) .110(2.8) .050(1.25) .045(1.15) .142(3.6) .125(3.2)
20 to 200 Volts
CURRENT
30 Amperes
TO-3P
Unit: inch (mm)
.640(16.25) .620(15.75)
.199(5.05) .175(4.45)
.087(2.2) .070(1.8)
.600(15.25) .580(14.75)
.839(21.3) .819(20.8)
.095(2.4)
.798(20.25) .777(19.75)
.170(4.3) .145(3.7)
.030(0.75) .017(0.45) .225(5.7) .204(5.2) .225(5.7) .204(5.2)
MECHANICALDATA
Case: TO-3P molded plastic Terminals: solder plated, solderable per MIL-STD-750, Method 2026 Polarity: As marked. Mounting Position: Any Weight: 0.2 ounces, 5.6 grams.
AC Positive CT AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
P A R A M E TE R M a xim um R e curre nt P e a k R e ve rse V o lta g e M a xim um R M S V o lta g e M a xim um D C B lo cking V o lta g e M a xim um A ve ra g e F o rw a rd C urre nt (S e e fig .1 ) P e a k F o rw a rd S urg e C urre nt :8 .3 m s sing le ha lf sine w a ve sup e rim p o se d o n ra te d lo a d (JE D E C m e tho d ) M a xim um F o rw a rd V o lta g e a t 1 5 A , p e r le g M a xim um D C R e ve rse C urre nt Tc= 2 5 O C a t R a te d D C B lo cking V o lta g e T c= 1 2 5 O C Typ ica l T he rm a l R e sista nce O p e ra ting Junctio n Te m p e ra ture R a ng e S to ra g e Te m p e ra ture R a ng e
S YM B O L V RRM V RM S VDC IAV IFSM VF
M BR M BR M BR M BR 3020P T 3030P T 3040P T 3045P T 20 14 20 30 21 30 40 28 40 45 3 1 .5 45
M BR M BR M BR M BR M BR M BR U N IT S 3050P T 3060P T 3080P T 30100P T 30150P T 30200P T 50 35 50 30 200 60 42 60 80 56 80 100 70 100 150 105 150 200 140 200 V V V A A 0 .8 0. 2 9 V
0 .6 5
0 .7 5 0 .1 20 1 .4 -5 0 T O + 1 5 0 -5 0 T O + 1 7 5
IR R JC TJ TSTG
mA
O
C /W
O
C C
O
Notes : Both Bonding and Chip structure are available.
STAD-DEC.22.2006
PAGE . 1
MBR3020PT~MBR30200PT
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD CURRENT
40 20,30,40,45V
AVERAGE FORWARD CURRENT
50.0 40.0 30.0 20.0 10.0 0 0
MBR3020PT~MBR3045PT MBR3050PT~MBR30100PT
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
50,60,80,100V
50
100
O
150
CASE TEMPERATURE, C
.4
.5
.6
.7
.8
.9
1.0
1.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANEOUS FORWARD CHARACTERISTIC
10
INSTANTANEOUS REVERSE CURRENT, mA
275 250
TC=125 OC
1.0
PEAK FORWARD SURGE CURRENT,
100
225 200 175 150 125 100 75 50 25 0 1 2 5 10 20 50 100
0.1
TC=75 C
O
0.01
TC=25 OC
0 .001
20
40
60
80
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
STAD-DEC.22.2006
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR3045PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X