Part Number Hot Search : 
7M50V5 HD14027 STK4180 1C101 MBP10 A105K HV9910 2SD0592
Product Description
Full Text Search
 

To Download MBR1060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1020~MBR10100
10 AMPERES SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency. * High current capability * Guardring for overvlotage protection * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. environment substance directive request
.038(0.96) .019(0.50)
20 to 100 Volts
CURRENT
10 Amperes
TO-220AC
Unit : inch (mm)
.419(10.66) .387(9.85) .139(3.55) MIN
.196(5.00) .163(4.16) .054(1.39) .045(1.15)
.269(6.85) .226(5.75)
.624(15.87) .50(12.7)MIN
* Pb free product are available : 99% Sn above can meet Rohs
.177(4.5)MAX
.548(13.93)
.025(0.65)MAX
MECHANICALDATA
Case: TO-220AC molded plastic Terminals: solder plated, solderable per MIL-STD-750, Method 2026 Polarity: As marked. Mounting Position: Any Weight: 0.08 ounces, 2.24 grams.
.1(2.54) .1(2.54)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt ( S e e f i g . 1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 0 A , p e r l e g M a x i m u m D C R e v e r s e C u r r e n t Tc = 2 5 O C a t R a t e d D C B l o c k i ng V o l t a g e T c = 1 2 5 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L VRRM VRMS VDC IAV IFSM VF
MB R1 0 2 0 20 14 20
MB R1 0 3 0 30 21 30
MB R1 0 4 0 40 28 40
MB R1 0 4 5 45 3 1 .5 45 10 150
MB R1 0 5 0 50 35 50
MB R1 0 6 0 60 42 60
MB R1 0 8 0 80 56 80
MB R1 0 1 0 0 100 70 100
U N IT S V V V A A
0 .6 5 0 .1 15 2 - 5 0 TO + 1 5 0 - 5 0 TO + 1 7 5
0 .8
V
IR
mA
RJ C TJ TSTG
O
C/W
O
C C
O
Notes : Both Bonding and Chip structure are available.
REV.0-MAR.30.2005
PAGE . 1
MBR1020~MBR10100
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, Amps
PEAK FORWARD SURGE CURRENT, Amps
25.0 20.0 15.0 10.0 5.0 0 0
240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100
8.3ms Single Half Since-Wave JEDEC Method
MBR1020~MBR1045 MBR1050~MBR10100
50
100
O
150
CASE TEMPERATURE, C
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
40
20,30,40,45V
TC=125 OC
1.0
FORWARD CURRENT, Amps
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
50,60,80,100V
0.1
TC=75 C
O
0.01
TC=25 OC
TJ = 25 C Pulse Width = 300 us 1% Duty Cycle
O
0 .001
20 40 60 80 100
.3
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
.4
.5
.6
.7
.8
.9
1.0
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHRACTERISTICS
REV.0-MAR.30.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR1060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X